Part Number Hot Search : 
MC14554B BR1020 CM2169 Z1SMA62 NJSW036 NPT2021 ES1992 KS24C021
Product Description
Full Text Search
 

To Download P06B03LVG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual p - channel logic level enhancement mode field effect transistor p06b03lv g sop - 8 lead free niko - sem 1 may - 0 4 - 200 5 absolute maximum ratings (t c = 25 c unless otherwise noted) parameters/test conditions symbol limits units drain - source voltage v d s - 30 v gate - source voltage v gs 20 v t c = 25 c - 6 continuous drain current t c = 70 c i d - 5 pulsed drain current 1 i dm - 30 a t c = 25 c 2.5 power dissipation t c = 70 c p d 1 .3 w operating junction & storage temperature range t j , t stg - 55 to 150 lead temperature ( 1 / 16 ? from case for 10 sec.) t l 275 c thermal resistance ratings thermal resistance symbol typical maximum units junction - to - ambient r q ja 62.5 c / w 1 pulse width limited by maximum junction temperature. 2 duty cycle 1 % electrical characteristics (t c = 25 c , unless otherwise noted) limits parameter symbol test conditions min typ max unit static drain - source breakdown voltage v (b r)dss v gs = 0v, i d = - 250 m a - 30 gate threshold voltage v gs(th) v ds = v gs , i d = - 250 m a - 0.9 - 1.5 - 3 v gate - body leakage i gss v ds = 0v, v gs = 20v 100 na v ds = - 24v, v gs = 0v 1 zero gate voltage drain current i dss v ds = - 20v, v gs = 0v, t j = 125 c 10 m a on - state drain current 1 i d(on) v ds = - 5v, v gs = - 10v - 30 a v gs = - 4.5v, i d = - 5a 65 80 drain - source on - state resistance 1 r ds(on) v gs = - 10v, i d = - 6a 40 50 m [ g :gate d :drain s :source product summary v (br)dss r ds(on) i d - 30 50m [ - 6a
dual p - channel logic level enhancement mode field effect transistor p06b03lv g sop - 8 lead free niko - sem 2 may - 0 4 - 200 5 forward transconductance 1 g fs v ds = - 10v, i d = - 6a 16 s dynamic inpu t capacitance c iss 530 output capacitance c oss 135 reverse transfer capacitance c rss v gs = 0v, v ds = - 15v, f = 1mhz 70 pf total gate charge 2 q g 10 14 gate - source charge 2 q gs 2.2 gate - drain charge 2 q gd v ds = 0.5v (br)dss , v gs = - 10v, i d = - 6a 2 nc turn - on delay time 2 t d(on) 5.7 rise time 2 t r v ds = - 15v, r l = 1 [ 10 turn - off delay time 2 t d(off) i d @ - 1a, v gs = - 10v, r gs = 6 [ 18 fall time 2 t f 5 ns source - drain diode ratings and characteristics (t c = 25 c) continuous current i s - 2.1 pulsed current 3 i sm - 4 a forward voltage 1 v sd i f = - 1a, v gs = 0v - 1.2 v reverse recovery time t rr i f = - 5a, dl f /dt = 100a / m s 15.5 ns reverse recovery charge q rr 7.9 nc 1 pulse test : pulse width 300 m sec, duty cycle 2 h . 2 independent of operating temperature. 3 pulse width limited by maximum junction te mperature. remark: the product marked with ?p06b03lv g ?, date code or lot # orders for parts with lead - free plating can be placed using the pxxxxxxg parts name.
dual p - channel logic level enhancement mode field effect transistor p06b03lv g sop - 8 lead free niko - sem 3 may - 0 4 - 200 5 typical characteristics
dual p - channel logic level enhancement mode field effect transistor p06b03lv g sop - 8 lead free niko - sem 4 may - 0 4 - 200 5
dual p - channel logic level enhancement mode field effect transistor p06b03lv g sop - 8 lead free niko - sem 5 may - 0 4 - 200 5 soic - 8 (d) mechanical data mm mm dimension min. typ. max. dimension min. typ. max. a 4.8 4.9 5.0 h 0.5 0.715 0.83 b 3.8 3.9 4.0 i 0.18 0.254 0.25 c 5.8 6.0 6.2 j 0.22 d 0.38 0.445 0.51 k 0 4 8 e 1.27 l f 1.35 1.55 1.75 m g 0.1 0.175 0.25 n


▲Up To Search▲   

 
Price & Availability of P06B03LVG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X