Part Number Hot Search : 
LTI102 1J101 IRFP240R CZRA4743 IRFP240R MAX1600 AP2622GY MSM51
Product Description
Full Text Search
 

To Download NRSS330M100V8X115TRF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leaded ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 50 miniature aluminum electrolytic capacitors radial leads, polarized, new reduced case sizing (further reduced from nrsa series) expanded taping availability nrss series characteristics permissible ripple current (ma rms) at 85 o c and 120hz maximum e.s.r. ( w w w w w ) at 20 o c and 120hz ripple current correction factor 1. temperature factor 2. frequency factor ( e r u t a r e p m e t t n e i b m a o ) c < +0 6 +5 8 e t a r n o i t c e r r o c 7 2 . 1 0 0 . 1 e g n a r e g a t l o v d e t a r c d v 0 0 1 ~ 3 . 6 e g n a r e c n a t i c a p a c 0 0 0 , 0 1 ~ 0 1 m f e g n a r e r u t a r e p m e t g n i t a r e p o c 5 8 + ~ 0 4 - e c n a r e l o t e c n a t i c a p a c + % 0 2 0 2 ( @ t n e r r u c e g a k a e l . x a m o ) c . n i m 1 r e t f a 4 r o v c 3 0 . 0 m r e t a e r g s i r e v e h c i h w , a . n i m 2 r e t f a 3 r o v c 1 0 . 0 m r e t a e r g s i r e v e h c i h w , a n a t . x a m d c 0 2 / z h 0 2 1 @ ) c d v ( . v . w 3 . 6 0 1 6 1 5 2 5 3 0 5 3 6 0 0 1 ) c d v ( . v . s 8 3 1 0 2 2 3 4 4 3 6 9 7 5 2 1 c< 0 0 0 , 1 m f 8 2 . 0 4 2 . 0 0 2 . 0 6 1 . 0 4 1 . 0 2 1 . 0 0 1 . 0 8 0 . 0 0 0 2 , 2 = c m f 0 3 . 0 6 2 . 0 2 2 . 0 8 1 . 0 6 1 . 0 4 1 . 0 0 0 3 , 3 = c m f 2 3 . 0 8 2 . 0 4 2 . 0 0 2 . 0 8 1 . 0 8 1 . 0 0 0 7 , 4 = c m f 4 3 . 0 0 3 . 0 6 2 . 0 2 2 . 0 0 2 . 0 0 0 8 , 6 = c m f 6 3 . 0 2 3 . 0 8 2 . 0 4 2 . 0 0 0 0 , 0 1 = c m f 8 3 . 0 4 3 . 0 0 3 . 0 y t i l i b a t s e r u t a r e p m e t w o l z h 0 2 1 @ o i t a r e c n a d e p m i c 0 2 + z / c 5 2 - z 5 4 3 2 2 2 2 2 c 0 2 + z / c 0 4 - z 2 1 0 1 8 5 4 4 4 4 . v . w d e t a r t a t s e t e f i l d a o l s r u o h 0 0 0 , 2 c 5 8 e g n a h c e c n a t i c a p a c n i h t i w+ e u l a v d e r u s a e m l a i t i n i f o % 0 2 n a t d e u l a v m u m i x a m d e i f i c e p s f o % 0 0 2 n a h t s s e l t n e r r u c e g a k a e l e u l a v m u m i x a m d e i f i c e p s n a h t s s e l t s e t e f i l f l e h s s r u o h 0 0 0 , 1 c 5 8 d a o l o n e g n a h c e c n a t i c a p a c n i h t i w+ e u l a v d e r u s a e m l a i t i n i f o % 0 2 n a t d e u l a v m u m i x a m d e i f i c e p s f o % 0 0 2 n a h t s s e l t n e r r u c e g a k a e l e u l a v m u m i x a m d e i f i c e p s n a h t s s e l ( p a c m ) f ) c d v ( e g a t l o v g n i k r o w 3 . 6 0 1 6 1 5 2 5 3 0 5 3 6 0 0 1 0 1 5 6 2 2 0 0 1 0 3 1 3 3 0 2 1 0 8 1 7 4 0 3 1 0 7 1 0 3 2 0 0 1 0 6 1 0 1 2 0 7 2 0 7 3 0 2 2 0 2 2 0 6 2 0 5 3 0 1 4 0 7 4 0 2 6 0 3 3 0 9 2 0 7 3 0 9 3 0 7 4 0 2 5 0 1 7 0 6 7 0 7 4 0 2 3 0 5 3 0 4 4 0 2 5 0 8 5 0 5 6 0 0 9 0 0 0 1 0 0 0 , 1 0 4 5 0 2 6 0 1 7 0 3 8 0 0 0 1 0 0 1 1 0 0 3 1 0 0 2 , 2 0 0 9 0 7 9 0 5 1 1 0 0 3 1 0 5 5 1 0 0 7 1 0 0 3 , 3 0 5 0 1 0 5 2 1 0 0 4 1 0 5 6 1 0 5 9 1 0 0 2 2 0 0 7 , 4 0 5 3 1 0 0 5 1 0 0 7 1 0 5 0 2 0 0 4 2 0 0 8 , 6 0 0 6 1 0 5 8 1 0 5 1 2 0 5 5 2 0 0 0 , 0 1 0 0 0 2 0 5 3 2 0 0 7 2 ( p a c m ) f ) c d v ( e g a t l o v g n i k r o w 3 . 6 0 1 6 1 5 2 5 3 0 5 3 6 0 0 1 0 1 3 . 3 1 2 2 4 5 . 7 3 0 . 6 3 3 3 0 . 6 2 0 . 4 7 4 4 9 . 4 3 5 . 3 2 8 . 2 0 0 1 2 3 . 3 2 3 . 2 6 6 . 1 3 3 . 1 0 2 2 1 8 . 1 1 5 . 1 6 0 . 1 0 9 . 0 5 7 . 0 0 6 . 0 0 3 3 1 2 . 1 1 0 . 1 0 8 . 0 0 7 . 0 0 6 . 0 0 5 . 0 0 4 . 0 0 7 4 9 9 . 0 5 8 . 0 1 7 . 0 6 5 . 0 9 4 . 0 2 4 . 0 5 3 . 0 8 2 . 0 0 0 0 , 1 6 4 . 0 0 4 . 0 3 3 . 0 7 2 . 0 3 2 . 0 0 2 . 0 7 1 . 0 0 0 2 , 2 3 2 . 0 0 2 . 0 6 1 . 0 4 1 . 0 2 1 . 0 1 1 . 0 0 0 3 , 3 6 1 . 0 4 1 . 0 2 1 . 0 0 1 . 0 0 9 0 . 0 0 8 0 . 0 0 0 7 , 4 2 1 . 0 1 1 . 0 2 9 0 . 0 8 7 0 . 0 1 7 0 . 0 0 0 8 , 6 8 8 0 . 0 8 7 0 . 0 8 6 0 . 0 9 5 0 . 0 0 0 0 , 0 1 3 6 0 . 0 6 5 0 . 0 0 5 0 . 0 ) z h ( y c n e u q e r f 0 5 0 2 1 0 0 3 k 1 k 0 1 7 4 ~ m f 5 7 . 0 0 0 . 1 5 3 . 1 7 5 . 1 0 0 . 2 0 7 4 ~ 0 0 1 m f 0 8 . 0 0 0 . 1 3 2 . 1 4 3 . 1 0 5 . 1 0 0 0 1 m ~ f 5 8 . 0 0 0 . 1 0 1 . 1 3 1 . 1 5 1 . 1 nrsa nrss (todays standard) (reduced sizes)
leaded ? nic components www.niccomp.com www.lowesr.com www.rfpassives.com 51 miniature aluminum electrolytic capacitors lead spacing and diameter (mm) nrss series standard products and case size table: d f f f f f x l (mm) size (d ? x l) tape and reel nrss 101 m 16v 5x11 series tr capacitance code tolerance code rated voltage dimensions (mm) d ( . a i d e s a c ? ) 5 3 . 6 8 0 1 5 . 2 1 6 1 8 1 2 2 d ( . a i d s d a e l ? ) 5 . 0 5 . 0 6 . 0 6 . 0 6 . 0 8 . 0 8 . 0 8 . 0 ) f ( g n i c a p s d a e l 0 . 2 5 . 2 5 . 3 0 . 5 0 . 5 5 . 7 5 . 7 0 1 . m i d a 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 5 . 0 0 . 1 ( p a c m ) f e d o c ) c d v w ( e g a t l o v g n i k r o w 3 . 6 0 1 6 1 5 2 5 3 0 5 3 6 0 0 1 0 1 0 0 1 1 1 x 3 . 6 2 2 0 2 2 1 1 x 5 5 . 1 1 x 8 3 3 0 3 3 a s r n e e s 1 1 x 5 a s r n e e s 5 . 2 1 x 8 7 4 0 7 4 a s r n e e s 1 1 x 5 a s r n e e s 1 1 x 3 . 6 5 . 2 1 x 0 1 0 0 1 1 0 1 1 1 x 5 a s r n e e s 1 1 x 3 . 6 a s r n e e s 5 . 1 1 x 8 0 2 x 0 1 0 2 2 1 2 2 1 1 x 5 1 1 x 3 . 6 a s r n e e s 5 . 1 1 x 8 5 . 2 1 x 0 1 6 1 x 0 1 5 2 x 5 . 2 1 0 3 3 1 3 3 1 1 x 3 . 6 a s r n e e s 5 . 1 1 x 8 5 . 2 1 x 0 1 6 1 x 0 1 0 2 x 0 1 5 2 x 5 . 2 1 0 7 4 1 7 4 1 1 x 3 . 6 5 . 1 1 x 8 5 . 2 1 x 0 1 6 1 x 0 1 0 2 x 0 1 0 2 x 5 . 2 1 1 3 x 6 1 0 0 0 1 2 0 1 5 . 1 1 x 8 5 . 2 1 x 0 1 6 1 x 0 1 0 2 x 0 1 0 2 x 5 . 2 1 5 2 x 5 . 2 1 5 2 x 6 1 0 0 2 2 2 2 2 6 1 x 0 1 0 2 x 0 1 0 2 x 5 . 2 1 5 2 x 5 . 2 1 5 2 x 6 1 1 3 x 6 1 0 0 3 3 2 3 3 0 2 x 0 1 0 2 x 5 . 2 1 5 2 x 5 . 2 1 5 2 x 6 1 6 3 x 6 1 6 3 x 8 1 0 0 7 4 2 7 4 0 2 x 5 . 2 1 5 2 x 5 . 2 1 5 2 x 6 1 1 3 x 6 1 6 3 x 8 1 0 0 8 6 2 8 6 5 2 x 5 . 2 1 5 2 x 6 1 1 3 x 6 1 6 3 x 8 1 0 0 0 , 0 1 3 0 1 5 2 x 6 1 1 3 x 6 1 6 3 x 8 1 sleeve color: black b = l < 20mm = 1.5mm, l > 20mm = 2.0mm d f 0.05 insulation sleeve f 0.5 d f a 4mm min. 15mm min. l + b max. polarity marking


▲Up To Search▲   

 
Price & Availability of NRSS330M100V8X115TRF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X