Part Number Hot Search : 
UPD16716 DS1345Y 008226 SMUN5214 SI6955 ADR5044 2N6672 TA100
Product Description
Full Text Search
 

To Download NREH3R3M200V63X11F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  79 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com miniature aluminum electrolytic capacitors high voltage, radial leads, polarized features  high voltage (up through 450vdc)  new reduced sizes nre-h series characteristics lead spacing & diameter (mm) standard product and case size table d x l (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com rated voltage range 160 ~ 450vdc capacitance range 0.47 ~ 330 f operating temperature range -40 ~ +85c: 160 ~ 250v or -25 ~ +85c:315 ~ 450v capacitance tolerance 20%(m) max. leakage current @ 20c after 1 min. cv < 1000 f = 0.03cv + 15 a after 2 min. cv > 1000 f = 0.02cv + 25 a max. tan @ 120hz/20c w.v. (vdc) 160 200 250 350 400 450 tan 0.20 0.20 0.20 0.25 0.25 0.25 low temperature stability inpedance ratio @ 120hz z-25c/z+20c 3 3 3 10 12 12 z-40c/z+20c 6 6 6 - - - load life test at rated w.v. +85c 2,000 hours capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value shelf life test 85c 1,000 hours no load capacitance change within 20% of initial measured value tan less than 200% of speci? ed maximum value leakage current less than speci? ed maximum value case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 dim. 1.5 1.5 1.5 1.5 1.5 2.0 2.0 cap. ( f) code working voltage (vdc) 160 200 250 350 400 450 0.47 r47 5x11 5x11 5x11 6.3x11 6.3x11 - 1.0 1r0 5x11 5x11 5x11 6.3x11 8x11.5 8x12.5 2.2 2r2 6.3x11 6.3x11 6.3x11 8x11.5 8x11.5 10x16 3.3 3r3 6.3x11 6.3x11 8x11.5 8x12.5 10x12.5 10x20 4.7 4r7 6.3x11 8x11.5 8x11.5 10x12.5 10x16 12.5x20 10 100 8x11.5 8x12.5 10x12.5 10x16 10x20 12.5x25 22 220 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 33 330 10x20 10x20 12.5x20 12.5x25 16x25 16x31 47 470 12.5x20 12.5x20 12.5x25 16x25 16x31 18x36 68 680 12.5x20 12.5x25 16x25 16x36 16x36 18x41 100 101 12.5x25 16x25 16x31 18x36 18x41 - 150 151 16x31 16x36 18x36 - - - 220 221 16x36 18x36 18x41 - - - 330 331 18x41 - - - - - rohs compliant includes all homogeneous materials *see part number system for details
80 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ? ) +20c/120hz load life hours @ +85c nrehr47m160v5x11f 0.47 160 0.20 10 706 2,000 nreh1r0m160v5x11f 1.0 0.20 21 332 2,000 nreh2r2m160v6.3x11f 2.2 0.20 31 151 2,000 nreh3r3m160v6.3x11f 3.3 0.20 40 101 2,000 nreh4r7m160v6.3x11f 4.7 0.20 55 70.6 2,000 nreh100m160v8x11.5f 10 0.20 90 33.2 2,000 nreh20m160v10x12.5f 22 0.20 153 15.1 2,000 nreh330m160v10x20f 33 0.20 195 10.1 2,000 nreh470m160v12.5x20f 47 0.20 245 7.06 2,000 nreh680m160v12.5x20f 68 0.20 310 4.88 2,000 nreh101m160v12.5x25f 100 0.20 410 3.32 2,000 nreh151m160v16x31f 150 0.20 550 2.21 2,000 nreh221m160v16x36f 220 0.20 745 1.51 2,000 nreh331m160v18x41f 330 0.20 800 1.01 2,000 nrehr47m200v5x11f 0.47 200 0.20 11 706 2,000 nreh1r0m200v5x11f 1.0 0.20 23 332 2,000 nreh2r2m200v6.3x11f 2.2 0.20 34 151 2,000 nreh3r3m200v6.3x11f 3.3 0.20 45 101 2,000 nreh4r7m200v8x11.5f 4.7 0.20 57 70.6 2,000 nreh100m200v8x12.5f 10 0.20 92 33.2 2,000 nreh220m200v10x16f 22 0.20 160 15.1 2,000 nreh330m200v10x20f 33 0.20 210 10.1 2,000 nreh470m200v12.5x20f 47 0.20 250 7.06 2,000 nreh680m200v12.5x25f 68 0.20 325 4.88 2,000 nreh101m200v16x25f 100 0.20 430 3.32 2,000 nreh151m200v16x36f 150 0.20 575 2.21 2,000 nreh221m200v18x36f 220 0.20 760 1.51 2,000 nrehr47m250v5x11f 0.47 250 0.20 12 706 2,000 nreh1r0m250v5x11f 1.0 0.20 25 332 2,000 nreh2r2m250v6.3x11f 2.2 0.20 35 151 2,000 nreh3r3m250v8x11.5f 3.3 0.20 48 101 2,000 nreh4r7m250v8x11.5f 4.7 0.20 58 70.6 2,000 nreh100m250v10x12.5f 10 0.20 94 33.2 2,000 nreh220m250v10x20f 22 0.20 170 15.1 2,000 nreh330m250v12.5x20f 33 0.20 220 10.1 2,000 nreh470m250v12.5x25f 47 0.20 260 7.06 2,000 nreh221m250v16x25f 68 0.20 335 4.88 2,000 nreh101m250v16x31f 100 0.20 432 3.32 2,000 nreh151m250v18x36f 150 0.20 588 2.21 2,000 nreh221m250v18x41f 220 0.20 760 1.51 2,000 nrehr47m350v6.3x11f 0.47 350 0.25 14 882 2,000 nreh1r0m350v6.3x11f 1.0 0.25 29 415 2,000 nreh2r2m350v8x11.5f 2.2 0.25 40 188 2,000 nreh3r3m350v8x12.5f 3.3 0.25 52 126 2,000 nreh4r7m350v10x12.5f 4.7 0.25 67 86.2 2,000 nreh100m350v10x16f 10 0.25 100 41.5 2,000 nreh220m350v12.5x20f 22 0.25 175 18.8 2,000 nreh330m350v12.5x25f 33 0.25 225 12.6 2,000 nreh470m350v16x25f 47 0.25 260 8.82 2,000 nreh680m350v16x36f 68 0.25 340 6.10 2,000 nreh101m350v18x36f 100 0.25 440 4.15 2,000 nrehr47m400v6.3x11f 0.47 400 0.25 14 882 2,000 nreh1r0m400v8x11.5f 1.0 0.25 29 415 2,000 nreh2r2m400v8x11.5f 2.2 0.25 40 188 2,000 nreh3r3m400v10x12.5f 3.3 0.25 52 126 2,000 nreh4r7m400v10x16f 4.7 0.25 67 86.2 2,000 nreh100m400v10x20f 10 0.25 100 41.5 2,000 nreh220m400v12.5x25f 22 0.25 180 18.8 2,000 nreh330m400v16x25f 33 0.25 230 12.6 2,000 nreh470m400v16x31f 47 0.25 270 8.82 2,000 miniature aluminum electrolytic capacitors nre-h series standard product, specifications and case sizes d x l (mm)
81 ? nic components corp. www .niccomp. com www .lowesr. com www .rfpassives. com www .smtmagnetics. com part number cap. ( f) w.v. (vdc)) dissipation factor +20c/120hz ripple current rating (ma) +85c/120hz max. esr ( ? ) +20c/120hz load life hours @ +85c nreh680m400v16x36f 68 400 0.25 345 6.10 2,000 nreh101m400v18x41f 100 0.25 450 4.15 2,000 nreh1r0m450v8x12.5f 1.0 450 0.25 26 415 2,000 nreh2r2m450v10x16f 2.2 0.25 40 188 2,000 nreh3r3m450v10x20f 3.3 0.25 52 126 2,000 nreh4r7m450v12.5x20f 4.7 0.25 67 86.2 2,000 nreh100m450v12.5x25f 10 0.25 100 41.5 2,000 nreh220m450v16x25f 22 0.25 190 18.8 2,000 nreh330m450v16x31f 33 0.25 220 12.6 2,000 nreh470m450v18x36f 47 0.25 245 8.82 2,000 nreh680m450v18x41f 68 0.25 270 6.10 2,000 ripple current frequency correction factor frequency (hz) 120 1k 10k 100k correction factor < 33 f 1.0 1.3 1.45 1.45 >33 f 1.0 1.2 1.30 1.30 nreh 100 m 350v 10x16 f . rohs compliant case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi? cant, third character is multiplier series part number system miniature aluminum electrolytic capacitors nre-h series standard product, specifications and case sizes d x l (mm)


▲Up To Search▲   

 
Price & Availability of NREH3R3M200V63X11F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X