Part Number Hot Search : 
CRA04S MAX168 780208 LB1950 A41181 8108A VAL1Z 3DMXX
Product Description
Full Text Search
 

To Download NRE-FL222M50V18X355F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nre-fl series rated voltage range 6.3 ~ 250vdc capacitance range 0.47 ~ 15,000 f operating temperature range -40c ~ +105c capacitance tolerance 20% (m) maximum leakage current 0.01cv or 3 a whichever is greater after 2 minutes 0.04cv+100 a (after 1 minute) 0.02cv+25 a (after 5 minutes) max. tan at 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 63 100 160 200 250 s.v. (vdc) 8 13 20 32 44 63 79 125 200 250 300 c < 1,000 f 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.08 0.12 0.12 0.12 c = 2,200 f 0.24 0.21 0.18 0.16 0.14 0.12 ----- c = 3,300 f 0.26 0.23 0.20 0.18 0.16 ------ c = 4,700 f 0.28 0.25 0.22 0.20 ------- c = 6,800 f 0.32 0.29 0.26 -------- c = 10,000 f 0.40 0.37 --------- c = 15,000 f 0.50 ---------- low temperature stability impedance ratio @ 120hz z-20c/z+20c 43222222333 z-40c/z+20c 86433333444 case size & voltage hours load life test @ 105c and rated voltage d <6.3mm, 6.3~10v 4000 capacitance within 25% of initial measured value (20% for 160 ~ 250vdc parts) d <6.3mm, 16~100v 5000 d 8mm, 6.3~10v 6000 d 8mm, 16~100v 7000 tan less than 200% of speci ed value d 10mm, 6.3~10v 6000 d 10mm, 16~100v 7000 d 10mm, 160~250v 2000 lc less than speci ed value d >12.5mm, 6.3~10v 8000 d >12.5mm, 16~100v 10000 d >12.5mm, 160~250v 2000 change in characteristics characteristics high temperature, extended load life, radial leads, polarized features ? high voltage (6.3 ~ 250v) ? low impedance at 100khz ? long life at high temperature (up to 10,000 hours) precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials part number system nre-fl 101 m 100v 12.5x20 tb f . rohs compliant tb = tape & box* case size (d x l) working voltage (vdc) tolerance code (m=20%) capacitance code: first 2 characters signi cant, third character is multiplier series *see tape speci cation for details
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nre-fl series part number cap. ( f) w.v. (vdc) max. tan max. lc 2 minutes ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nre-fl101m6.3v5x11f 100 6.3 0.22 6.3 0.90 150 4,000 nre-fl221m6.3v6.3x11f 220 0.22 13.2 0.40 250 4,000 nre-fl331m6.3v6.3x11f 330 0.22 18.9 0.40 250 4,000 nre-fl471m6.3v8x11.5f 470 0.22 29.61 0.25 400 6000 nre-fl102m6.3v10x12.5f 1000 0.22 63 0.16 580 6000 nre-fl222m6.3v12.5x20f 2200 0.24 138.6 0.062 1300 8000 nre-fl332m6.3v12.5x20f 3300 0.26 207.9 0.062 1300 8000 nre-fl472m6.3v16x25f 4700 0.28 296.1 0.034 1850 8000 nre-fl682m6.3v16x25f 6800 0.32 428.4 0.034 1850 8000 nre-fl103m6.3v16x31.5f 10000 0.40 630 0.029 2000 8000 nre-fl153m6.3v18x35.5f 15000 0.50 945 0.025 2200 8000 nre-fl101m10v5x11f 100 10 0.19 10 0.90 150 4,000 nre-fl221m10v6.3x11f 220 0.19 22 0.40 250 4,000 nre-fl331m10v8x11.5f 330 0.19 33 0.25 400 6000 nre-fl471m10v8x11.5f 470 0.19 47 0.25 400 6000 nre-fl102m10v10x16f 1000 0.19 100 0.12 770 6000 nre-fl222m10v12.5x20f 2200 0.21 220 0.062 1300 8000 nre-fl332m10v12.5x25f 3300 0.23 330 0.048 1650 8000 nre-fl472m10v16x25f 4700 0.25 470 0.034 1850 8000 nre-fl682m10v16x31.5f 6800 0.29 680 0.029 2000 8000 nre-fl103m10v18x35.5f 10000 0.37 1000 0.025 2200 8000 cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 63 100 160 200 250 0.47 r47 - - - - - 5x11 - 5x11 - - - 1.0 1r0 - - - - - 5x11 - 5x11 - - - 2.2 2r2 - - - - - 5x11 - 5x11 - - - 3.3 3r3 - - - - - 5x11 - 5x11 - - - 4.7 4r7 - - - - - 5x11 - 5x11 - - - 10 100 - - - - - 5x11 5x11 6.3x11 - - - 22 220 - - - - - 5x11 6.3x11 8x11.5 10x20 10x20 10x20 33 330 - - - 5x11 5x11 6.3x11 6.3x11 10x12.5 12.5x20 12.5x25 12.5x25 47 470 - - 5x11 5x11 6.3x11 6.3x11 8x11.5 10x16 12.5x25 12.5x25 16x25 68 680 - - - - - - - - 12.5x25 16x25 16x31.5 100 101 5x11 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 12.5x20 16x25 16x31.5 16x35.5 150 151 - - - - - - - - 16x31.5 16x35.5 - 220 221 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 16x25 18x35.5 18x35.5 - 330 331 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 16x25 - - - 470 471 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x25 - - - - 1000 102 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 16x31.5 - - - - 2200 222 12.5x20 12.5x20 12.5x25 16x25 16x31.5 18x35.5 - - - - - 3300 332 12.5x20 12.5x25 16x25 16x31.5 18x35.5 - - - - - - 4700 472 16x25 16x25 16x31.5 18x35.5 - - - - - - - 6800 682 16x25 16x31.5 18x35.5 - - - - - - - - 10000 103 16x31.5 18x35.5 - - - - - - - - - 15000 153 18x35.5 - - - - - - - - - - standard product and case size table d x l (mm) lead spacing and diameter (mm) case dia. (d ) 5 6.3 8 10 12.5 16 18 lead dia. (d ) 0.5 0.5 0.6 0.6 0.6 0.8 0.8 lead spacing (f) 2.0 2.5 3.5 5.0 5.0 7.5 7.5 dim. 0.5 0.5 0.5 0.5 0.5 0.5 0.5 dim. l<16mm: 1.5mm, l>20mm: 2.0mm standard product, specifications and case sizes d x l (mm) dimensions (mm) d 0.05 insulation sleeve f 0.5 d 4mm min. 15mm min. l + max. polarity marking drawing is representative of parts as supplied in bulk or straight lead format, please see taping speci cation for details on taped format packaging. - +
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com part number cap. ( f) w.v. (vdc) max. tan max. lc 2 minutes ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nre-fl470m16v5x11f 47 16 0.16 7.52 0.90 150 5000 nre-fl101m16v6.3x11f 100 0.16 16 0.40 250 5000 nre-fl221m16v8x11.5f 220 0.16 35.2 0.25 400 7000 nre-fl331m16v8x11.5f 330 0.16 52.8 0.25 400 7000 nre-fl471m16v10x12.5f 470 0.16 75.2 0.16 580 7000 nre-fl102m16v10x20f 1000 0.16 160 0.078 1050 7000 nre-fl222m16v12.5x25f 2200 0.18 352 0.048 1650 10000 nre-fl332m16v16x25f 3300 0.20 528 0.034 1850 10000 nre-fl472m16v16x31.5f 4700 0.22 752 0.029 2000 10000 nre-fl682m16v18x35.5f 6800 0.26 1088 0.025 2200 10000 nre-fl330m25v5x11f 33 25 0.14 8.25 0.90 150 5000 nre-fl470m25v5x11f 47 0.14 11.75 0.90 150 5000 nre-fl101m25v6.3x11f 100 0.14 25 0.40 250 5000 nre-fl221m25v8x11.5f 220 0.14 55 0.25 400 7000 nre-fl331m25v10x12.5f 330 0.14 82.5 0.16 580 7000 nre-fl471m25v10x16f 470 0.14 117.5 0.12 770 7000 nre-fl102m25v12.5x20f 1000 0.14 250 0.062 1300 10000 nre-fl222m25v16x25f 2200 0.16 550 0.034 1850 10000 nre-fl332m25v16x31.5f 3300 0.18 825 0.029 2000 10000 nre-fl472m25v18x35.5f 4700 0.20 1175 0.025 2200 10000 nre-fl330m35v5x11f 33 35 0.12 11.55 0.90 150 5000 nre-fl470m35v6.3x11f 47 0.12 16.45 0.40 250 5000 nre-fl101m35v8x11.5f 100 0.12 35 0.25 400 7000 nre-fl221m35v10x12.5f 220 0.12 77 0.16 580 7000 nre-fl331m35v10x16f 330 0.12 115.5 0.12 770 7000 nre-fl471m35v10x20f 470 0.12 164.5 0.078 1050 7000 nre-fl102m35v12.5x25f 1000 0.12 350 0.048 1650 10000 nre-fl222m35v16x31.5f 2200 0.14 770 0.029 2000 10000 nre-fl332m35v18x35.5f 3300 0.16 1155 0.025 2200 10000 nre-flr47m50v5x11f 0.47 50 0.10 3 5.5 17 5000 nre-fl1r0m50v5x11f 1.0 0.10 3 4.0 30 5000 nre-fl2r2m50v5x11f 2.2 0.10 3 2.5 43 5000 nre-fl3r3m50v5x11f 3.3 0.10 3 2.2 53 5000 nre-fl4r7m50v5x11f 4.7 0.10 3 1.9 88 5000 nre-fl100m50v5x11f 10 0.10 5 1.5 100 5000 nre-fl220m50v5x11f 22 0.10 11 0.90 150 5000 nre-fl330m50v6.3x11f 33 0.10 16.5 0.40 250 5000 nre-fl470m50v6.3x11f 47 0.10 23.5 0.40 250 5000 nre-fl101m50v8x11.5f 100 0.10 50 0.25 400 7000 nre-fl221m50v10x16f 220 0.10 110 0.12 770 7000 nre-fl331m50v10x20f 330 0.10 165 0.078 1050 7000 nre-fl471m50v12.5x20f 470 0.10 235 0.062 1300 10000 nre-fl102m50v16x25f 1000 0.10 500 0.034 1850 10000 nre-fl222m50v18x35.5f 2200 0.12 1100 0.025 2200 10000 nre-fl100m63v5x11f 10 63 0.09 6.3 2.3 87 5000 nre-fl220m63v6.3x11f 22 0.09 13.86 1.3 140 5000 nre-fl330m63v6.3x11f 33 0.09 20.79 1.2 140 5000 nre-fl470m63v8x11.5f 47 0.09 29.61 0.63 210 7000 nre-fl101m63v10x12.5f 100 0.09 63 0.43 300 7000 nre-fl221m63v10x20f 220 0.09 138.6 0.21 520 7000 nre-fl331m63v12.5x20f 330 0.09 207.9 0.16 660 10000 nre-fl471m63v12.5x25f 470 0.09 296.1 0.12 750 10000 nre-fl102m63v16x31.5f 1000 0.09 630 0.054 1390 10000 standard product, specifications and case sizes d x l (mm) miniature aluminum electrolytic capacitors nre-fl series
201 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors nre-fl series frequency (hz) 120 1k 10k <100k 0.47 ~ 10 f 0.42 0.60 0.80 1.00 22 ~ 33 f 0.55 0.75 0.90 1.00 47 ~ 330 f 0.70 0.85 0.95 1.00 470 ~ 1000 f 0.75 0.90 0.98 1.00 2200 ~ 15000 f 0.80 0.95 1.00 1.00 all 160 ~ 250v parts frequency (hz) 60(50) 120 1k 10k <100k coef cient 0.40 0.50 0.75 0.90 1.00 ripple current frequency correction factor part number cap. ( f) w.v. (vdc) max. tan max. lc 5 minutes ( a) max. impedance max. ripple current at 100khz/105c (ma rms) load life hours @ +105c 100khz/20c nre-flr47m100v5x11f 0.47 100 0.08 3.0 6.0 15 5000 nre-fl1r0m100v5x11f 1.0 0.08 3.0 4.5 20 5000 nre-fl2r2m100v5x11f 2.2 0.08 3.0 3.0 30 5000 nre-fl3r3m100v5x11f 3.3 0.08 3.3 2.7 40 5000 nre-fl4r7m100v5x11f 4.7 0.08 4.7 2.5 65 5000 nre-fl100m100v6.3x11f 10 0.08 10 1.2 140 5000 nre-fl220m100v8x11.5f 22 0.08 22 0.63 160 7000 nre-fl330m100v10x12.5f 33 0.08 33 0.43 230 7000 nre-fl470m100v10x16f 47 0.08 47 0.31 290 7000 nre-fl101m100v12.5x20f 100 0.08 100 0.16 430 10000 nre-fl221m100v16x25f 220 0.08 220 0.073 900 10000 nre-fl331m100v16x25f 330 0.08 330 0.073 900 10000 nre-fl220m160v10x20f 22 160 0.12 70.4 1.0 350 2000 nre-fl330m160v12.5x20f 33 0.12 105.6 0.70 450 2000 nre-fl470m160v12.5x25f 47 0.12 150.4 0.45 600 2000 nre-fl680m160v12.5x25f 68 0.12 217.6 0.45 600 2000 nre-fl101m160v16x25f 100 0.12 320 0.24 950 2000 nre-fl151m160v16x31.5f 150 0.12 480 0.17 1200 2000 nre-fl221m160v18x35.5f 220 0.12 704 0.14 1400 2000 nre-fl220m200v10x20f 22 200 0.12 88 1.0 350 2000 nre-fl330m200v12.5x25f 33 0.12 132 0.55 550 2000 nre-fl470m200v12.5x25f 47 0.12 188 0.44 600 2000 nre-fl680m200v16x25f 68 0.12 272 0.24 950 2000 nre-fl101m200v16x31.5f 100 0.12 400 0.17 1200 2000 nre-fl151m200v16x35.5f 150 0.12 600 0.16 1280 2000 nre-fl221m200v18x35.5f 220 0.12 880 0.14 1400 2000 nre-fl220m250v10x20f 22 250 0.12 110 1.4 300 2000 nre-fl330m250v12.5x25f 33 0.12 165 0.70 450 2000 nre-fl470m250v16x25f 47 0.12 235 0.31 850 2000 nre-fl680m250v16x31.5f 68 0.12 340 0.22 1050 2000 nre-fl101m250v16x35.5f 100 0.12 500 0.18 1200 2000 standard product, specifications and case sizes d x l (mm)
198 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors taping speci cations taping dimensions (mm) taping dimensions (mm) note: anode (+) lead feeds off first. for option of negative ( _ ) lead first, specify ?bn? standard radial taping (5mm lead spacing, formed leads) tb case dia. (d) 10 12.5 case size all all dim. d ?.05 0.6 0.6 h ?.75 19.0 19.0 f +0.8 ~ -0.2 5.0 5.0 p ?.0 25.4* p 0 12.7 ?.2 p 1 3.85 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) *optional taping speci cations 10mm diameter available with p dim. = 12.7mm (p/n suf x: tb12.7mmp) 12.5mm diameter available with p dim. = 15mm, p 1 = 5.0mm, p 0 = 15.0mm & p 2 = 7.5mm (p/n suf x: tb15mmp) case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 5.0 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 3.85 ?.5 (at end of tape) p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) standard radial taping (5mm lead spacing, straight leads) tb p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h h 0 1max t h 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h
199 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com taping dimensions (mm) special straight lead taping tbst special radial taping (2.5mm lead spacing, formed leads) tbf1 case dia. (d) 4 5 6.3 8 case size 4x5 4x7 5x5 5x7 5x11 6.3x5 6.3x7 6.3x11 8x11.5 dim. d ?.05 0.45 0.45 0.5 0.45 0.5 0.6 h ?.75 17.5 17.5 18.5 17.5 18.5 20.0 f +0.8 ~ -0.2 2.0* 2.0 2.0 2.5 2.5 3.5 p ?.0 12.7 ?.2 p 0 12.7 ?.2 p 1 5.1 5.1 5.1 5.1 5.1 4.6 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 2.5 h 0 16.0 ?.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 (at top of can) t 0.7 ?.2 (not including lead) * parts with 4mm diameter are taped with a slight are in the lead and a 2.0mm lead-space. miniature aluminum electrolytic capacitors taping speci cations case dia. (d) 45 case size 4x5 4x7 5x5 5x7 5x11 dim. d ?.05 0.45 0.45 0.5 h ?.75 17.5 17.5 18.5 h 0 ?.5 16.0 - - f 2.5 -02 ~ +0.8 p 12.7 ?.0 p 0 12.7 ?.2 p 1 5.1 ?.5 p 2 6.35 ?.0 w 18.0 ?.5 w 0 11.5 min. w 1 9.0 ?.5 w 2 0 ~ 1.5 i 1.0 max. d 0 4.0 ?.2 h 0 ?.0 t 0.7 ?.2 taping dimensions (mm) 1max t h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w 1 h p 2 p ? d p 1 w 2 w 0 w 0 p 0 f s ? d 0 ? d w h 1max t h h 0
200 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com miniature aluminum electrolytic capacitors radial taped packaging taping speci cations ammo box (tape & box) tb, tbf1, tbst size of box and component quantity *special taping consult factory for availability ammo box dimensions (mm) scored corner l h w label - case dia (d ) or case size q'ty per box (pcs) dim. l dim. h dim. w 4x5, 4x7 2,000 331 175 43 5x5, 5x7 2,000 331 220 43 5x11 2,000 340 255 55 6.3x5, 6.3x7 2,000 331 280 43 6.3x11 2,000 331 280 48 8x11.5, 8x12.5 1,000 335 235 53 10x12.5* 500 335 190 53 10x16* 500 335 300 53 10x20* 500 335 300 55 12.x20* 500 335 300 55 12.5x25* 500 335 300 61


▲Up To Search▲   

 
Price & Availability of NRE-FL222M50V18X355F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X