Part Number Hot Search : 
E1008 ENA1202A SK501 BYT52A 8TRPB MC74ACT 307C1403 002218
Product Description
Full Text Search
 

To Download NASE221M10V63X8NBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nase series features ? cylindrical v-chip construction for surface mounting ? suit for high temperature reflow soldering (up to 260c) ? 2,000 hour load life @ +85c) ? designed for automatic mounting and reflow soldering characteristics low esr component liquid electrolyte for performance data see www.lowesr.com rated voltage rating 6.3 ~ 50vdc rated capacitance range 0.1 ~ 1,000 f operating temp. range -40 ~ +85c capacitance tolerance 20% (m) max. leakage current after 2 miuntes @ 20c 0.01cv or 3 a whichever is greater tan @ 120hz/20c w.v. (vdc) 6.3 10 16 25 35 50 s.v. (vdc) 8.0 13 20 32 44 63 4 ~ 5mm diameter & 6.3x5.5mm 0.26 0.22 0.18 0.16 0.13 0.12 6.3x8mm & 8~10mm diameter 0.35 0.26 0.20 0.16 0.14 0.12 low temperature stability impedance ratio @ 120hz w.v. (vdc) 6.3 10 16 25 35 50 z-25c/z+20c 432222 z-40c/z+20c 884433 load life test @ 85c all case sizes = 2,000 hours capacitance change within 25% of initial measured value tan less than 200% of the speci ed maximum value leakage current less than the speci ed maximum value precautions please review the notes on correct use, safety and precautions found on pages t10 & t11 of nic?s electrolytic capacitor catalog . also found at www.niccomp.com/precautions if in doubt or uncertainty, please review your speci c application - process details with nic?s technical support personnel: tpmg@niccomp.com nase 101 m 16v 6.3x5.5 n b f rohs compliant termination/packaging code (see table) re ow temperature code (see table) size in mm working voltage tolerance code m=20% capacitance code in f, rst 2 digits are signi cant third digit is no. of zeros, ?r? indicates decimal for values under 10 f series part number system cap. ( f) code working voltage (vdc) 6.3 10 16 25 35 50 0.1r10----- 4x5.5 0.22 r22 ----- 4x5.5 0.33 r33 ----- 4x5.5 0.47 r47 ----- 4x5.5 1.01r0----- 4x5.5 2.22r2----- 4x5.5 3.33r3----- 4x5.5 4.7 4r7 - - - 4x5.5 4x5.5 4x5.5 5x5.5 10 100 - - 4x5.5 4x5.5 5x5.5 5x5.5 6.3x5.5 22 220 4x5.5 - 4x5.5 - 6.3x5.5 6.3x5.5 5x5.5 33 330 - 5x5.5 5x5.5 6.3x5.5 6.3x5.5 6.3x8 8x10.5 47 470 5x5.5 - 5x5.5 6.3x5.5 6.3x8 8x10.5 6.3x5.5 10x10.5 100 101 6.3x5.5 6.3x5.5 6.3x5.5 6.3x8 8x10.5 8x10.5 10x10.5 10x10.5 220 221 - 6.3x8 8x10.5 8x10.5 8x10.5 - 10x10.5 10x10.5 330 331 6.3x8 8x10.5 8x10.5 10x10.5 - - 10x10.5 470 471 8x10.5 8x10.5 8x10.5 --- 10x10.5 10x10.5 1000 102 10x10.5 ----- dimensions (mm) and reel quantities case size d0.5 l max. a0.2 b0.2 i0.3 w p0.3 qty/reel 4x5.5 4.0 5.5 4.3 4.3 1.8 0.5~0.8 1.0 1,500 5x5.5 5.0 5.5 5.3 5.3 2.2 0.5~0.8 1.4 1,000 6.3x5.5 6.3 5.5 6.6 6.6 2.7 0.5~0.8 2.2 1,000 6.3x8 6.3 8.0 6.6 6.6 2.7 0.5~0.8 2.2 500 8x10.5 8.0 10.5 8.3 8.3 2.9 0.7~1.1 3.2 300 10x10.5 10.0 10.5 10.3 10.3 3.2 0.8~1.4 4.6 300 0.3mm max. d l + - i i w p a b code peak re ow temperature n 260c l 250c peak reflow temperature codes standard values and case sizes (mm) code finish & reel size b sn-bi finish & 13" reel lb sn-bi finish & 15" reel s 100% sn finish & 13" reel ls 100% sn finish & 15" reel termination finish & packaging options codes sac alloy compatible 230c ~ 260c *see part number system for details pnb s fd il rohs compliant includes all homogeneous materials
7 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com surface mount aluminum electrolytic capacitors nase series nic part number cap. ( f) w.v. (vdc) dissipaton factor (tan ) max. ripple current (ma) +85c/120hz load life hours @ +85c nase220m6.3v4x5.5nbf 22 6.3 0.26 29 2,000 nase470m6.3v5x5.5nbf 47 0.26 46 2,000 nase101m6.3v6.3x5.5nbf 100 0.26 71 2,000 nase331m6.3v6.3x8nbf 330 0.35 190 2,000 nase471m6.3v8x10.5lbf 470 0.35 380 2,000 nase102m6.3v10x10.5lbf 1000 0.35 700 2,000 nase330m10v5x5.5nbf 33 10 0.22 43 2,000 nase101m10v6.3x5.5nbf 100 0.22 71 2,000 nase221m10v6.3x8nbf 220 0.26 175 2,000 nase331m10v8x10.5lbf 330 0.26 330 2,000 nase471m10v8x10.5lbf 470 0.26 380 2,000 nase471m10v10x10.5lbf 470 0.26 680 2,000 nase100m16v4x5.5nbf 10 16 0.18 25 2,000 nase220m16v4x5.5nbf 22 0.18 30 2,000 nase220m16v5x5.5nbf 22 0.18 39 2,000 nase330m16v5x5.5nbf 33 0.18 43 2,000 nase470m16v5x5.5nbf 47 0.18 50 2,000 nase470m16v6.3x5.5nbf 47 0.18 60 2,000 nase101m16v6.3x5.5nbf 100 0.18 86 2,000 nase221m16v8x10.5lbf 220 0.20 290 2,000 nase331m16v8x10.5lbf 330 0.20 330 2,000 nase331m16v10x10.5lbf 330 0.20 670 2,000 nase471m16v8x10.5lbf 470 0.20 385 2,000 nase471m16v10x10.5lbf 470 0.20 690 2,000 nase4r7m25v4x5.5nbf 4.7 25 0.16 18 2,000 nase100m25v4x5.5nbf 10 0.16 25 2,000 nase330m25v6.3x5.5nbf 33 0.16 54 2,000 nase470m25v6.3x5.5nbf 47 0.16 60 2,000 nase101m25v6.3x8nbf 100 0.16 145 2,000 nase221m25v8x10.5lbf 220 0.16 300 2,000 nase221m25v10x10.5lbf 220 0.16 560 2,000 nase331m25v10x10.5lbf 330 0.16 680 2,000 nase4r7m35v4x5.5nbf 4.7 35 0.13 18 2,000 nase100m35v5x5.5nbf 10 0.13 30 2,000 nase220m35v6.3x5.5nbf 22 0.13 48 2,000 nase330m35v6.3x5.5nbf 33 0.13 58 2,000 nase470m35v6.3x8nbf 47 0.14 105 2,000 nase101m35v8x10.5lbf 100 0.14 280 2,000 nase101m35v10x10.5lbf 100 0.14 480 2,000 nase221m35v8x10.5lbf 220 0.14 280 2,000 nase221m35v10x10.5lbf 220 0.14 570 2,000 naser10m50v4x5.5nbf 0.1 50 0.12 1.0 2,000 naser22m50v4x5.5nbf 0.22 0.12 2.0 2,000 naser33m50v4x5.5nbf 0.33 0.12 2.8 2,000 naser47m50v4x5.5nbf 0.47 0.12 4.0 2,000 nase1r0m50v4x5.5nbf 1.0 0.12 8.4 2,000 nase2r2m50v4x5.5nbf 2.2 0.12 14 2,000 nase3r3m50v4x5.5nbf 3.3 0.12 17 2,000 nase4r7m50v4x5.5nbf 4.7 0.12 18 2,000 nase4r7m50v5x5.5nbf 4.7 0.12 22 2,000 nase100m50v5x5.5nbf 10 0.12 30 2,000 nase100m50v6.3x5.5nbf 10 0.12 35 2,000 nase220m50v6.3x5.5nbf 22 0.12 48 2,000 nase330m50v6.3x8nbf 33 0.12 95 2,000 nase330m50v8x10.5lbf 33 0.12 200 2,000 nase470m50v8x10.5lbf 47 0.12 240 2,000 nase470m50v10x10.5lbf 47 0.12 280 2,000 nase101m50v8x10.5lbf 100 0.12 320 2,000 nase101m50v10x10.5lbf 100 0.12 500 2,000 standard values, case sizes and specifications
8 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com frequency 50/60hz 120hz 500hz 1khz 10khz 0.1 ~ 1 f 0.5 1.00 1.20 1.30 1.50 2.2~4.7 0.65 1.00 1.20 1.30 1.50 10~47 0.80 1.00 1.20 1.30 1.50 100~1000 0.80 1.00 1.10 1.15 1.20 ripple current frequency correction factors surface mount aluminum electrolytic capacitors nase series diameter time above 217c peak temperature 5 seconds 4 ~ 6.3mm 60 sec. max. 260c 8 ~ 10mm 60 sec. max. 250c peak reflow temperature and duration time above 217c (see table) 50 100 150 200 time (seconds) temperature - deg. c preheat - 120 seconds max. (150c ~ 180c) peak temperature (see table) 230 case size a b c 4x5.5 1.0 2.6 1.8 5x5.5 1.4 3.0 1.8 6x3x5.5 6.3x8 2.1 3.5 1.8 8x10.5 2.8 4.1 2.1 10x10.5 4.3 4.4 2.2 a c b recommended land pattern dimensions (mm) review & compare re ow soldering heat limits v-chip smt aluminum electrolytic capacitors www.niccomp.com/rsl capacitors can withstand two times reflow at the above conditions. second reflow shall be at least one hour after natural cool to room temperature.
9 nic components corp. www.niccomp.com www.lowesr.com www.rfpassives.com www.smtmagnetics.com carrier tape surface mount aluminum electrolytic capacitors nase series case size a 0.5 b 0.2 c 0.3 d 0.1 p 0.1 t 0.2 4 x 5.5 4.7 4.7 12.0 5.5 8.0 5.8 5 x 5.5 5.7 5.7 12.0 5.5 12.0 5.8 6.3 x 5.5 7.0 7.0 16.0 7.5 12.0 5.8 6.3 x 8 7.0 7.0 16.0 7.5 12.0 8.3 8 x 10.5 8.7 8.7 24.0 11.5 16.0 11.1 10 x 10.5 10.7 10.7 24.0 11.5 16.0 11.2 case size w 1.0 quantity per reel 13" reel 15" reel 4 x 5.5 14.0 1,500 pcs 2,000 pcs 5 x 5.5 14.0 1,000 pcs - 6.3 x 5.5 18.0 1,000 pcs - 6.3 x 8 18.0 500 pcs 900 pcs 8 x 10.5 26.0 300 pcs 500 pcs 10 x 8 26.0 400 pcs 500 pcs tr13 330mm (13") reel tr15 380mm (15") reel taping specifications (mm) 1. both leader and trailer tape: minimum 40mm (1.57") empty carrier tape pockets. 2. leader tape: approximately 20cm of cover tape at leader. 3. connection: maximum 3 connections (slices) per reel. 13 ? 0.5 3.0 0.5 330 or 380 mm 50 ? min. 21 0.8 2.00.5 w reel t a feeding + - 1.5 ? +0.1/- 1.75 d b c 1.5 +0.1/-0 1.75 + 0.15 0.4 + 0.2 4 + 0.1 carrier


▲Up To Search▲   

 
Price & Availability of NASE221M10V63X8NBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X