Part Number Hot Search : 
JANTX2N H2260NL 00393 YBBND 1612B LPBA40L GAA6RO06 YBBND
Product Description
Full Text Search
 

To Download MUR105G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 july, 2006 ? rev. 10 1 publication order number: mur120/d mur120 series preferred devices switchmode  power rectifiers mur105, mur110, mur115, mur120, mur130, mur140, mur160 the mur120 series of switchmode power rectifiers are designed for use in switching power supplies, inverters and as free wheeling diodes. features ? ultrafast 25, 50 and 75 nanosecond recovery times ? 175 c operating junction temperature ? low forward voltage ? low leakage current ? high temperature glass passivated junction ? reverse voltage to 600 v ? shipped in plastic bags; 1,000 per bag ? available tape and reel; 5,000 per reel, by adding a ?rl?? suffix to the part number ? these are pb?free devices* mechanical characteristics: ? case: epoxy, molded ? weight: 0.4 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? polarity: cathode indicated by polarity band *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. preferred devices are recommended choices for future use and best overall value. see detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. ordering information ultrafast rectifiers 1.0 ampere, 50 ? 600 volts http://onsemi.com marking diagram a = assembly location mur1xx = specific device code y = year ww = work week  = pb?free package (note: microdot may be in either location) a mur 1xx yyww   axial lead case 59 style 1
mur120 series http://onsemi.com 2 maximum ratings rating symbol mur unit 105 110 115 120 130 140 160 peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 150 200 300 400 600 v average rectified forward current (square wave mounting method #3 per note 2) i f(av) 1.0 @ t a = 130 c 1.0 @ t a = 120 c a nonrepetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) i fsm 35 a operating junction temperature and storage temperature t j , t stg  65 to +175 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. thermal characteristics characterisic symbol max unit maximum thermal resistance, junction?to?ambient r  ja note 2 c/w electrical characteristics maximum instantaneous forward voltage (note 1) (i f = 1.0 amp, t j = 150 c) (i f = 1.0 amp, t j = 25 c) v f 0.710 0.875 1.05 1.25 v maximum instantaneous reverse current (note 1) (rated dc voltage, t j = 150 c) (rated dc voltage, t j = 25 c) i r 50 2.0 150 5.0  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) (i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a) t rr 35 25 75 50 ns maximum forward recovery time (i f = 1.0 a, di/dt = 100 a/  s, i rec to 1.0 v) t fr 25 50 ns 1. pulse test: pulse width = 300  s, duty cycle 2.0%.
mur120 series http://onsemi.com 3 mur105, mur110, mur115, mur120 figure 1. typical forward voltage v f, instantaneous voltage (volts) 0.3 0.6 0.4 0.8 3.0 0.01 0.03 0.02 0.2 0.1 10 2.0 0.7 0.3 0.05 0.5 5.0 , instantaneous forward current (amps) f 1.3 v r , reverse voltage (volts) 060 40 100 120 100 0.01 0.001 1.0 10 t j = 175 c i r 20 80 200 figure 2. typical reverse current* i f(av) , average forward current (amps) 0 1.0 2.0 3.0 4.0 5.0 p f(av) 0 0.5 1.0 1.5 2.0 2.5 t a , ambient temperature ( c) 050 0 2.0 1.0 3.0 5.0 4.0 i 250 figure 3. current derating (mounting method #3 per note 1) figure 4. power dissipation 0 10 30 50 5.0 10 20 v r , reverse voltage (volts) figure 5. typical capacitance 0.5 0.07 1.0 7.0 1.0 1.2 100 c t j = 175 c 25 c 160 180 140 0.1 , reverse current ( a) 100 c 25 c 150 100 200 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . c, capacitance (pf) , average power dissipation (watts) t j = 25 c i , average forward current (amps) f(av) 30 40 50 7.0 20 t j = 175 c rated v r r  ja = 50 c/w dc square wave  (capacitiveload) i pk i av  20 square wave dc 5.0 10 0.7 0.9 1.1
mur120 series http://onsemi.com 4 mur130, mur140, mur160 figure 6. typical forward voltage v f, instantaneous voltage (volts) 0.3 0.9 0.5 1.3 3.0 0.01 0.03 0.02 0.2 0.1 10 2.0 0.7 0.3 0.05 0.5 5.0 , instantaneous forward current (amps) f 2.3 v r , reverse voltage (volts) 0 200 100 300 400 100 0.01 0.004 1.0 10 t j = 175 c i r 700 figure 7. typical reverse current* i f(av) , average forward current (amps) 0 1.0 2.0 3.0 4.0 5.0 p f(av) 0 0.5 1.0 1.5 2.0 2.5 t a , ambient temperature ( c) 050 0 2.0 1.0 3.0 5.0 4.0 i 250 figure 8. current derating (mounting method #3 per note 2) figure 9. power dissipation 0 5.0 10 20 2.0 10 20 v r , reverse voltage (volts) figure 10. typical capacitance 0.7 0.07 1.0 7.0 1.7 2.1 100 c t j = 175 c 25 c 600 500 0.1 , reverse current ( a) 100 c 25 c 150 100 200 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . c, capacitance (pf) , average power dissipation (watts) t j = 25 c i , average forward current (amps) f(av) 30 40 50 3.0 7.0 t j = 175 c rated v r r  ja = 50 c/w dc square wave  i pk i av  20 square wave dc 5.0 10 1.1 1.5 1.9 400 0.04 4.0 40 0.4 (capacitive load)
mur120 series http://onsemi.com 5 lead length, l mounting method 1/8 1/4 1/2 units 1 2 3 52 67 r  ja 65 72 80 87 50 c/w c/w c/w typical values for r  ja in still air data shown for thermal resistance, junction?to?ambient (r  ja ) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured. note 2. ? ambient mounting data mounting method 1 mounting method 2 mounting method 3
mur120 series http://onsemi.com 6 ordering information device marking package shipping ? mur105 mur105 axial lead* 1000 units / bag MUR105G mur105 axial lead* 1000 units / bag mur105rl mur105 axial lead* 5000 units / tape & reel mur105rlg mur105 axial lead* 5000 units / tape & reel mur110 mur110 axial lead* 1000 units / bag mur110g mur110 axial lead* 1000 units / bag mur110rl mur110 axial lead* 5000 units / tape & reel mur110rlg mur110 axial lead* 5000 units / tape & reel mur115 mur115 axial lead* 1000 units / bag mur115g mur115 axial lead* 1000 units / bag mur115rl mur115 axial lead* 5000 units / tape & reel mur115rlg mur115 axial lead* 5000 units / tape & reel mur120 mur120 axial lead* 1000 units / bag mur120g mur120 axial lead* 1000 units / bag mur120rl mur120 axial lead* 5000 units / tape & reel mur120rlg mur120 axial lead* 5000 units / tape & reel mur130 mur130 axial lead* 1000 units / bag mur130g mur130 axial lead* 1000 units / bag mur130rl mur130 axial lead* 5000 units / tape & reel mur130rlg mur130 axial lead* 5000 units / tape & reel mur140 mur140 axial lead* 1000 units / bag mur140g mur140 axial lead* 1000 units / bag mur140rl mur140 axial lead* 5000 units / tape & reel mur140rlg mur140 axial lead* 5000 units / tape & reel mur160 mur160 axial lead* 1000 units / bag mur160g mur160 axial lead* 1000 units / bag mur160rl mur160 axial lead* 5000 units / tape & reel mur160rlg mur160 axial lead* 5000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
mur120 series http://onsemi.com 7 package dimensions b d k k f f a dim min max min max millimeters inches a 4.10 5.20 0.161 0.205 b 2.00 2.70 0.079 0.106 d 0.71 0.86 0.028 0.034 f ??? 1.27 ??? 0.050 k 25.40 ??? 1.000 ??? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. all rules and notes associated with jedec do?41 outline shall apply 4. polarity denoted by cathode band. 5. lead diameter not controlled within f dimension. axial lead case 59?10 issue u polarity indicator optional as needed (see styles) style 1: pin 1. cathode (polarity band) 2. anode on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mur120/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MUR105G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X