Part Number Hot Search : 
PM6FF BL5608 70N10 NTE5536 EC100 C55VCM21 LC7533 R714X
Product Description
Full Text Search
 

To Download MSK4357ES Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  4707 dey road liverpool, n.y. 13088 m.s.kennedy corp. (315) 701-6751 4357 features: 500v, 28 amp capability ultra low thermal resistance integral free wheeling fast recovery epitaxial diode (fred) self-contained, smart lowside/highside drive circuitry under-voltage lockout, internal 2us deadtime capable of switching frequencies to 25khz isolated case allows direct heat sinking case bolt-down design allows superior heat dissipation contact msk for mil-prf-38534 qualification status mil-prf-38534 certified 28 amp, 500 volt igbt plus diode smart power 3-phase motor drive hybrid equivalent schematic description: the msk 4357 is a 28 amp, 3 phase bridge smart power motor drive hybrid with a 500 volt rating. the output switches are insulated gate bipolar transistors (igbt's) tailored for high switching speeds. the free-wheeling diodes are the new fast recovery epitaxial diodes (fred's) to provide matched current capabilities with the igbt's and are specified with excellent reverse recovery times at high current ratings. this new smart power motor drive hybrid is compatible with 5v cmos or ttl logic levels. the internal circuitry prevents simultaneous turn-on of the in-line half bridge transistors with a built-in 2us deadtime to prevent shoot-through. undervoltage lockout shuts down the bridge when the supply voltage gets to a point of incomplete turn-on of the output switches. the internal high-side power supply derived from the +15 volt supply completely eliminates the need for 3 floating independent power supplies for the high-side drive. av+ a? av- bv+ b? bv- cv+ c? cv-/isense 18 17 16 15 14 13 12 11 10 1 2 3 4 5 6 7 8 9 vcc a?hin a?lin b?hin b?lin c?hin c?lin itrip vss typical applications 3 phase six step dc brushless motor drive or 3 phase sinusoidal induction motor drive pin-out information rev. j 1/10 1
storage temperature range lead temperature range( 10 seconds ) case operating temperature msk4357 msk4357h/e junction temperature -65c to +150c 300c -40c to +85c -55c to +125c +150c output characteristics vc-e on voltage (each igbt) forward voltage (fred flyback diode) reverse recovery time 1 leakage current bias supply characteristics quiescent bias current input signals characteristics positive trigger threshold voltage negative trigger threshold voltage switching characteristics 1 upper drive: turn-on propagation delay turn-off propagation delay turn-on turn-off lower drive: turn-on propagation delay turn-off propagation delay turn-on turn-off dead time minimum pulse width all ratings: tc = +25c unless otherwise specified high voltage supply logic supply continuous output current peak output current thermal resistance (output switches) (junction to case @125c) v + vcc i out i pk jc t st t ld t c t j parameters min. - - - - - - - - - - - - - 2.2 - - - - - - - - - - 300 min. - - - - - - - - - - - - - 2.2 - - - - - - - - - - 300 typ. 2.3 - - 1.7 - - - 34 - - 140 - - - - 659 758 38 60 656 660 35 34 2 - max. 2.8 - - 2.05 - - 180 400 - - 180 - - - 0.8 1000 1000 50 100 1000 1000 50 50 - - msk 4357 2 max. 2.7 2.8 2.7 1.9 1.7 2.15 180 400 1.8 400 180 150 220 - 0.8 1000 1000 50 100 1000 1000 50 50 - - units v v v v v v ns ua ma ua ma ma ma v v ns ns ns ns ns ns ns ns us us electrical specifications absolute maximum rating 1 2 3 1 2 3 - 1 2 3 1 2 3 1,2,3 1,2,3 4 4 4 4 4 4 4 4 - - group a subgroup 5 500v 16v 28a 60a 0.83c/w msk 4357h/e 3 i c =28a i d =28a i d =28a, di / dt =100a/us,v r =350v v + =500v v + =400v v + =500v vcc=15v vcc=15v vcc=15v test conditions v + =270v,vcc=15v,i c =28a v + =270v,vcc=15v,i c =28a rev. j 1/10 2 1 typ. 2.3 2.5 2.3 1.7 1.55 1.8 - 34 1.1 19 140 105 180 - - 659 758 38 60 656 660 35 34 2 - 6 7 1 2 3 4 5 6 7 guaranteed by design but not tested. typical parameters are representative of actual device performance but are for reference only. industrial grade and "e" suffix devices shall be tested to subgroups 1 and 4 unless otherwise specified. military grade devices ("h" suffix) shall be 100% tested to subgroups 1, 2, 3 and 4. subgroups 5 and 6 testing available upon request. subgroup 1, 4 ta = tc = +25c 2, 5 ta = tc = +125c 3, 6 ta = tc = -55c continuous operation at or above absolute maximum ratings may adversly effect the device performance and/or life cycle. when applying power to the device, apply the low voltage followed by the high voltage or alternatively, apply both at the same time. do not apply high voltage without low voltage present. notes:
vcc - is the low voltage supply for all the internal logic and drivers. a 0.1uf ceramic capacitor in parallel with a 10uf tantalum capacitor is recommended bypassing for the vcc- vss pins. vss - is the low voltage supply return pin and the input logic return reference. all logic input and logic output is referenced to this pin. this pin can vary 5v from the av-,bv-,cv-/ isense power return pin without affecting any of the logic functions. a?hin, b?hin, c?hin - are low active logic inputs for signal- ling the corresponding phase high-side switch to turn on. the input levels are 5v cmos or ttl compatible. typical propa- gation delays are around 600ns. a?lin, b?lin, c?lin - are low active inputs for signalling the corresponding phase low-side switch to turn on. the in- put levels are 5v cmos or ttl compatible. typical propaga- tion delays are around 600ns. itrip - i s an analog input pin for sensing current flowing from the av-,bv-,cv-/isense pin through a sense resistor to the high power ground. a 0.485 volt level at this pin with re- spect to vss will signal an overcurrent condition and shut down all output switching. bringing the voltage below this point (100 mv hysteresis) will remove the shutdown condi- tion, and leaving the low-side logic inputs simultaneously high (de-activated) for 10us will restore normal operation. av+,bv+,cv+ - are the connections from the tops of the three half bridges to the high voltage positive rail. connec- tions must be made individually from each pin to the rail, with enough current-handling capability for the load. proper power supply bypassing must be connected to these three pins and the vss connections for proper filtering. this bypassing must be done as close to the hybrid as possible. av-,bv- - are the connections from the bottoms of the a? and b? half bridges to the return of the high voltage negative rail. these pins should be tied to the cv-/isense with as short a connection as possible. cv-/isense - is the connection from the bottom of the c? half bridge to the return of the high voltage negative rail. there should be a connection to av- and bv- here. if there is cur- rent sensing, then a sense resistor should go between this point and the return of the high voltage supply. if no sensing is desired, then this point should connect to vss, the negative rail of the high voltage supply and any high voltage bypass capacitance. a?, b?, c? - are the pins connecting the 3 phase bridge switch outputs. application notes protection msk4357 pin description all logic inputs use a 300ns filter. a pulse width below this will get ignored. vcc voltage below the cutoff level of 8.65 volts will reset all switch outputs off and ignore subsequent logic inputs until vcc is restored. undervoltage lockout of the internal drivers for the high-side switches also occurs at 8.65 volts. this may occur if the high-side output gets switched at greater than 25 khz with- out switching the low-side. the internal power supply for the high-side switch will sag too low for adequate switching. ei- ther slow down the pwm rate or pwm the low-side switches instead. switching a low-side logic input while the corresponding phase high-side logic input is activated will turn off both switches. the opposite condition is also true. this is cross-conduction lockout and will occur any time low and high-side inputs for a phase are activated at the same time. a 2us deadtime is automatically inserted between high and low-side output switching to allow complete turn-off of each switch so no overlap will occur. an overcurrent condition detected by the itrip pin will shut down all output switches until the overcurrent condition is removed and all three low-side logic inputs are held high for 10us, then normal operation will resume. itrip has a 400ns leading edge blanking time after switching to ignore any switching current transients. typical operation - - - - - - - rev. j 1/10 3 example: for 20 amp limit: r-sense = 0.050 ohms r-sense volt = 1 volt r1 = 51.5 ohms r2 = 48.5 ohms figure 1 grounding, bypassing, current sense
typical performance curves rev. j 1/10 4
typical system operation the msk4357 is designed to be used with a +270 volt high voltage bus, +15 volt low power bus, and +5 volt logic signals. proper derating should be applied when designing the msk4357 into a system. high frequency layout techniques with ground planes on a printed circuit board is the only method that should be used for circuit construction. this will prevent pulse jit ter caused by excessive noise pickup on the current sense signal or the error amp signal. ground planes for the low power circuitry and high power circuitry should be kept separate. the connection between the botto m of the current sense resistor, vss pin and the high power ground are connected at this point. this is a critical path, and hig h currents should not be flowing between the current sense and vss. inductance in this path should be kept to a minimum. an rc filter (shown in 2 places) will filter out the current spikes and keep the detected noise for those circuits down to a minimum. in the system shown, two types of current limit are implemented. the first limit is a pwm pulse by pulse limit controlled by the motor controller. a second absolute maximum limit is set up for the msk4357 which will completely shut off the bridge in the event that current limit is exceeded. the logic signals coming from the typical motor controller ic are set up for driving n channel low side and p channel high si de switches directly, and are usually 15 volt levels. provision should be made for getting 5 volt logic signals to the msk4357 of the correct assertion levels. typically, the low side signals out of the controller are high active and the high side are low acti ve. inverters are shown in the system schematic for the low side controller output. rev. j 1/10 5
the information contained herein is believed to be accurate at the time of printing. msk reserves the right to make changes to its products or specifications without notice, however, and assumes no liability for the use of its products. please visit our website for the most recent revision of this datasheet. contact msk for mil-prf-38534 qualification status. mechanical specifications rev. j 1/10 6 all dimensions are 0.010 inches unless otherwise labeled ordering information the above example is a military grade hybrid with leads bent up. m.s. kennedy corp. 4707 dey road liverpool, new york 13088 phone (315) 701-6751 fax (315) 701-6752 www.mskennedy.com msk4357 h u lead configuration s=straight, u=bent up, d=bent down screening blank=industrial, e=extended reliability; h=mil-prf-38534 class h general part number weight= 98.7 grams typical


▲Up To Search▲   

 
Price & Availability of MSK4357ES

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X