Part Number Hot Search : 
FM93C66E ATMEGA64 Q6270 D7N60C3 FIN1017 45TTR SB206 A5800732
Product Description
Full Text Search
 

To Download MC3488A-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dual eia-423/eia-232d line driver the mc3488a dual is singleended line driver has been designed to satisfy the requirements of eia standards eia423 and eia232d, as well as ccitt x.26, x.28 and federal standard fids1030. it is suitable for use where signal wave shaping is desired and the output load resistance is greater than 450 ohms. output slew rates are adjustable from 1.0 m s to 100 m s by a single external resistor. output level and slew rate are insensitive to power supply variations. input undershoot diodes limit transients below ground and output current limiting is provided in both output states. the mc3488a has a standard 1.5 v input logic threshold for ttl or nmos compatibility. ? pnp buffered inputs to minimize input loading ? short circuit protection ? adjustable slew rate limiting ? mc3488a equivalent to 9636a ? output levels and slew rates are insensitive to power supply voltages ? no external blocking diode required for v ee supply ? second source m a9636a simplified application wave shape control ttl logic rs-423 interface mc3488a driver mc3486 three-state receiver on semiconductor  ? semiconductor components industries, llc, 2001 august, 2001 rev. 3 1 publication order number: mc3488a/d device operating temperature range package mc3488a semiconductor technical data dual eia423/eia232d driver ordering information mc3488ap1 mc3488ad t a = 0 to +70 c plastic dip so8 p1 suffix plastic package case 626 d suffix plastic package case 751 (so8) pin connections 5 6 8 7 4 3 1 2 input b input a gnd wave shape output a v cc output b v ee
mc3488a http://onsemi.com 2 maximum ratings (note 1) rating symbol value unit power supply voltages v cc v ee + 15 15 v output current source sink i o+ i o + 150 150 ma operating ambient temperature t a 0 to + 70 c junction temperature range t j 150 c storage temperature range t stg 65 to + 150 c recommended operating conditions characteristic symbol min typ max unit power supply voltages v cc v ee 10.8 13.2 12 12 13.2 10.8 v operating temperature range t a 0 25 70 c wave shaping resistor r ws 10 1000 k w target electrical characteristics (unless otherwise noted, specifications apply over recommended operating conditions) characteristic symbol min typ max unit input voltage low logic state v il 0.8 v input voltage high logic state v ih 2.0 v input current low logic state (v il = 0.4 v) i il 80 m a input current high logic state (v ih = 2.4 v) (v ih = 5.5 v) i ih1 i ih2 10 100 m a input clamp diode voltage (i ik = 15 ma) v ik 1.5 v output voltage low logic state (r l = ) eia423 (r l = 3.0 k w ) eia232d (r l = 450 w ) eia423 v ol 6.0 6.0 6.0 5.0 5.0 4.0 v output voltage high logic state (r l = ) eia423 (r l. = 3.0 k w ) eia232d (r l = 450 w ) eia423 v oh 5.0 5.0 4.0 6.0 6.0 6.0 v output resistance (r l  450 w ) r o 25 50 w output shortcircuit current (note 2) (v in = v out = 0 v) (v in = v ih(min) , v out = 0 v) i osh i osl 150 +15 15 + 150 ma output leakage current (note 3) (v cc = v ee = 0 v, 6.0 v  v o  6.0 v) i ox 100 100 m a power supply currents (r w = 100 k w , r l = , v il  v in  v ih ) i cc i ee 18 + 18 ma notes: 1. devices should not be operated at these values. the  electrical characteristics  provide conditions for actual device operation. 2. one output shorted at a time. 3. no v ee diode required.
mc3488a http://onsemi.com 3 transition times (unless otherwise noted, c l = 30 pf, f = 1.0 khz, v cc = v ee = 12.0 v 10%, t a = 25 c, r l = 450 w . transition times measured 10% to 90% and 90% to 10%) characteristic symbol min typ max unit transition time, lowtohigh state output (r w = 10 k w ) (r w = 100 k w ) (r w = 500 k w ) (r w = 1000 k w ) t tlh 0.8 8.0 40 80 1.4 14 70 140 m s transition time, hightolow state output (r w = 10 k w ) (r w = 100 k w ) (r w = 500 k w ) (r w = 1000 k w ) t thl 0.8 8.0 40 80 1.4 14 70 140 m s 3.0 v 90% 10% 10% 90% t thl note: input rise and fall times (10% to 90%)  10 ns f = 1.0 khz p w = 500 m s pulse generator r l to scope (output) c l (includes probe and jig capacitance) v ee mc3488a v cc to scope (input) r ws 50 0 v v oh input v ol 0 v output t tlh figure 1. test circuit and waveforms for transition times
mc3488a http://onsemi.com 4 transition times, t tlh /t thl ( m s ) 1.0 v in , input voltage (v) 6.0 2.0 1000 2.0 4.0 - 6.0 - 4.0 0 - 2.0 c l = 30 pf v cc = 12 v v ee = -12 v r ws = 100 k w r l = 450 w 1000 100 10 1.0 100 10 0.1 0 1.0 0 c wave shape resistor, r (k ) w w v out , output voltage (v) -50 -10 50 40 -30 0 t a = 25 c v cc = 12 v v ee = -12 v r ws = 100 k w -40 10 -20 20 30 -10 v in = v ih(min) - 4.0 8.0 - 6.0 6.0 v out , output voltage (v) - 8.0 4.0 2.0 0 - 2.0 10 8.0 - 4.0 0.06 0.04 - 0.06 - 0.04 - 0.10 0 - 0.08 0.08 0.10 6.0 - 6.0 10 0.02 v in = 0 v 10 - 2.0 0 2.0 4.0 - 8.0 v cc = v ee = v in = 0 v t a = 25 c (no diode required at v ee pin.) - 0.02 v out , output voltage (v) i out , output current (ma) i out , output current (ma) 100 v cc = 12 v v ee = - 12 v c l = 30 pf t a = 0 c, 70 c t a = 25 c v in = 0 v, v in = v ih i cc v cc = 12v v ee = - 12 v r ws = 100 k w , r l = v in = 0 v 20 0 2.0 4.0 - 12.0 30 10 40 50 t a , ambient temperature ( c) 60 70 - 8.0 6.0 80 0 - 10.0 8.0 10.0 12.0 v in = v ih - 2.0 - 6.0 - 4.0 1m 10 k r ws , wave shaping resistance ( w ) 10 1 100 k , supply current (ma) i xx , rise/fall time (s) t thl t tlh m i ee t a = 25 c 70 c 90 100 figure 2. output transition times versus wave shape resistor value figure 3. input/output characteristics versus temperature figure 4. output current versus output voltage poweron poweroff figure 5. supply current versus temperature figure 6. rise/fall time versus r ws
mc3488a http://onsemi.com 5 package dimensions p1 suffix plastic package case 62605 issue l notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m --- 10 --- 10 n 0.76 1.01 0.030 0.040 
mc3488a http://onsemi.com 6 package dimensions d suffix plastic package case 75107 issue w seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 x y g m y m 0.25 (0.010) z y m 0.25 (0.010) z s x s m 
mc3488a http://onsemi.com 7 notes
mc3488a http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc3488a/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC3488A-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X