Part Number Hot Search : 
S30740 SN431AM AD148IV MV53622 28010 AU6850 AD5201 TAP1213
Product Description
Full Text Search
 

To Download IXGT60N60B2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v ge(th) i c = 250 a, v ce = v ge 3.0 5.0 v i ces v ce = v ces t j = 25 c50 a v ge = 0 v t j = 150 c1ma i ges v ce = 0 v, v ge = 20 v 100 na v ce(sat) i c = 50 a, v ge = 15 v t j = 25 c 1.8 v note 1. symbol test conditions maximum ratings v ces t j = 25 c to 150 c 600 v v cgr t j = 25 c to 150 c; r ge = 1 m ? 600 v v ges continuous 20 v v gem transient 30 v i c25 t c = 25 c (limited by leads) 75 a i c110 t c = 110 c60a i cm t c = 25 c, 1 ms 300 a ssoa v ge = 15 v, t vj = 125 c, r g = 10 ? i cm = 150 a (rbsoa) clamped inductive load @ 600 v p c t c = 25 c 500 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c maximum lead temperature for soldering 300 c 1.6 mm (0.062 in.) from case for 10 s m d mounting torque (m3) 1.13/10 nm/lb.in. weight to-247 ad 6 g to-268 smd 4 g ds99113(11/03) to-268 (ixgt) c (tab) g = gate, c = collector, e = emitter, tab = collector g c e to-247 ad (ixgh) e c (tab) features z medium frequency igbt z square rbsoa z high current handling capability z mos gate turn-on - drive simplicity applications z pfc circuits z uninterruptible power supplies (ups) z switched-mode and resonant-mode power supplies z ac motor speed control z dc servo and robot drives z dc choppers v ces = 600 v i c25 = 75 a v ce(sat) < 1.8 v t fi typ = 100 ns hiperfast tm igbt optimized for 10-25 khz hard switching and up to 100 khz resonant switching g ixgh 60n60b2 ixgt 60n60b2 advance technical data
ixgh 60n60b2 ixgt 60n60b2 inductive load, t j = 25 c i c = 50 a, v ge = 15 v v ce = 400 v, r g = 3.3 ? note 1 inductive load, t j = 125 c i c = 50 a, v ge = 15 v v ce = 400 v, r g = 3.3 ? note 1 to-247 ad outline dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc e ? p to-268 outline min. recommended footprint (dimensions in inches and mm) ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs i c = 50 a; v ce = 10 v, 40 58 s note 1 c ies 3900 pf c oes v ce = 25 v, v ge = 0 v, f = 1 mhz 290 pf c res 100 pf q g 170 nc q ge i c = 50 a, v ge = 15 v, v ce = 0.5 v ces 25 nc q gc 57 nc t d(on) 28 ns t ri 30 ns t d(off) 160 270 ns t fi 100 170 ns e off 1.0 2.5 mj t d(on) 28 ns t ri 36 ns e on 0.6 mj t d(off) 310 ns t fi 240 ns e off 2.8 mj r thjc 0.25 k/w r thck 0.15 k/w notes: 1. pulse test, t < 300 s wide, duty cycle < 2%. ixys reserves the right to change limits, test conditions, and dimensions.
? 2003 ixys all rights reserved fig. 2. extended output characteristics @ 25 deg. c 0 50 100 150 200 250 300 350 012345678 v c e - volts i c - amperes v ge = 15v 13v 5v 7v 9v 11v fig. 3. output characteristics @ 125 deg. c 0 10 20 30 40 50 60 70 80 90 100 0.511.5 22.53 v ce - volts i c - amperes v ge = 15v 13v 11v 5v 7v 9v fig. 1. output characteristics @ 25 deg. c 0 10 20 30 40 50 60 70 80 90 100 0.511.5 22.53 v c e - volts i c - amperes v ge = 15v 13v 11v 7v 5v 9v fig. 4. dependence of v ce(sat) on temperature 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade v c e (s at) - normalized i c = 50a i c = 25a v ge = 15v i c = 100a fig. 5. collector-to-emitter voltage vs. gate-to-emitter voltage 1.3 1.6 1.9 2.2 2.5 2.8 3.1 3.4 3.7 567891011121314151617 v g e - volts v c e - volts t j = 25oc i c = 100a 50a 25a fig. 6. input admittance 0 50 100 150 200 250 300 456 78910 v g e - volts i c - amperes t j = 125oc -40oc t j = 25oc ixgh 60n60b2 ixgt 60n60b2
ixgh 60n60b2 ixgt 60n60b2 fig. 7. transconductance 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 300 i c - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 8. dependence of turn-off energy on r g 1 2 3 4 5 6 7 8 9 10 0 5 10 15 20 25 30 35 40 45 50 r g - ohms e off - millijoules i c = 25a t j = 125oc v ge = 15v v ce = 400v i c = 50a i c = 100a fig. 9. dependence of turn-off en e r g y on i c 0 1 2 3 4 5 6 7 20 30 40 50 60 70 80 90 100 i c - amperes e off - millijoules r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc fig. 10. dependence of turn-off energy on temperature 0 1 2 3 4 5 6 7 25 35 45 55 65 75 85 95 105 115 125 t j - degrees centigrade e off - millijoules i c = 100a r g = 3.3 ? v ge = 15v v ce = 400v i c = 50a i c = 25a fig. 11. dependence of turn-off sw itching tim e on r g 200 300 400 500 600 700 800 900 1000 1100 1200 0 5 10 15 20 25 30 35 40 45 50 r g - ohms switching time - nanosecond i c = 50a t d(off) t fi - - - - - - t j = 125oc v ge = 15v v ce = 400v i c = 25a i c = 100a fig. 12. dependence of turn-off sw itching tim e on i c 50 100 150 200 250 300 350 400 20 30 40 50 60 70 80 90 100 i c - amperes switching time - nanosecond t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v t j = 125oc t j = 25oc
? 2003 ixys all rights reserved fig. 14. gate charge 0 3 6 9 12 15 0 20 40 60 80 100 120 140 160 180 q g - nanocoulombs v g e - volts v ce = 300v i c = 50a i g = 10ma fig. 15. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v c e - volts capacitance - p f c ies c oes c res f = 1 mhz fig. 13. dependence of turn-off sw itching time on temperature 50 100 150 200 250 300 350 25 35 45 55 65 75 85 95 105 115 125 t j - degr ees centigr ade switching time - nanosecond i c = 25a 50a 100a t d(off) t fi - - - - - - r g = 3.3 ? v ge = 15v v ce = 400v i c = 100a 50a 25a fig. 16. maximum transient thermal resistance 0.05 0.075 0.1 0.125 0.15 0.175 0.2 0.225 0.25 0.275 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w) ixgh 60n60b2 ixgt 60n60b2


▲Up To Search▲   

 
Price & Availability of IXGT60N60B2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X