Part Number Hot Search : 
LT1910 POWER 1202E TUSD05CB 707VMM T302021 T0810 AD7534JP
Product Description
Full Text Search
 

To Download ICL7621BESA-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the icl761x?cl764x family of monolithic cmos op amps combine ultra-low input current with low-power operation over a wide supply voltage range. with pin- selectable quiescent currents of 10?, 100?, or 1000? per amplifier, these op amps will operate from ?v to ?v power supplies, or from single supplies from 2v to 16v. the cmos outputs swing to within milli- volts of the supply voltages. the ultra-low bias current of 1pa makes this family of op amps ideal for long time constant integrators, picoammeters, low droop rate sample/hold amplifiers and other applications where input bias and offset cur- rents are critical. a low noise current of 0.01pa hz and an input impedance of 10 12 ? ensure optimum perfor- mance with very high source impedances in such applications as ph meters and photodiode amplifiers. applications battery-powered instruments low-leakage amplifiers long-time constant integrators low-frequency active filters hearing aids and microphone amplifiers low droop rate sample/hold amplifiers picoammeters features  pin-for-pin second source  1pa typical bias current?na (max) at +125?  ?v to ?v wide supply voltage range  industry-standard pinouts  programmable quiescent currents of 10?, 100?, and 1000?  monolithic, low-power cmos design icl761x?cl764x single/dual/triple/quad operational amplifiers ________________________________________________________________ maxim integrated products 1 top view singles?cl7611/12/14/16 to?9 (i o set)* v- 8 7 5 3 1 4 6 2 v+ output offset offset -in +in *external compensation (icl7614) 8-pin dip *pin 7 connected to case out (i o set)* offset in v+ 1 2 8 7 +in v- offset 3 4 6 5 ordering information pin configuration 19-0942; rev 1; 5/06 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or vis it maxim? website at www.maxim-ic.com. icl76xx m n op v os selection temp range pkg code a = 2mv c = 0? to 70? tv= 8-pin to- 99 b = 5mv e = -40? to +85? pa = 8-pin plastic dip c = 10mv m = -55? to +125? sa = 8-pin small so d = 15mv jd = 14-pin cerdip e = 20mv pd = 14-pin plastic dip sd = 14-pin small so je = 16-pin cerdip pe = 16-pin plastic dip se = 16-pin small so we ?16-pin wide so typical operating circuit appears at end of data sheet.
icl761x?cl764x single/dual/triple/quad operational amplifiers 2 _______________________________________________________________________________________ part temp range pin-package icl761x acpa 0? to +70? 8 plastic dip icl761xacsa 0? to +70? 8 slim so icl761xactv 0? to +70? to-99 metal can icl761xamtv -55? to +125? to-99 metal can icl761xbcpa 0? to +70? 8 plastic dip icl761xbcsa 0? to +70? 8 slim so icl761xbctv 0? to +70? to-99 metal can icl761xbesa -40? to +85? 8 slim so icl761xbmtv -55? to +125? to-99 metal can icl761xdcpa 0? to +70? 8 plastic dip icl761xdcsa 0? to +70? 8 slim so icl761xdctv 0? to +70? to-99 metal can icl761xdc/d 0? to +70? dice icl761xdesa -40? to +85? 8 slim so icl7621 acpa 0? to +70? 8 plastic dip icl7621acsa 0? to +70? 8 slim so icl7621actv 0? to +70? to-99 metal can icl7621amtv -55? to +125? to-99 metal can icl7621bcpa 0? to +70? 8 plastic dip part temp range pin-package icl7621bcsa 0? to +70? 8 slim so icl7621bctv 0? to +70? to-99 metal can icl7621bmtv -55? to +125? to-99 metal can icl7621dcpa 0? to +70? 8 plastic dip icl7621dcsa 0? to +70? 8 slim so icl7621dctv 0? to +70? to-99 metal can icl7621dc/d 0? to +70? dice icl7622 acpd 0? to +70? 14 plastic dip icl7622acsd 0? to +70? 14 slim so icl7622acjd 0? to +70? 14 cerdip icl7622amjd -55? to +125? 14 cerdip icl7622bcpd 0? to +70? 14 plastic dip icl7622bcsa 0? to +70? 14 slim so icl7622bcjd 0? to +70? 14 cerdip icl7622bmjd -55? to +125? 14 cerdip icl7622dcpd 0? to +70? 14 plastic dip icl7622dcsd 0? to +70? 14 slim so icl7622dcjd 0? to +70? 14 cerdip icl7622dc/d 0? to +70? dice ordering information (single/dual) note: x above is replaced by: 1, 2, 4, 8. icl7611 icl7612 icl7614 icl7616 icl7621 icl7622 icl7631 icl7632 icl7641 icl7642 compensated x x x x x x x x externally compensated x extended cmvr xx offset null capability xxxx x programmable i q xx x xx fixed i q -10? x fixed i q - 100? xxx fixed i q -1ma x ordering information (continued)
icl761x?cl764x single/dual/triple/quad operational amplifiers _______________________________________________________________________________________ 3 top view singles?cl7611/12/14/16 to?9 (i o set)* v- 8 7 5 3 1 4 6 2 v+ output offset offset -in +in *external compensation (icl7614) 8 lead *pin 7 connected to case out (i o set)* offset -in v+ 1 2 8 7 +in v- offset 3 4 6 5 duals?cl7621/22 to?9 v+ v- 8 7 5 3 1 4 6 2 out b -in b +in b out a -in a +in a 8 lead -inb v+ out a -in a outb 1 2 8 7 +in a v- +inb 3 4 6 5 14 lead note: pins 9 & 13 are internally connected v+ offset a -in a +in a v+ 1 2 14 13 +inb -inb offsetb 6 7 9 outb offsetb 510 n.c. v- 411 out a offset a 312 8 a -+ +- b +- b +- a pin configurations
icl761x?cl764x single/dual/triple/quad operational amplifiers 4 _______________________________________________________________________________________ absolute maximum ratings ( ( s s i i n n g g l l e e / / d d u u a a l l ) ) electrical characteristics (single/dual) (v supp = ?.0v, i q = 10?, t a = +25?, unless otherwise noted.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. total supply voltage (v+ to v-) ...........................................+18v input voltage ........................................(v+ + 0.3v) to (v- - 0.3v) differential input voltage (note 1)......?v+ + 0.3v) to (v- - 0.3v) duration of output short circuit (note 2) ......................unlimited continuous power dissipation (t a = +25?) to-99 metal can (derate 2mw/? above +25?) .......250mw 8-pin minidip (derate 2mw/? above +25?) ..............250mw 14-pin plastic (derate 3mw/? above +25?) .............375mw 14-pin cerdip (derate 4mw/? above +25?)...........500mw 16-pin plastic (derate 3mw/? above +25?) .............375mw 16-pin cerdip (derate 4mw/? above +25?)...........500mw operating temperature ranges: m series .............................................................-55? to +125? e series................................................................-40? to +85? c series .................................................................-0? to +70? storage temperature range ............................-55? to +150? lead temperature (soldering, 10s) ................................+300? icl76xxa icl76xxb parameter symbol conditions min typ max min typ max units r s 100k ? , t a = +25? 25 input offset voltage v os r s 100k ? , t min t a t max 37 mv temperature coefficient of v os ? v os / ? tr s 100k ? 10 15 ?/? t a = +25? 0.5 30 0.5 30 input offset current i os 0? t a +70? 300 300 pa t a = +25? 1.0 50 1.0 50 input bias current i bias 0? t a +70? 500 500 pa common-mode voltage range (except icl7612/ icl7616) v cmr -0.4 +0.6 -0.4 +0.6 v extended common- mode voltage range (icl7612 only) v cmr -1.1 +0.6 -1.1 +0.6 v extended common- mode voltage range (icl7616 only) v cmr i q = 10? -1.3 -0.3 -1.3 -0.3 v r l = 1m ? , t a = +25? ?.98 ?.98 output voltage swing v out r l = 1m ? , 0? t a +70? ?.96 ?.96 v note 1: long-term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time. note 2: the outputs may be shorted to ground or to either supply for v supp 10v. care must be taken to insure that the dissipation rating is not exceeded.
icl761x?cl764x single/dual/triple/quad operational amplifiers _______________________________________________________________________________________ 5 electrical characteristics (single/dual) (continued) (v supp = ?.0v, i q = 10?, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb parameter symbol conditions min typ max min typ max units v o = ?.1v, r l = 1m ? , t a = +25? 90 90 large-signal voltage gain a vol v o = ?.1v, r l = 1m ? , 0? t a +70? 80 80 db unity-gain bandwidth gbw 0.044 0.044 mhz input resistance r in 10 12 10 12 ? common-mode rejection ratio cmrr r s 100k ? 80 80 db power-supply rejection ratio psrr r s 100k ? 80 80 db input-referred noise voltage e n r s = 100 ? , f = 1khz 100 100 nv/ hz input-referred noise current i n r s = 100 ? , f = 1khz 0.01 0.01 pa/ hz supply current (per amplifier) i supp no signal, no load 6 15 6 15 ? slew rate sr a vol = 1, c l = 100pf, v in = 0.2v p-p , r l = 1m ? 0.016 0.016 v/? rise time t r v in = 50mv, c l = 100pf, r l = 1m ? 20 20 ? overshoot factor v in = 50mv, c l = 100pf, r l = 1m ? 55% electrical characteristics (single/dual) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units r s 100k ? , t a = +25? 2515 input offset voltage v os r s 100k ? , t min t a t max 3720 mv temperature coefficient of v os ? v os / ? tr s 100k ? 10 15 25 ?/? t a = +25? 0.5 30 0.5 30 0.5 30 c: 0? t a +70? 300 300 300 e: -40? t a +85? 800 800 800 input offset current i os m: -55? t a +125? 800 800 800 pa
icl761x?cl764x single/dual/triple/quad operational amplifiers 6 _______________________________________________________________________________________ electrical characteristics (single/dual) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units t a = +25? 1.0 50 1.0 50 1.0 50 c: 0? t a +70? 400 400 400 e: -40? t a +85? 4000 4000 4000 input bias current i bias m: -55? t a +125? 4000 4000 4000 pa +4.4 +4.4 +4.4 i q = 10? (note 3) -4.0 -4.0 -4.0 +4.2 +4.2 +4.2 i q = 100? (note 3) -4.0 -4.0 -4.0 +3.7 +3.7 +3.7 common-mode voltage range (except icl7612/ icl7616) v cmr i q = 1ma (note 3) -3.7 -3.7 -3.7 v i q = 10? ?.3 ?.3 ?.3 +5.3 +5.3 +5.3 i q = 100? -5.1 -5.1 -5.1 +5.3 +5.3 +5.3 extended common-mode voltage range (icl7612 only) v cmr i q = 1ma -4.5 -4.5 -4.5 v -5.3 -5.3 -5.3 i q = 10? +3.7 +3.7 +3.5 -5.1 -5.1 -5.1 i q = 100? +3.0 +3.0 +2.7 -4.5 -4.5 -4.5 extended common-mode voltage range (icl7616 only) v cmr i q = 1ma +2.0 +2.0 +1.7 v
icl761x?cl764x single/dual/triple/quad operational amplifiers _______________________________________________________________________________________ 7 electrical characteristics (single/dual) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units t a = +25? ?.9 ?.9 ?.9 c: 0? t a +70? ?.8 ?.8 ?.8 e: -40? t a +85? ?.7 ?.7 ?.7 i q = 10?, r l = 1m ? (note 3) m: -55? t a +125? ?.7 ?.7 ?.7 t a = +25? ?.9 ?.9 ?.9 c: 0? t a +70? ?.8 ?.8 ?.8 e: -40? t a +85? ?.5 ?.5 ?.5 i q = 100?, r l = 100k ? m: -55? t a +125? ?.5 ?.5 ?.5 t a = +25? ?.5 ?.5 ?.5 c: 0? t a +70? ?.3 ?.3 ?.3 e: -40? t a +85? ?.0 ?.0 ?.0 output voltage swing v out i q = 1ma, r l = 10k ? (note 3) m: -55? t a +125? ?.0 ?.0 ?.0 v
icl761x?cl764x single/dual/triple/quad operational amplifiers 8 _______________________________________________________________________________________ icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units t a = +25? 86 104 80 104 80 104 c: 0? t a +70? 80 75 75 e: -40? t a +85? 74 68 68 v o = ?.0v r l = 1m ? , i q = 10? m: -55? t a +125? 74 68 68 t a = +25? 86 102 80 102 80 102 c: 0? t a +70? 80 75 75 e: -40? t a +85? 74 68 68 v o = ?.0v, r l = 100k ? , i q = 100? m: -55? t a +125? 74 68 68 t a = +25? 80 83 76 83 76 83 c: 0? t a +70? 76 72 72 e: -40? t a +85? 72 68 68 large-signal voltage gain a vol v o = ?.0v, r l = 10k ? , i q = 1ma ( note 3 ) m: -55? t a +125? 72 68 68 db electrical characteristics (single/dual) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers _______________________________________________________________________________________ 9 icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units i q = 10? (note 3) 0.044 0.044 0.044 i q = 100? 0.48 0.48 0.48 unity-gain bandwidth gbw i q = 1ma (note 3) 1.4 1.4 1.4 mhz input resistance r in 10 12 10 12 10 12 ? r s 100k ? , i q = 10? (note 3) 76 96 70 96 70 96 r s 100k ? , i q = 100? 76 91 70 91 70 91 common-mode rejection ratio cmrr r s 100k ? , i q = 1ma (note 3) 66 87 60 87 60 87 db r s 100k ? , i q = 10? (note 3) 80 94 80 94 80 94 r s 100k ? , i q = 100? 80 86 80 86 80 86 power-supply rejection ratio psrr r s 100k ? , i q = 1ma (note 3) 70 77 70 77 70 77 db input-referred noise voltage e n r s = 100 ? , f = 1khz 100 100 100 nv/ hz input-referred noise current i n r s = 100 ? , f = 1khz 0.01 0.01 0.01 pa/ hz i q = 10? (note 3) 0.01 0.02 0.01 0.02 0.01 0.02 i q = 100? 0.1 0.25 0.1 0.25 0.1 0.25 supply current (per amplifier) i supp no signal, no load i q = 1ma (note 3) 1.0 2.5 1.0 2.5 1.0 2.5 ma channel separation v o1 / v o2 a vol = 100 120 120 120 db electrical characteristics (single/dual) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers 10 ______________________________________________________________________________________ icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units i q = 10? (note 3), r l = 1m ? 0.016 0.016 0.016 i q = 100?, r l = 100k ? 0.16 0.16 0.16 slew rate (note 4) sr a vol = 1, c l = 100pf, v in = 8v p-p i q = 1ma (note 3), r l = 10k ? 1.6 1.6 1.6 v/? i q = 10? (note 3), r l = 1m ? 20 20 20 i q = 100?, r l = 100k ? 22 2 rise time (note 4) t r v in = 50mv, c l = 100pf i q = 1ma (note 3), r l = 10k ? 0.9 0.9 0.9 ? i q = 10? (note 3), r l = 1m ? 55 5 i q = 100?, r l = 100k ? 10 10 10 overshoot factor (note 4) v in = 50mv, c l = 100pf i q = 1ma (note 3), r l = 10k ? 40 40 40 % electrical characteristics (single/dual) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) note 3: icl7611, icl7612, icl7616 only. note 4: icl7814; 39pf from pin 6 to pin 8.
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 11 top view icl7631/32 16 lead note: pins 5 & 15 are internally connected out i oc set n.c. -ina v+ 1 2 16 15 set i oc +inc v- 6 8 11 -inb v+ -inc 710 i ob set 512 +inb outb 413 outa +ina 314 9 + - a + - a + - c + - b icl7641/42 16 lead wide s.o. outc outd outa -ina -ind 1 2 16 15 -inb n.c. n.c. 6 8 11 +inc inb outb 710 -inc 512 v- v+ 413 +ind +ina 314 9 +- d + - b +- c + - a icl7641/42 14 lead outc outd outa -ina -ind 1 2 16 15 -inb 611 +inc inb outb 710 -inc 512 v- v+ 413 +ind +ina 314 +- d + - b +- c pin configurations ordering information (triple/quad) part temp range pin-package icl763x bcpe 0? to +70? 16 plastic dip icl763xbcse 0? to +70? 16 slim so icl763xccpe 0? to +70? 16 plastic dip icl763xccse 0? to +70? 16 slim so icl763xecpe 0? to +70? 16 plastic dip icl763xecse 0? to +70? 16 slim so icl763xbcje 0? to +70? 16 cerdip icl763xccje 0? to +70? 16 cerdip icl763xecje 0? to +70? 16 cerdip icl763xbmje -55? to +125? 16 cerdip icl763xcmje -55? to +125? 16 cerdip icl763xec/d 0? to +70? dice part temp range pin-package icl764x bcpd 0? to +70? 14 plastic dip icl764xbcwe 0? to +70? 16 wide so icl764xccpd 0? to +70? 14 plastic dip icl764xccwe 0? to +70? 16 wide so icl764xecpd 0? to +70? 14 plastic dip icl764xecwe 0? to +70? 16 wide so icl764xbcjd 0? to +70? 14 cerdip icl764xccjd 0? to +70? 14 cerdip icl764xecjd 0? to +70? 14 cerdip icl764xbmjd -55? to +125? 14 cerdip icl764xcmjd -55? to +125? 14 cerdip icl764xec/d 0? to +70? dice note: x above is replaced by 1, 2.
icl761x?cl764x single/dual/triple/quad operational amplifiers 12 ______________________________________________________________________________________ absolute maximum ratings ( ( t t r r i i p p l l e e / / q q u u a a d d ) ) electrical characteristics (triple/quad) (v supp = ?.0v, i q = 10?, t a = +25?, unless otherwise noted.) (specifications apply to icl7631/7632/7642 only.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. total supply voltage (v+ to v-) ...........................................+18v input voltage ........................................(v+ + 0.3v) to (v- - 0.3v) differential input voltage (note 5).......?(v+ + 0.3v) - (v- - 0.3v) duration of output short circuit (note 6) ......................unlimited continuous power dissipation (t a = +25?) to-99 metal can (derate 2mw/? above +25?) .......250mw 8-pin minidip (derate 2mw/? above +25?) ..............250mw 14-pin plastic (derate 3mw/? above +25?) .............375mw 14-pin cerdip (derate 4mw/? above +25?)...........500mw 16-pin plastic (derate 3mw/? above +25?) .............375mw 16-pin cerdip (derate 4mw/? above +25?)...........500mw operating temperature ranges: m series .............................................................-55? to +125? e series................................................................-40? to +85? c series .................................................................-0? to +70? storage temperature range ............................-55? to +150? lead temperature (soldering, 10s) ................................+300? icl76xxb icl76xxc parameter symbol conditions min typ max min typ max units r s 100k ? , t a = +25? 510 input offset voltage v os r s 100k ? , t min t a t max 712 mv temperature coefficient of v os ? v os / ? tr s 100k ? 15 20 ?/? t a = +25? 0.5 30 0.5 30 input offset current i os 0? t a +70? 300 300 pa t a = +25? 1.0 50 1.0 50 input bias current i bias 0? t a +70? 500 500 pa common-mode voltage range v cmr -0.4 +0.6 -0.4 +0.6 v r l = 1m ? , t a = +25? ?.98 ?.98 output voltage swing v out r l = 1m ? , 0? t a +70? ?.96 ?.96 v v o = ?.1v, r l = 1m ? , t a = +25? 90 90 large-signal voltage gain a vol v o = ?.1v, r l = 1m ? , 0? t a +70? 80 80 db unity-gain bandwidth gbw 0.044 0.044 mhz input resistance r in 10 12 10 12 ? common-mode rejection ratio cmrr r s 100k ? 80 80 db note 5: long-term offset voltage stability will be degraded if large input differential voltages are applied for long periods of time. note 6: the outputs may be shorted to ground or to either supply for v supp 10v. care must be taken to insure that the dissipation rating is not exceeded.
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 13 electrical characteristics (triple/quad) (continued) (v supp = ?.0v, i q = 10?, t a = +25?, unless otherwise noted.) (specifications apply to icl7631/7632/7642 only.) icl76xxb icl76xxc parameter symbol conditions min typ max min typ max units power-supply rejection ratio psrr 80 80 db input-referred noise voltage e n r s = 100 ? , f = 1khz 100 100 nv/ hz input-referred noise current i n r s = 100 ? , f = 1khz 0.01 0.01 pa/ hz supply current (per amplifier) i supp no signal, no load 6 15 6 15 ? channel separation v o1 / v o2 a vol = 100 120 120 db slew rate sr a vol = 1, c l = 100pf, v in = 0.2v p-p , r l = 1m ? 0.016 0.016 v/? rise time t r v in = 50mv, c l = 100pf, r l = 1m ? 20 20 ? overshoot factor v in = 50mv, c l = 100pf, r l = 1m ? 55% electrical characteristics (triple/quad) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units r s 100k ? , t a = +25? 51020 input offset voltage v os r s 100k ? , t min t a t max 71525 mv temperature coefficient of v os ? v os / ? tr s 100k ? 15 20 30 ?/? t a = +25? 0.5 30 0.5 30 0.5 30 c: 0? t a +70? 300 300 300 input offset current i os m: -55? t a +125? 800 800 800 pa t a = +25? 1.0 50 1.0 50 1.0 50 c: 0? t a +70? 500 500 500 input bias current i bias m: -55? t a +125? 4000 4000 4000 pa
icl761x?cl764x single/dual/triple/quad operational amplifiers 14 ______________________________________________________________________________________ electrical characteristics (triple/quad) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units +4.4 +4.4 +4.4 i q = 10? (note 7) -4.0 -4.0 -4.0 +4.2 +4.2 +4.2 i q = 100? (note 9) -4.0 -4.0 -4.0 +3.7 +3.7 +3.7 common-mode voltage range v cmr i q = 1ma (note 8) -3.7 -3.7 -3.7 v t a = +25? ?.9 ?.9 ?.9 c: 0? t a +70? ?.8 ?.8 ?.8 i q = 10?, r l = 1m ? (note 7) m: -55? t a +125? ?.7 ?.7 ?.7 t a = +25? ?.9 ?.9 ?.9 c: 0? t a +70? ?.8 ?.8 ?.8 i q = 100?, r l = 100k ? (note 9) m: -55? t a +125? ?.5 ?.5 ?.5 t a = +25? ?.5 ?.5 ?.5 c: 0? t a +70? ?.3 ?.3 ?.3 output voltage swing v out i q = 1ma, r l = 10k ? (note 8) m: -55? t a +125? ?.0 ?.0 ?.0 v
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 15 electrical characteristics (triple/quad) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units t a = +25? 86 104 80 104 80 104 c: 0? t a +70? 80 75 75 v o = ?.0v, r l = 1m ? , i q = 10? (note 7) m: -55? t a +125? 74 68 68 t a = +25? 86 102 80 102 80 102 c: 0? t a +70? 80 75 75 v o = ?.0v, r l = 100k ? , i q = 100? m: -55? t a +125? 74 68 68 t a = +25? 86 98 80 98 80 98 c: 0? t a +70? 80 75 75 large-signal voltage gain a vol v o = ?.0v, r l = 10k ? (note 8), i q = 1ma (note 7) m: -55? t a +125? 74 68 68 db
icl761x?cl764x single/dual/triple/quad operational amplifiers 16 ______________________________________________________________________________________ electrical characteristics (triple/quad) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd units parameter symbol conditions min typ max min typ max min typ max i q = 10? (note 7) 0.044 0.044 0.044 i q = 100? (note 9) 0.48 0.48 0.48 unity-gain bandwidth g bw i q = 1ma (note 8) 1.4 1.4 1.4 mhz input resistance r in 10 12 10 12 10 12 ? r s 100k ? , i q = 10? (note 7) 76 96 70 96 70 96 r s 100k ? , i q = 100? 76 91 70 91 70 91 common-mode rejection ratio cmrr r s 100k ? , i q = 1ma (note 8) 66 87 60 87 60 87 db r s 100k ? , i q = 10? (note 7) 80 94 80 94 80 94 r s 100k ? , i q = 100? 80 86 80 86 80 86 power-supply rejection ratio psrr r s 100k ? , i q = 1ma (note 8) 70 77 70 77 70 77 db input-referred noise voltage e n r s = 100 ? , f = 1khz 100 100 100 nv/ hz input-referred noise current i n r s = 100 ? , f = 1khz 0.01 0.01 0.01 pa/ hz i q = 10? (note 7) 0.01 0.022 0.01 0.022 0.01 0.022 i q = 100? 0.1 0.25 0.1 0.25 0.1 0.25 supply current (per amplifier) i supp no signal, no load i q = 1ma (note 8) 1.0 2.5 1.0 2.5 1.0 2.5 ma channel separation v o1 / v o2 a vol = 100 120 120 120 db i q = 10? (note 7), r l = 1m ? 0.016 0.016 0.016 i q = 100?, r l = 100k ? 0.16 0.16 0.16 slew rate (note 10) sr a vol = 1, c l = 100pf, v in = 8v p-p i q = 1ma (note 7), r l = 10k ? 1.6 1.6 1.6 v/?
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 17 electrical characteristics (triple/quad) (continued) (v supp = ?.0v, t a = +25?, unless otherwise noted.) icl76xxa icl76xxb icl76xxd parameter symbol conditions min typ max min typ max min typ max units i q = 10? (note 7), r l = 1m ? 20 20 20 i q = 100?, r l = 100k ? 222 rise time (note 10) t r v in = 50mv, c l = 100pf i q = 1ma (note 8), r l = 10k ? 0.9 0.9 0.9 ? i q = 10? (note 7), r l = 1m ? 555 i q = 100?, r l = 100k ? 10 10 10 overshoot factor (note 10) v in = 50mv, c l = 100pf i q = 1ma (note 8), r l = 10k ? 40 40 40 % note 7: does not apply to icl7641. note 8: does not apply to icl7642. note 9: icl7631/icl7632 only. note 10: does not apply to icl7632. typical operating characteristics (t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers 18 ______________________________________________________________________________________ typical operating characteristics (continued) (t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 19 typical operating characteristics (continued) (t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers 20 ______________________________________________________________________________________ typical operating characteristics (continued) (t a = +25?, unless otherwise noted.)
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 21 detailed description quiescent current selection the voltage input to the i q pin of the single and triple amplifiers selects a quiescent current (i q ) of 10?, 100?, or 1000?. the dual and quad amplifiers have fixed quiescent current (i q ) settings. unity-gain band- width and slew-rate increase with increasing quiescent current, as does output sink current capability. the out- put source current capability is independent of quies- cent current. the lowest i q setting that results in sufficient bandwidth and slew rate should be selected for each specific application. the i q pin of the single and triple amplifiers controls the quiescent current as follows: input offset nulling the input offset can be nulled by connecting a 25k ? pot between the offset terminals with the wiper con- nected to v+. at quiescent currents of 1ma and 100?, the nulling range provided is adequate for all v os selections. however, with higher values of v os , and an i q of 10?, nulling may not be possible. frequency compensation all of the icl7611 and icl7621 series except the icl7614 are internally compensated for unity-gain operation. the icl7614 is externally compensated by a capacitor connected between comp and out pins, with 39pf being greater than unity. the compensation capacitor value may be reduced to increase the band- width and slew rate. the icl7132 is not compensated and does not have frequency compensation pins. use only at gains 20 at i q of 1ma; at gains > 10 at i q of 100?; at gain > 5 at i q of 10?. output loading considerations approximately 70% of the amplifier? quiescent current flows in the output stage. the output swing can approach the supply rails for output loads of 1m ? , 100k ? , and 10k ? , using the output stage in a highly linear class a mode. crossover distortion is avoided and the voltage gain is maximized in this mode. the output stage, however, can also be operated in class ab, which supplies higher output currents (see the typical operating characteristics ). the voltage gain decreases and the output transfer characteristic is non- linear during the transition from class a to class b operation. the output stage, with a gain that is directly proportion- al to load impedance, approximates a transconduc- tance amplifier. approximately the same open-loop gains are obtained at each of the i q settings if corre- sponding loads of 10k ? , 100k ? , and 1m ? are used. the maximum output source current is higher than the maximum sink current, and is independent of i q . like most amplifiers, there are output loads for which the amplifier stability is not guaranteed. in particular, avoid capacitive loads greater than 100pf; and while on the 1ma i q setting, avoid loads less than 5k ? . since the output stage is a transconductance output, very large (>10?) capacitive loads will create a dominant pole and the output will be stable, even with loads that are less than 5k ? . extended common-mode voltage range (icl7612/icl7616) a common-mode voltage range that includes both v+ and v- is often desirable, especially in single-supply operation. the icl7612/icl7616 extended common- mode range op amps are designed specifically to meet this need. the icl7612 input common-mode voltage range (cmvr) extends beyond both power-supply rails when operated with at least 3v total supply and an i q of 10? or 100?. the icl7616 cmvr includes the negative supply voltage (or ground when operated with a single supply) at an i q or 10? or 100?. pc board layout careful pc board layout techniques must be used to take full advantage of the very low bias current of the icl7611 family. the inputs should be encircled with a low-impedance trace, or guard, that is at the same potential as the inputs. in an inverting amplifier, this is normally ground; in a unity-gain buffer connect the guard to the output. a convenient way of guarding the 8-pin to-99 version of the icl7611 is to use a 10-pin circle, with the two extra pads on either side of the input pins to provide space for a guard ring (see figure 8). assembled boards should be carefully cleaned, i q = 10? i q pin to v+ i q = 100? i q pin between v- + 0.8v and v+ - 0.8v i q = 1ma i q pin to v-
icl761x?cl764x single/dual/triple/quad operational amplifiers 22 ______________________________________________________________________________________ and if a high humidity environment is expected, confor- mally coated. single-supply operation the icl7611 family will operate from a single 2v to 16v power supply. the common-mode voltage range of the standard amplifier types when operated from a single supply is 1.0v to (v+ - 0.6v) at 10? i q . at 100? i q , the cmvr is 1.0v to (v+ - 0.8v), and at 1ma i q , the cmvr is 1.3v to (v+ - 1.3v). if this cmvr range is insufficient, use the icl7612, whose cmvr includes both ground and v+, or the icl7616, whose cmvr includes ground. a convenient way to generate a psuedo-ground at v+/2 is to use one op amp of a quad to buffer a v+/2 voltage from a high-impedance resistive divider. low-voltage operation operation at v supp = ?.0v is only guaranteed at i q = 10?. output swings to within a few millivolts of the supply rails are achievable for r l (> or =) 1m ? . guaranteed input cmvr is ?.6v minimum and typical- ly +0.9v to -0.7v at v supp = ?.0v. for applications where greater common-mode range is desirable, see the description of icl7612 and icl7616 above. applications information note that in no case is iq shown. the value of iq must be chosen by the designer with regard to frequency response and power dissipation. figure 1. instrumentation amplifier?djust r3 to improve cmrr. the offset of all three amplifiers is nulled by the offset adjustment of a2. figure 2. simple follower?y using the icl7612 in these applications, the circuits will follow rail-to-rail inputs - - + + a1 + - a2 r r r3 r2 r2 25k ? r3 r1 +18v v out + - a3 v in gain = ( +1 ) r3 r 2r2 r1 icl7612 + - v out v in r l 10k ?
icl761x?cl764x single/dual/triple/quad operational amplifiers ______________________________________________________________________________________ 23 figure 3. level detector?y using the icl7612 in these appli- cations, the circuits will follow rail-to-rail inputs. + - v in v out to cmos or lpttl logic 100k ? 1m ? +5 +5 figure 4. photocurrent integrator?ow-leakage currents allow integration times up to several hours. icl7611 + + - - 1 f ih5040 v out figure 5. precise triangle/square wave generator?he fre- quency and duty cycle are virtually independent of power sup- ply. + - + - 1m ? 1m ? 880k ? duty cycle 1 2 icl7621 1 2 icl7621 v- v+ figure 6. averaging ac to dc converter?ecommended for maxim? icl7106/icl7107/icl7109 a/d converters. 1 2 icl7621 + - 1 2 icl7621 - + 10 f 2.2m ? 20k ? 1m ? 20k ? 1.8k ? = 5% scale adjust 10k ? 0.05 f v in common v on to succeeding input stage v ol figure 7. burn-in and life test circuit figure 8. input guard for to-99 v+ i o comp out v- +15v +15v 10k ? 10k ? 100 ? note 1 note 2 notes: 1. icl7611, 7612, 7616, 7631, 7632 2. icl7611, 7612, 7616, 7621, 7622, 7631, 7641, 7642 bottom view i o set v 8 1 3 5 7 4 2 6 v+ output guard inputs
icl761x?cl764x single/dual/triple/quad operational amplifiers 24 ______________________________________________________________________________________ figure 9. low droop rate sample and hold?2 improves accuracy and acquisition time by including the voltage drop across s1 inside the feedback loop. r1 closes the feedback loop of a1 during the hold phase. the droop rate is [i bias(az ) + i leak(s1 ) + i leak(s2) ]/c hold . icl7622 a1 ih5141 1 2 icl7622 a2 1 2 s/h control input v in v out c hold 100k ? r 1 s1 s2 figure 10. long-time constant integrator?ith r in = 1011 ? , the time constant of this integrator is 100,000s. since the input voltage is converted to a current by r in , the input voltage can far exceed the power-supply range. - + c int r in v in v out 1 f figure 11. pico ammeter?he response time of this curcuit is r fb x c fb , where c fb is the stray capacitance between the output and the inverting terminal of the amplifier. figure 12. 60hz twin ??notch filter?he low 1pa bias cur- rent of the icl7611 allows use of small 540pf and 270pf capacitors, even with a notch frequency of 60hz. the 60hz rejection is approximately 40db. + - current source c fb r fb - 10 11 ? v o = 100mv/pa + - output v in icl7611 10m ? 10m ? 270pf 270pf 540pf 5m ? c int long time constant integrator (detailed circuit diagram ?figure 10) - + r in v out v in typical operating circuit
icl761x?cl764x single/dual/triple/quad operational amplifiers maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 25 2006 maxim integrated products is a registered trademark of maxim integrated products, inc. chip topographies package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation go to www.maxim-ic.com/packages .) revision history pages changed at rev 1: 1?5
e nglish ? ???? ? ??? ? ??? what's ne w p roducts solutions de sign ap p note s sup p ort buy comp any me mbe rs m axim > p roduc ts > a mplifiers and c omparators icl7611, icl7612, icl7614, icl7616, icl7621, icl7622, icl7624, icl7631, icl7632, icl7634, icl7641, icl7642 single/dual/triple/quad operational amplifiers quickview technical documents ordering info more information all ordering information notes: other options and links for purchasing parts are listed at: http://www.maxim-ic.com/sales . 1. didn't find what you need? ask our applications engineers. expert assistance in finding parts, usually within one business day. 2. part number suffixes: t or t&r = tape and reel; + = rohs/lead-free; # = rohs/lead-exempt. more: see full data sheet or part naming c onventions . 3. * some packages have variations, listed on the drawing. "pkgc ode/variation" tells which variation the product uses. 4. devices: 1-176 of 176 icl7611 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7611dc /d rohs/lead-free: see data sheet ic l7611bc /d rohs/lead-free: see data sheet ic l7611dc tv metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis ic l7611bc tv metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis ic l7611amtv metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7611dmtv metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7611bmtv metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7611bc pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611dc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7611ac pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7611ac pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611bc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis
ic l7611dc pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611dc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611dc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611bc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611dc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611dc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611bc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611bc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611ac sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611ac sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7611bc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7611desa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7611desa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7611desa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis ic l7611desa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis icl7612 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7612dc pa+ 0c to +70c rohs/lead-free: see data sheet ic l7612ac /d rohs/lead-free: see data sheet ic l7612bc /d rohs/lead-free: see data sheet ic l7612dc /d rohs/lead-free: see data sheet ic l7612bc tv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * 0c to +70c rohs/lead-free: no materials analysis ic l7612bmtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7612dmtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis
ic l7612dc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7612bc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7612ac pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7612dc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612ac sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612bc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612dc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612ac sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612bc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7612dc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612dc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612bc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612bc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612ac sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612ac sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7612desa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis ic l7612besa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7612besa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis ic l7612desa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7612desa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7612besa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis ic l7612besa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+2 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7612desa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * -40c to +85c rohs/lead-free: no materials analysis
icl7614 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7614dc /d rohs/lead-free: see data sheet ic l7614dc tv-2 metal c an-to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: t99-8 * 0c to +70c rohs/lead-free: no materials analysis ic l7614dc pa-2 pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7614dc pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7614dc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7614ac pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7614ac pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7614dc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7614ac sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7614dc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7614ac sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis icl7616 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7616amtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7616bmtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7616ac sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7616ac sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-2 * 0c to +70c rohs/lead-free: no materials analysis icl7621 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7621bc /d rohs/lead-free: see data sheet ic l7621dc /d rohs/lead-free: see data sheet ic l7621bc tv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * 0c to +70c rohs/lead-free: no materials analysis ic l7621dmtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis ic l7621bmtv gold c an -to;8 pin;88 mm dwg: 21-0022a (pdf) use pkgcode/variation: g99-8 * -55c to +125c rohs/lead-free: no materials analysis
ic l7621ac pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7621bc pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621dc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7621dc pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621bc pa pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7621ac pa+ pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621dc pa-2 pdip;8 pin;82 mm dwg: 21-0043d (pdf) use pkgcode/variation: p8-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7621ac sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621ac sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621dc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621dc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621bc sa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621dc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621bc sa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7621ac sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621ac sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621bc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621bc sa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621dc sa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7621desa+ soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7621desa+t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8+4 * -40c to +85c rohs/lead-free: lead free materials analysis ic l7621desa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ic l7621desa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis
ic l7621besa-t soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis ic l7621besa soic ;8 pin;31 mm dwg: 21-0041b (pdf) use pkgcode/variation: s8-4 * -40c to +85c rohs/lead-free: no materials analysis icl7622 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7622bc /d rohs/lead-free: see data sheet ic l7622dc /d rohs/lead-free: see data sheet ic l7622ac pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7622bc pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7622dc pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7622ac pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+3 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7622bc pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+3 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7622dc pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+3 * 0c to +70c rohs/lead-free: lead free materials analysis icl7631 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7631bmje c eramic dip;16 pin;173 mm dwg: 21-0045a (pdf) use pkgcode/variation: j16-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7631c mje c eramic dip;16 pin;173 mm dwg: 21-0045a (pdf) use pkgcode/variation: j16-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7631ec /d rohs/lead-free: see data sheet ic l7631bc /d rohs/lead-free: see data sheet ic l7631ec pe pdip;16 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631bc pe pdip;16 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631c c pe pdip;16 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631ec se-t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631c c se-t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631ec se soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631ec se+t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16+1 * 0c to +70c rohs/lead-free: lead free materials analysis
ic l7631ec se+ soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16+1 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7631bc se soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631c c se soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7631bc se-t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis icl7632 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7632bc pe pdip;16 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7632ec pe pdip;16 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7632bc se soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7632bc se-t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7632ec se-t soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis ic l7632ec se soic ;16 pin;62 mm dwg: 21-0041b (pdf) use pkgcode/variation: s16-1 * 0c to +70c rohs/lead-free: no materials analysis icl7641 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7641ec jd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7641bc jd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7641bmjd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7641c mjd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7641bmjd/hr c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7641ec /d rohs/lead-free: see data sheet ic l7641c c pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7641c c pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641ec pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641ec pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7641bc pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis
ic l7641bc pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7641bc we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7641bc we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7641ec we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641c c we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641c c we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641bc we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641bc we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641ec we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7641c c we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7641c c we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7641ec we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7641ec we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis icl7642 fre e sam ple buy pack age : type pins footprint drawing code/var * te m p rohs/le ad-fre e ? m ate rials analys is ic l7642ec jd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * 0c to +70c rohs/lead-free: no materials analysis ic l7642c mjd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7642bmjd/hr c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7642bmjd c eramic dip;14 pin;162 mm dwg: 21-0045a (pdf) use pkgcode/variation: j14-3 * -55c to +125c rohs/lead-free: no materials analysis ic l7642ec /d rohs/lead-free: see data sheet ic l7642c c /d rohs/lead-free: see data sheet ic l7642bc pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7642ec pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7642c c pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis
ic l7642ec pd+ pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14+4 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7642c c pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7642bc pd pdip;14 pin;160 mm dwg: 21-0043d (pdf) use pkgcode/variation: p14-4 * 0c to +70c rohs/lead-free: no materials analysis ic l7642bc we+t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7642bc we+ soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16+2 * 0c to +70c rohs/lead-free: lead free materials analysis ic l7642ec we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7642ec we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7642c c we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7642bc we soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7642bc we-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * 0c to +70c rohs/lead-free: no materials analysis ic l7642bewe soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * -40c to +85c rohs/lead-free: no materials analysis ic l7642bewe-t soic ;16 pin;112 mm dwg: 21-0042b (pdf) use pkgcode/variation: w16-2 * -40c to +85c rohs/lead-free: no materials analysis didn't find what you need? next day product selection assistance from applications engineers parametric search applications help quickview technical documents ordering info more information des c ription key features a pplic ations /u s es key spec ific ations diagram data sheet a pplic ation n otes des ign guides e ngineering journals reliability reports software/m odels e valuation kits p ric e and a vailability samples buy o nline p ac kage i nformation lead-free i nformation related p roduc ts n otes and c omments e valuation kits doc ument ref.: 1 9 -0 9 4 2 ; rev 1 ; 2 0 0 6 -0 7 -2 5 t his page las t modified: 2 0 0 7 -0 8 -1 4 c ontac t us: send us an email c opyright 2 0 0 7 by m axim i ntegrated p roduc ts , dallas semic onduc tor ? legal n otic es ? p rivac y p olic y


▲Up To Search▲   

 
Price & Availability of ICL7621BESA-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X