Part Number Hot Search : 
IKA03N12 EP9134 E12GL EP9134 0300L BYM32 EP9134 BYM32
Product Description
Full Text Search
 

To Download HER1601G11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art glass passivated chip junction high efficiency, low vf high current capability high reliability high surge current capability her160xg = specific device code g = green compound y = year ww = work week maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol her 1601g her 1602g her 1603g her 1604g her 1605g her 1606g her 1607g her 1608g units v rrm 50 100 200 300 400 600 800 1000 v v rms 35 70 140 210 280 420 560 700 v v dc 50 100 200 300 400 600 800 1000 v trr ns cj pf r jc o c/w t j o c t stg o c maximum dc blocking voltage maximum recurrent peak reverse voltage for use in low voltage, high frequency inventor, free wheeling, and polarity protection application green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data epoxy: ul 94v-0 rate flame retardant cases: to-220ab molded plastic terminals: pure tin plated, lead free, solderable per mil-std-202, method 208 guaranteed type number polarity: as marked 50 80 note 1: pulse test with pw=300 usec, 1% duty cycle weight: 2.24 grams 50 typical thermal resistance 10 her1601g - her1608g 16.0amps. glass passivated high efficient rectifiers marking diagram to-220ab dimensions in inches and (millimeters) features 80 maximum rms voltage version:f11 - 65 to + 150 typical junction capacitance (note 3) note 2: reverse recovery test conditions: if=0.5a, ir=1.0a, irr=0.25a 1.5 note 3: measured at 1 mhz and applied reverse voltage of 4.0v d.c. operating temperature range storage temperature range - 65 to + 150 maximum reverse recovery time (note 2) maximum dc reverse current @ t a =25 at rated dc blocking voltage @ t a =125 i r a ua 400 maximum average forward rectified current i f(av) 16 a high temperature soldering guaranteed: 260 /10 seconds .16", (4.06mm) from case 1.7 v maximum instantaneous forward voltage (note 1) @ 8 a v f 1.0 1.3 peak forward surge current, 8.3 ms single half sine- wave superimposed on rated load (jedec method) i fsm 125 pb rohs compliance rohs compliance
version:f11 ratings and characteristic curves (her1601g thru her1608g) fig.1- maximum forward current derating curve 0 4 8 12 16 20 0 50 100 150 case temperature ( o c) average forward a current (a) fig. 3- maximum non-repetitive forward surge current per leg 0 30 60 90 120 150 1 10 100 number of cycles at 60 hz peak forward surge current (a) 8.3ms single half sine wave jedec method ta=25 fig. 2- typical reverse characteristics per leg 0.1 1 10 100 1000 0 20 40 60 80 100 120 140 percent of rated peak reverse voltage (%) instantaneous reverse current (ua) ta=25 ta=125 fig. 4- typical junction capacitance per leg 0 40 80 120 160 200 240 1 10 100 1000 reverse voltage (v) capacitance (pf) her1606g-her1608g her1601g-her1605g ta=25 fig. 5- typical forward characterisrics per leg 0.01 0.1 1 10 100 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 forward voltage (v) instantaneous forward current (a) her1606g-her1608g her1605g her1601g-her1604g ta=25 pulse width-300us 1% duty cycle


▲Up To Search▲   

 
Price & Availability of HER1601G11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X