Part Number Hot Search : 
MAX662 X323CS CTQ080 SMCJ26 DM8575N KIA494AP 20N60 SR606
Product Description
Full Text Search
 

To Download HER1601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HER1601 thru her1606 16.0 amp high efficiency rectifiers maximum ratings and electrical chara cteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load.for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=75 c fea tures mechanical da t a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 8.0a maximum dc reverse current tc=25 c at rated dc blocking voltage t c=100 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) 16.0 1.0 1.3 200 10.0 200 60 100 65 -55 +150 notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability v HER1601 her1602 her1603 her1604 her1605 her1606 units 50 100 200 300 400 600 50 100 200 300 400 600 35 70 140 210 280 420 v v 1.85 * high speed switching * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: lead solderable per mil-std-202, method 208 guranteed * polarity: as marked * mounting position: any * weight: 2.24 grams vol t age range 50 to 600 volts current 16.0 ampere to-220 dimensions in inches and (millimeters) .412 .248 .180 .050 .120 .158 .595 .550 .100 .051 .040 .108 (10.5) (6.3) (4.6) (1.27) (3.05) (4.0) (15.1) (14.0) (2.54) (1.3) (1.0) (2.75) max. max. max. min. max. max. 3.8 +.2 hole thru f + pin 1 pin 1 pin 3 pin 3 pin 2 pin 2 case case positive ct suffix "c" negative ct suffix "a" operating and storage temperature range t j , t stg a a v ns pf c a a
.2 .4 .6 .8 1.0 1.2 1.4 .01 .1 1.0 10.0 100 rating and characteristic curves (HER1601 thru her1606) fig.1-typical forward characteristics fig.2-typical forward current dera ting curve a v e r a g e f o r w a r d c u r r e n t , ( a ) fig.4-maximum non-repetitive forward surge current p e a k f o r w a a r d s u r g e c u r r e n t , ( a ) fig.5-typical junction capacit ance reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) h e r 1 6 0 4 -1 6 0 5 h e r 1 6 0 1 -1 6 0 3 h e r 16 06 pulse width 300us 1% duty cycle 24 20 16 12 8 4 0 0 20 40 60 80 100 120 140 160 180 200 single phase half wave 60hz resistive or inductive load 50 175 150 125 100 75 50 25 0 0 100 150 200 250 (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non-inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | || | | | | | 1cm set time base for 50 / 10ns / cm trr 0.1 0.5 1 2 5 10 20 50 100 200 500 1000 d.u.t. case temperature ( c) fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 1.6


▲Up To Search▲   

 
Price & Availability of HER1601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X