Part Number Hot Search : 
SXX18 11800 STA42 BCM53134 MJD122T4 HSB857J 10241 OPB696
Product Description
Full Text Search
 

To Download GS8662S36GE-250I Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary gs8662s08/09/18/36e-333/300/250/200/167 72mb burst of 2 ddr sigmasio-ii sram 333 mhz?167 mhz 1.8 v v dd 1.8 v and 1.5 v i/o 165-bump bga commercial temp industrial temp rev: 1.05 10/2007 1/39 ? 2005, gsi technology specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. features ? simultaneous read and write sigmasio? interface ? jedec-standard pinout and package ? dual double data rate interface ? byte write controls sampled at data-in time ? dll circuitry for wide output data valid window and future frequency scaling ? burst of 2 read and write ? 1.8 v +100/?100 mv core power supply ? 1.5 v or 1.8 v hstl interface ? pipelined read operation ? fully coherent read and write pipelines ? zq mode pin for programmable output drive strength ? ieee 1149.1 jtag-compliant boundary scan ? pin-compatible with future 144mb devices ? 165-bump, 15 mm x 17 mm, 1 mm bump pitch bga package ? rohs-compliant 165-bump bga package available sigmaram ? family overview gs8662s08/09/18/36 are built in compliance with the sigmasio-ii sram pinout standard for separate i/o synchronous srams. they are 75,497,472-bit (72mb) srams. these are the first in a family of wide, very low voltage hstl i/o srams designe d to operate at the speeds needed to implement ec onomical high performance networking systems. clocking and addressing schemes a burst of 2 sigmasio-ii sram is a synchronous device. it employs dual input register clock inputs, k and k . the device also allows the user to manipulate the output register clock input quasi independently with dual output register clock inputs, c and c . if the c clocks are tied high, the k clocks are routed internally to fire the ou tput registers instead. each burst of 2 sigmasio-ii sram also supplies echo clock outputs, cq and cq , which are synchronized with read data output. when used in a source synchronous clocking scheme, the echo clock outputs can be used to fire input registers at the data?s destination. because separate i/o burst of 2 rams always transfer data in two packets, a0 is internally set to 0 for the first read or write transfer, and automatically in cremented by 1 for the next transfer. because the lsb is tie d off internally, the address field of a burst of 2 ram is always one address pin less than the advertised index depth (e.g., the 4m x 18 has a 1m addressable index). 165-bump, 15 mm x 17 mm bga 1 mm bump pitch, 11 x 15 bump array bottom view jedec std. mo-216, variation cab-1 parameter synopsis - 333* -300* -250 -200 -167 tkhkh 3.0 ns 3.3 ns 4.0 ns 5.0 ns 6.0 ns tkhqv 0.45 ns 0.45 ns 0.45 ns 0.45 ns 0.5 ns
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 2/39 ? 2005, gsi technology 8m x 8 sigmaquad sram?top view 1 2 3 4 5 6 7 8 9 10 11 a cq sa sa r/ w nw1 k nc ld sa sa cq b nc nc nc sa nc k nw0 sa nc nc q3 c nc nc nc v ss sa sa sa v ss nc nc d3 d nc d4 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q4 v ddq v ss v ss v ss v ddq nc d2 q2 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d5 q5 v ddq v dd v ss v dd v ddq nc nc nc h d off v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q1 d1 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q6 d6 v ddq v ss v ss v ss v ddq nc nc q0 m nc nc nc v ss v ss v ss v ss v ss nc nc d0 n nc d7 nc v ss sa sa sa v ss nc nc nc p nc nc q7 sa sa c sa sa nc nc nc r tdo tck sa sa sa c sa sa sa tms tdi 11 x 15 bump bga?15 x 17 mm 2 body?1 mm bump pitch note: nw0 controls writes to d0:d3. nw1 controls writes to d4:d7.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 3/39 ? 2005, gsi technology 8m x 9 sigmaquad sram?top view 1 2 3 4 5 6 7 8 9 10 11 a cq sa sa r/ w nc k nc ld sa sa cq b nc nc nc sa nc k bw sa nc nc q4 c nc nc nc v ss sa sa sa v ss nc nc d4 d nc d5 nc v ss v ss v ss v ss v ss nc nc nc e nc nc q5 v ddq v ss v ss v ss v ddq nc d3 q3 f nc nc nc v ddq v dd v ss v dd v ddq nc nc nc g nc d6 q6 v ddq v dd v ss v dd v ddq nc nc nc h doff v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc nc v ddq v dd v ss v dd v ddq nc q2 d2 k nc nc nc v ddq v dd v ss v dd v ddq nc nc nc l nc q7 d7 v ddq v ss v ss v ss v ddq nc nc q1 m nc nc nc v ss v ss v ss v ss v ss nc nc d1 n nc d8 nc v ss sa sa sa v ss nc nc nc p nc nc q8 sa sa c sa sa nc d0 q0 r tdo tck sa sa sa c sa sa sa tms tdi 11 x 15 bump bga?15 x 17 mm 2 body?1 mm bump pitch note: bw controls writes to d0:d7
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 4/39 ? 2005, gsi technology 4m x 18 sigmaquad sram?top view 1 2 3 4 5 6 7 8 9 10 11 a cq v ss /sa (144mb) sa r/ w bw1 k nc ld sa sa cq b nc q9 d9 sa nc k bw0 sa nc nc q8 c nc nc d10 v ss sa sa sa v ss nc q7 d8 d nc d11 q10 v ss v ss v ss v ss v ss nc nc d7 e nc nc q11 v ddq v ss v ss v ss v ddq nc d6 q6 f nc q12 d12 v ddq v dd v ss v dd v ddq nc nc q5 g nc d13 q13 v ddq v dd v ss v dd v ddq nc nc d5 h d off v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j nc nc d14 v ddq v dd v ss v dd v ddq nc q4 d4 k nc nc q14 v ddq v dd v ss v dd v ddq nc d3 q3 l nc q15 d15 v ddq v ss v ss v ss v ddq nc nc q2 m nc nc d16 v ss v ss v ss v ss v ss nc q1 d2 n nc d17 q16 v ss sa sa sa v ss nc nc d1 p nc nc q17 sa sa c sa sa nc d0 q0 r tdo tck sa sa sa c sa sa sa tms tdi 11 x 15 bump bga?15 x 17 mm 2 body?1 mm bump pitch note: bw0 controls writes to d0:d8. bw1 controls writes to d9:d17.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 5/39 ? 2005, gsi technology 2m x 36 sigmaquad sram?top view 1 2 3 4 5 6 7 8 9 10 11 a cq v ss /sa (288mb) sa r/ w bw2 k bw1 ld sa v ss /sa (144mb) cq b q27 q18 d18 sa bw3 k bw0 sa d17 q17 q8 c d27 q28 d19 v ss sa sa sa v ss d16 q7 d8 d d28 d20 q19 v ss v ss v ss v ss v ss q16 d15 d7 e q29 d29 q20 v ddq v ss v ss v ss v ddq q15 d6 q6 f q30 q21 d21 v ddq v dd v ss v dd v ddq d14 q14 q5 g d30 d22 q22 v ddq v dd v ss v dd v ddq q13 d13 d5 h d off v ref v ddq v ddq v dd v ss v dd v ddq v ddq v ref zq j d31 q31 d23 v ddq v dd v ss v dd v ddq d12 q4 d4 k q32 d32 q23 v ddq v dd v ss v dd v ddq q12 d3 q3 l q33 q24 d24 v ddq v ss v ss v ss v ddq d11 q11 q2 m d33 q34 d25 v ss v ss v ss v ss v ss d10 q1 d2 n d34 d26 q25 v ss sa sa sa v ss q10 d9 d1 p q35 d35 q26 sa sa c sa sa q9 d0 q0 r tdo tck sa sa sa c sa sa sa tms tdi 11 x 15 bump bga?15 x 17 mm 2 body?1 mm bump pitch notes: 1. bw0 controls writes to d0:d8. bw1 controls writes to d9:d17. 2. bw2 controls writes to d18:d26. bw3 controls writes to d27:d35.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 6/39 ? 2005, gsi technology pin description table symbol description type comments sa synchronous address inputs input ? nc no connect ? ? r/ w read/write contol pin input write active low; read active high nw0 ? nw1 synchronous nybble writes input active low x08 version bw0 ? bw1 synchronous byte writes input active low x18 version bw0 ? bw3 synchronous byte writes input active low x36 version k input clock input active high c output clock input active high tms test mode select input ? tdi test data input input ? tck test clock input input ? tdo test data output output ? v ref hstl input reference voltage input ? zq output impedance matching input input ? k input clock input active low c output clock output active low d off dll disable ? active low ld synchronous load pin ? active low cq output echo clock output active low cq output echo clock output active high dn synchronous data inputs input qn synchronous data outputs output v dd power supply supply 1.8 v nominal v ddq isolated output buffer supply supply 1.8 or 1.5 v nominal v ss power supply: ground supply ? notes: 1. c, c , k, or k cannot be set to v ref voltage. 2. when zq pin is directly connected to v dd , output impedance is set to minimum value and it cannot be connected to ground or left unconnected. 3. nc = not connected to die or any other pin
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 7/39 ? 2005, gsi technology background separate i/o srams, like sigmaquad srams, are attractive in ap plications where alternating read s and writes are needed. on the other hand, common i/o srams like the sigmacio family are popula r in applications where bursts of read or write traffic are needed. the sigmasio sram is a hybrid of these two devices. like the sigmaq uad family devices, the sigmasio features a separate i/o data path, offering the user independent data in and data out pins. however, the sigmasio devices offer a control protocol like that offered on the sigmacio devices. therefore, while sigmaquad srams allow a user to operate both data ports at the same time, they force alternating loads of read and write addresses. sigmasio srams allow continuous loads of read or write addresses like sigmacio srams, but in a separate i/o configuration. like a sigmaquad sram, a sigmasio-ii sram can execute an alternating sequence of reads and writes. however, doing so results in the data in port and the data out port stalling with nothing to do on alternate transfers. a sigmaquad device would keep both ports running at capacity full time. on the other hand, th e sigmasio device can accept a continuous stream of read command s and read data or a continuous stream of write commands and wr ite data. the sigmaquad device, by contrast, restricts the user fr om loading a continuous stream of read or wr ite addresses. the advantage of the sigmasio device is that it allows twice the random address bandwidth for either reads or writ es than could be acheived with a sigmaqua d version of the device. sigmacio srams offer this same advantage, but do not have the separate data in and data out pins offered on the sigmasio srams. therefore, sigmasio devices are useful in psuedo dual port sram a pplications where communication of burst traffic between two electrically independent busses is desired. each of the three sigmaquad family sra ms?sigmaquad, sigmacio, an d sigmasio?supports similar address rates because random address rate is determined by the internal performance of the ram. in addition, all th ree sigmaquad family srams are based on the same internal circuits. differ ences between the truth tables of the diff erent devices proceed from differences in how the ram?s interface is contrived to interact with the rest of the system. each mode of operation has its own advantages and disadvantages. the user should cons ider the nature of the work to be done by the ram to evaluate which version is best suited t o the application at hand. burst of 2 sigma sio-ii sram ddr read the status of the address input, r/ w , and ld pins are sampled at each rising edge of k. ld high causes chip disable. a high on the r/ w pin begins a read cycle. the two resulti ng data output transfers begin after the next rising edge of the k clock. data is clocked out by the next rising edge of the c if it is active. otherwise, data is clocked out at the next rising edge of k . the next data chunk is clocked out on the rising edge of c, if active. otherwise, data is clocked out on the rising edge of k. burst of 2 sigma sio-ii sram ddr write the status of the address input, r/ w , and ld pins are sampled at each rising edge of k. ld high causes chip disable. a low on the r/ w pin, begins a write cycle. data is clocked in by the next rising edge of k and then the rising edge of k .
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 8/39 ? 2005, gsi technology power-up sequence fo r sigmaquad-ii srams sigmaquad-ii srams must be powered-up in a specifi c sequence in order to avoid undefined operations. power-up sequence 1. power-up and maintain doff at low state. 1a. apply v dd . 1b. apply v ddq . 1c. apply v ref (may also be applied at the same time as v ddq ). 2. after power is achieved and clocks (k, k , c, c ) are stablized, change doff to high. 3. an additional 1024 clock cycl es are required to lock the dll after it has been enabled. note: the dll may be reset by driving the doff pin low or by stopping the k clocks fo r at least 30 ns. 1024 cycles of clean k clocks are always required to re- lock the dll after reset. dll constraints ? the dll synchronizes to either k or c clock. these clocks should have low phase jitter (t kcvar ). ? the dll cannot operate at a frequency lower than that specified by the t khkh maximum specification for the desi red operating clock frequency. ? if the incoming clock is not stablized when dll is enabled, the dll may lock on th e wrong frequency and cause undefined errors or failures during the initial stage. power-up sequence ( doff controlled) power-up sequence ( doff tied high) note: if the frequency is changed, dll reset is required. after reset, a minimum of 1024 cycles is required for dll lock. power up interval unstable clocking interval dll locking interval (1024 cycles) normal operation k k v dd v ddq v ref doff power up interval unstable clocking interval stop clock interval dll locking interval (1024 cycles) normal operation k k v dd v ddq v ref doff 30ns min
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 9/39 ? 2005, gsi technology special functions byte write and nybble write control byte write enable pins are sampled at the same time that data in is sampled. a high on the byte write enable pin associated wit h a particular byte (e.g., bw0 controls d0?d8 inputs) will inhibit the storage of that particular byte, leaving whatever data may be stored at the current address at that byte location undisturbed. a ny or all of the byte write enable pins may be driven high or low during the data in sample times in a write sequence. each write enable command and write addres s loaded into the ram provides the base ad dress for a 2 beat data transfer. the x18 version of the ram, for example, may write 36 bits in associatio n with each address loaded. any 9-bit byte may be masked in any write sequence. nybble write (4-bit) control is implemented on the 8-bit-wide version of the device. for the x8 version of the device, ?nybble write enable? and ? nwx ? may be substituted in all the discussion above. output register control sigmasio-ii srams offer two mechanisms for controlling the output data registers. typically, control is handled by the output register clock inputs, c and c . the output register clock inputs can be used to make small phase adjustments in the firing of the output registers by allowing the user to delay driving data out as much as a few nanoseconds beyond the next rising edges of th e k and k clocks. if the c and c clock inputs are tied high, the ram reverts to k and k control of the outputs. example x18 ram write sequence using byte write enables data in sample time bw0 bw1 d0?d8 d9?d17 beat 1 0 1 data in don?t care beat 2 1 0 don?t care data in resulting write operation beat 1 beat 2 d0?d8 d9?d17 d0?d8 d9?d17 written unchanged unchanged written
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 10/39 ? 2005, gsi technology example four bank depth expansion schematic a k ld r/w a 0 ?a n k ld 0 d 1 ?d n bank 0 bank 1 bank 2 bank 3 r/w 0 d a k r/w d a k r/w d a k r/w d ld ld ld qqq q cc cc q 1 ?q n c ld 1 r/w 1 ld 2 r/w 2 ld 3 r/w 3 note: for simplicity bwn is not shown.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 11/39 ? 2005, gsi technology burst of 2 sigmasio-ii sram depth expansion write b read c write d read e write f read g read h read j nop b c d e f g h j b b+1 f f+1 d d+1 e e+1 h h+1 c c+1 g g+1 j k k address ld bank 1 ld bank 2 r/w bank 1 r/w bank 2 bwx bank 1 bwx bank 2 d bank 1 d bank 2 c bank 1 c bank 1 q bank 1 cq bank 1 cq bank 1 c bank 2 c bank 2 q bank 2 cq bank 2 cq bank 2
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 12/39 ? 2005, gsi technology flxdrive-ii output driver impedance control hstl i/o sigmasio-ii srams are supplied with programmable impe dance output drivers. the zq pin must be connected to v ss via an external resistor, rq, to allow the sram to monitor and adju st its output driver impedance. the value of rq must be 5x t he value of the intended line impedance driven by the sram. the allowable range of rq to guar antee impedance matching with a vendor-specified tolerance is between 175 and 350 . periodic readjustment of the output driver impedance is necessary as the impedance is affected by drifts in supply voltage and temperature. the sram?s output impedance circuitry compensates for drifts in supply voltage and temperature every 1024 cycles. a clock cy cle counter periodically triggers an impedance evaluation, rese ts and counts again. each impedance evaluation may move the output driver impedance level one step at a time towards the optimum level. the output driver is implemented with discrete binary weighted impedance steps. impedance updates for ?0s? occur whenever the sram is driving ?1s? for the same dqs (and vice-versa for ?1s?) or the sram is in hi-z. separate i/o burst of 2 sigm a sio-ii sram truth table a ld r/ w current operation d d q q k (t n ) k (t n ) k (t n ) k (t n ) k (t n+1 ) k (t n+1 ) k (t n+1 ) k (t n+1 ) x 1 x deselect x ? hi-z ? v 0 1 read x ? q0 q1 v 0 0 write d0 d1 hi-z ? notes: 1. ?1? = input ?high?; ?0? = input ?low?; ?v ? = input ?valid?; ?x? = input ?don?t care? 2. ??? indicates that the input requirement or output state is determined by the next operation. 3. q0 and q1 indicate the first and second pieces of output data transferr ed during read operations. 4. d0 and d1 indicate the first and second pieces of input data transferred during write operations. 5. qs are tristated for one cycle in response to deselect and wr ite commands, one cycle after the command is sampled, except whe n pre - ceded by a read command. 6. cq is never tristated. 7. users should not clock in metastable addresses.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 13/39 ? 2005, gsi technology x18 byte write clock truth table bw bw current operation d d k (t n+1 ) k (t n+2 ) k (t n ) k (t n+1 ) k (t n+2 ) t t write dx stored if bwn = 0 in both data transfers d1 d2 t f write dx stored if bwn = 0 in 1st data transfer only d1 x f t write dx stored if bwn = 0 in 2nd data transfer only x d2 f f write abort no dx stored in either data transfer x x notes: 1. ?1? = input ?high?; ?0? = input ?low?; ?x? = input ?don?t care?; ?t? = input ?true?; ?f? = input ?false?. 2. if one or more bwn = 0, then bw = ?t?, else bw = ?f?.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 14/39 ? 2005, gsi technology x36 byte write enable ( bwn ) truth table bw3 bw2 bw1 bw0 d27?d35 d18?d26 d9?d17 d0?d8 1 1 1 1 don?t care don?t care don?t care don?t care 0 1 1 1 don?t care don?t care don?t care data in 1 0 1 1 don?t care don?t care data in don?t care 0 0 1 1 don?t care don?t care data in data in 1 1 0 1 don?t care data in don?t care don?t care 0 1 0 1 don?t care data in don?t care data in 1 0 0 1 don?t care data in data in don?t care 0 0 0 1 don?t care data in data in data in 1 1 1 0 data in don?t care don?t care don?t care 0 1 1 0 data in don?t care don?t care data in 1 0 1 0 data in don?t care data in don?t care 0 0 1 0 data in don?t care data in data in 1 1 0 0 data in data in don?t care don?t care 0 1 0 0 data in data in don?t care data in 1 0 0 0 data in data in data in don?t care 0 0 0 0 data in data in data in data in x8 nybble write enable ( nwn ) truth table nw1 nw0 d9?d17 d0?d8 1 1 don?t care don?t care 0 1 don?t care data in 1 0 data in don?t care 0 0 data in data in
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 15/39 ? 2005, gsi technology state diagram power-up nop load new ddr read ddr write read load write load load load load load
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 16/39 ? 2005, gsi technology recommended oper ating conditions absolute maximum ratings (all voltages reference to v ss ) symbol description value unit v dd voltage on v dd pins ?0.5 to 2.9 v v ddq voltage in v ddq pins ?0.5 to v dd v v ref voltage in v ref pins ?0.5 to v ddq v v i/o voltage on i/o pins ?0.5 to v ddq +0.3 ( 2.9 v max.) v v in voltage on other input pins ?0.5 to v ddq +0.3 ( 2.9 v max.) v i in input current on any pin +/?100 ma dc i out output current on any i/o pin +/?100 ma dc t j maximum junction temperature 125 o c t stg storage temperature ?55 to 125 o c note: permanent damage to the device may occur if the absolute maximu m ratings are exceeded. operati on should be restricted to recomm ended operating conditions. exposure to conditi ons exceeding the recommended operating condi tions, for an extended period of time, ma y affect reliability of this component. power supplies parameter symbol min. typ. max. unit supply voltage v dd 1.7 1.8 1.9 v i/o supply voltage v ddq 1.4 ? 1.9 v reference voltage v ref 0.68 ? 0.95 v notes: 1. unless otherwise noted, all perfo rmance specifications quoted are evaluated for worst case at both 1.4 v v ddq 1.6 v (i.e., 1.5 v i/o) and 1.7 v v ddq 1.9 v (i.e., 1.8 v i/o) and quoted at whichever condition is worst case. 2. the power supplies need to be powered up simu ltaneously or in the following sequence: v dd , v ddq , v ref , followed by signal inputs. the power down sequence must be the reverse. v ddq must not exceed v dd . operating temperature parameter symbol min. typ. max. unit ambient temperature (commercial range versions) t a 0 25 70 c ambient temperature (industrial range versions) t a ?40 25 85 c
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 17/39 ? 2005, gsi technology hstl i/o ac input definitions hstl i/o dc input characteristics parameter symbol min max units notes dc input logic high v ih (dc) v ref + 0.1 v ddq + 0.3 mv 1 dc input logic low v il (dc) ?0.3 v ref ? 0.1 mv 1 note: compatible with both 1.8 v and 1.5 v i/o drivers hstl i/o ac input characteristics parameter symbol min max units notes ac input logic high v ih (ac) v ref + 0.2 ? mv 3,4 ac input logic low v il (ac) ? v ref ? 0.2 mv 3,4 v ref peak to peak ac voltage v ref (ac) ? 5% v ref (dc) mv 1 notes: 1. the peak to peak ac component superimposed on v ref may not exceed 5% of the dc component of v ref . 2. to guarantee ac characteristics, v ih ,v il , trise, and tfall of inputs and clocks must be within 10% of each other. 3. for devices supplied with hstl i/o input buffers . compatible with both 1.8 v and 1.5 v i/o drivers. 4. see ac input definition drawing below. v ih (ac) v ref v il (ac) 20% tkhkh v ss ? 1.0 v 50% v ss v ih undershoot measurement and timing overshoot measure ment and timing 20% tkhkh v dd + 1.0 v 50% v dd v il
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 18/39 ? 2005, gsi technology ac test load diagram capacitance (t a = 25 o c, f = 1 mh z , v dd = 3.3 v) parameter symbol test conditions typ. max. unit input capacitance c in v in = 0 v 4 5 pf output capacitance c out v out = 0 v 6 7 pf note: this parameter is sample tested. ac test conditions parameter conditions input high level v ddq input low level 0 v max. input slew rate 2 v/ns input reference level v ddq /2 output reference level v ddq /2 note: test conditions as specified with output loading as shown unl ess otherwise noted. input and output leakage characteristics parameter symbol test conditions min. max notes input leakage current (except mode pins) i il v in = 0 to v dd ?2 ua 2 ua doff i indoff v dd v in v il 0 v v in v il ?100 ua ?2 ua 2 ua 2 ua output leakage current i ol output disable, v out = 0 to v ddq ?2 ua 2 ua dq vt = v ddq /2 50 rq = 250 (hstl i/o) v ref = 0.75 v
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 19/39 ? 2005, gsi technology programmable impedance hstl output driver dc electrical characteristics parameter symbol min. max. units notes output high voltage v oh1 v ddq /2 ? 0.12 v ddq /2 + 0.12 v 1, 3 output low voltage v ol1 v ddq /2 ? 0.12 v ddq /2 + 0.12 v 2, 3 output high voltage v oh2 v ddq ? 0.2 v ddq v 4, 5 output low voltage v ol2 vss 0.2 v 4, 6 notes: 1. i oh = (v ddq /2) / (rq/5) +/? 15% @ v oh = v ddq /2 (for: 175 rq 350 ). 2. i ol = (v ddq /2) / (rq/5) +/? 15% @ v ol = v ddq /2 (for: 175 rq 350 ) . 3. parameter tested with rq = 250 and v ddq = 1.5 v or 1.8 v 4. 0 rq ? 5. i oh = ?1.0 ma 6. i ol = 1.0 ma
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 20/39 ? 2005, gsi technology operating currents parameter symbol test conditions -333 -300 -250 -200 -167 notes 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c 0 to 70c ? 40 to 85c operating current (x36): ddr i dd v dd = max, i out = 0 ma cycle time t khkh min 950 ma 975 ma 875 ma 900 ma 750 ma 775 ma 650 ma 675 ma 550 ma 575 ma 2, 3 operating current (x18): ddr i dd v dd = max, i out = 0 ma cycle time t khkh min 850 ma 875 ma 800 ma 825 ma 700 ma 725 ma 600 ma 625 ma 525 ma 550 ma 2, 3 operating current (x9): ddr i dd v dd = max, i out = 0 ma cycle time t khkh min 850 ma 875 ma 775 ma 800 ma 700 ma 725 ma 575 ma 600 ma 525 ma 550 ma 2, 3 operating current (x8): ddr i dd v dd = max, i out = 0 ma cycle time t khkh min 850 ma 875 ma 775 ma 800 ma 700 ma 725 ma 575 ma 600 ma 525 ma 550 ma 2, 3 standby current (nop): ddr i sb1 device deselected, i out = 0 ma, f = max, all inputs 0.2 v or v dd ? 0.2 v 300 ma 310 ma 290 ma 300 ma 270 ma 280 ma 255 ma 265 ma 245 ma 255 ma 2, 4 notes: 1. power measured with output pins floating. 2. minimum cycle, i out = 0 ma 3. operating current is calculated wi th 50% read cycles and 50% write cycles. 4. standby current is only after all pending read and write burst operations are completed.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 21/39 ? 2005, gsi technology ac electrical characteristics parameter symbol -333 -300 -250 -200 -167 units notes min max min max min max min max min max clock k, k clock cycle time c, c clock cycle time t khkh t chch 3.0 5.0 3.3 5.0 4.0 8.4 5.0 8.4 6.0 8.4 ns ttkc variable t kcvar ? 0.2 ? 0.2 ? 0.2 ? 0.2 ? 0.2 ns 5 k, k clock high pulse width c, c clock high pulse width t khkl t chcl 1.2 ? 1.32 ? 1.6 ? 2.0 ? 2.4 ? ns k, k clock low pulse width c, c clock low pulse width t klkh t clch 1.2 ? 1.32 ? 1.6 ? 2.0 ? 2.4 ? ns k to k high c to c high t kh k h t ch c h 1.35 ? 1.49 ? 1.8 ? 2.2 ? 2.7 ? ns k to k high c to c high t k hkh t c hch 1.35 ? 1.49 ? 1.8 ? 2.2 ? 2.7 ? ns k, k clock high to c, c clock high t khch 0 1.3 0 1.45 0 1.8 0 2.3 0 2.8 ns dll lock time t kclock 1024 ? 1024 ? 1024 ? 1024 ? 1024 ? cycle 6 k static to dll reset t kcreset 30 ? 30 ? 30 ? 30 ? 30 ? ns output times k, k clock high to data output valid c, c clock high to data output valid t khqv t chqv ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.5 ns 3 k, k clock high to data output hold c, c clock high to data output hold t khqx t chqx ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.5 ? ns 3 k, k clock high to echo clock valid c, c clock high to echo clock valid t khcqv t chcqv ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.5 ns k, k clock high to echo clock hold c, c clock high to echo clock hold t khcqx t chcqx ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.5 ? ns cq, cq high output valid t cqhqv ? 0.25 ? 0.27 ? 0.30 ? 0.35 ? 0.40 ns 7 cq, cq high output hold t cqhqx ?0.25 ? ?0.27 ? ?0.30 ? ?0.35 ? ?0.40 ? ns 7 cq phase distortion t cqh cq h t cq hcqh 1.10 ? 1.24 ? 1.55 ? 1.95 ? 2.45 ? ns k clock high to data output high-z c clock high to data output high-z t khqz t chqz ? 0.45 ? 0.45 ? 0.45 ? 0.45 ? 0.5 ns 3 k clock high to data output low-z c clock high to data output low-z t khqx1 t chqx1 ?0.45 ? ?0.45 ? ?0.45 ? ?0.45 ? ?0.5 ? ns 3 setup times address input setup time t avkh 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns control input setup time t ivkh 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns 2 data input setup time t dvkh 0.28 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 22/39 ? 2005, gsi technology hold times address input hold time t khax 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns control input hold time t khix 0.4 ? 0.4 ? 0.5 ? 0.6 ? 0.7 ? ns data input hold time t khdx 0.28 ? 0.3 ? 0.35 ? 0.4 ? 0.5 ? ns notes: 1. all address inputs must meet the specified setup and hold times for all latching clock edges. 2. control singles are r , w , bw0 , bw1 , and ( nw0 , nw1 for x8) and ( bw2 , bw3 for x36). 3. if c, c are tied high, k, k become the references for c, c timing parameters 4. to avoid bus contention, at a given vo ltage and temperature tchqx1 is bigger than tc hqz. the specs as shown do not imply bus conten - tion because tchqx1 is a min parameter that is wo rst case at totally different test conditions (0 c, 1.9 v) than tchqz, which is a max parameter (worst case at 70 c, 1.7 v). it is not possible for two srams on the same board to be at such different voltages and tempera - tures. 5. clock phase jitter is the variance from cloc k rising edge to the next expected clock rising edge. 6. v dd slew rate must be less than 0.1 v dc per 50 ns fo r dll lock retention. dll lock time begins once v dd and input clock are stable. 7. echo clock is very tightly controlled to data valid/data hold. by design, there is a 0.1 ns variation from echo clock to dat a. the datasheet parameters reflect tester guard bands and test setup variations. ac electrical character istics (continued) parameter symbol -333 -300 -250 -200 -167 units notes min max min max min max min max min max
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 23/39 ? 2005, gsi technology k controlled read-first timing diagram read a write b read c read e deselect deselect a b c d e b b+1 b b+1 a a+1 c c+1 d d+1 cqhqx cqhqv khcqv khcqx khqx khqv khqz khqx1 khdx dvkh khix ivkh khix ivkh khix ivkh khax avkh kh#kh klkh klkh khkl khkl khkh khkh k k address ld r/w bwx d q cq cq
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 24/39 ? 2005, gsi technology k controlled write-first timing diagram nop write a read b read c write d write e deselect a b c d e a a+1 d d+1 e e+1 a a+1 d d+1 e e+1 b b+1 c c+1 cqhqx cqhqv khcqv khcqx khcqv khcqx khqz khqv khqx khqx1 khdx dvkh khix ivkh khix ivkh khix ivkh khax avkh kh#kh klkh klkh khkl khkl khkh khkh k k address ld r/w bwx d q cq cq
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 25/39 ? 2005, gsi technology c controlled read-first timing diagra m read a write b read c read d deselect deselect a b c d b b+1 b b+1 a a+1 c c+1 d d+1 cqhqx cqhcv chcqv chcqx chqx chqv chqz chqx1 chch# chch chch clch clch chcl chcl khch khdx dvkh khix ivkh khix ivkh khix ivkh khax avkh khkh# klkh klkh khkl khkh khkl khkh k k address ld r/w bwx d c c q cq cq
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 26/39 ? 2005, gsi technology c controlled write-first timing diagram jtag port operation overview the jtag port on this ram operates in a manner that is compliant with ieee standard 1149.1-1990, a serial boundary scan interface standard (commonly referred to as jtag). the jtag port input inte rface levels scale with v dd . the jtag output drivers are powered by v ddq . disabling the jtag port it is possible to use this device without utilizing the jtag port. the port is reset at power-up and will remain inactive unles s clocked. tck, tdi, and tms are designed with internal pull-up circuits.to assure normal operation of the ram with the jtag port unused, tck, tdi, and tms may be left floating or tied to either v dd or v ss . tdo should be left unconnected. nop write a read b write c write d read e deselect a b c d e a a+1 c c+1 d d+1 a a+1 c c+1 d d+1 b b+1 cqhqx cqhqv chqz chqv chqx chqx1 kh#kh klkh klkh khkl khkl khkh khkh khdx dvkh khix ivkh khix ivkh khix ivkh khax avkh kh#kh klkh klkh khkl khkl khkh khkh k k addr ld r/w bwx d c c q cq cq
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 27/39 ? 2005, gsi technology jtag port registers overview the various jtag registers, refered to as test access port ortap registers, are select ed (one at a time) via the sequences of 1 s and 0s applied to tms as tck is strobed. each of the tap regist ers is a serial shift register that captures serial input data o n the rising edge of tck and pushes serial data out on the next falling edge of tck. when a register is selected, it is placed betwe en the tdi and tdo pins. instruction register the instruction register holds the instructi ons that are executed by the ta p controller when it is moved into the run, test/idl e, or the various data register states. instructions are 3 bits long. th e instruction register can be lo aded when it is placed betwee n the tdi and tdo pins. the instruction register is automatically preloa ded with the idcode instruction at power-up or whenever the controller is placed in test-logic-reset state. bypass register the bypass register is a single bit register that can be placed between tdi and tdo. it allows serial test data to be passed th rough the ram?s jtag port to another device in the scan chain with as little delay as possible. boundary scan register the boundary scan register is a collection of flip flops that can be preset by the logic level found on the ram?s input or i/o pins. the flip flops are then daisy chained togeth er so the levels found can be shifted seri ally out of the jtag port?s tdo pin. the boundary scan register also includes a number of place holder flip fl ops (always set to a logic 1). the relationship between t he device pins and the bits in the boundary scan register is de scribed in the scan order table following. the boundary scan register, under the control of the tap contro ller, is loaded with the contents of the rams i/o ring when the controller is in capture-dr state and then is placed between the tdi and tdo pins when the controller is moved to shift- dr state. sample-z, sample/preload and extest instructions can be us ed to activate the boundary scan register. jtag pin descriptions pin pin name i/o description tck test clock in clocks all tap events. all i nputs are captured on the rising edge of tck and all outputs propagate from the falling edge of tck. tms test mode select in the tms input is sampled on the rising edge of tck. this is the command input for the tap controller state machine. an undriven tms input wi ll produce the same result as a logic one input level. tdi test data in in the tdi input is sampled on the rising edge of tck. this is the input side of the serial registers placed between tdi and tdo. the register pl aced between tdi and tdo is determined by the state of the tap controller state machine and the instruction that is currently loaded in the tap instruction register (refer to the tap controll er state diagram). an undriven tdi pin will produce the same result as a logic one input level. tdo test data out out output that is active depending on the state of the tap state machine. output changes in response to the falling edge of tck. this is the out put side of the serial registers placed between tdi and tdo. note: this device does not have a trst (tap rese t) pin. trst is optional in ieee 1149.1. the test-logic-reset state is entered while tms is held high for five rising edges of tck. the tap cont roller is also reset automaticly at power-up.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 28/39 ? 2005, gsi technology jtag tap block diagram identification (id) register the id register is a 32-bit register that is loaded with a device and vendor specific 32-bit code when the controller is put in capture-dr state with the idcode command loaded in the instruction re gister. the code is loaded from a 32-bit on-chip rom. it describes various attributes of the ram as indicated below. the register is then placed between the tdi and tdo pins when th e controller is moved into shift- dr state. bit 0 in the register is the lsb and the first to reach tdo when shifting begins. id register contents not used gsi technology jedec vendor id code presence register bit # 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 x x x x x x x x x x x x x x x x x x x x 0 0 0 1 1 0 1 1 0 0 1 1 instruction register id code register boundary scan register 0 1 2 0 31 30 29 1 2 0 bypass register tdi tdo tms tck test access port (tap) controller 108 1 0 control signals
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 29/39 ? 2005, gsi technology tap controller instruction set overview there are two classes of instructions defined in the standard 1149.1-1990; the standard (public) instructions, and device speci fic (private) instructions. some public instructions are mandator y for 1149.1 compliance. optional public instructions must be implemented in prescribed ways. the tap on th is device may be used to monitor all inpu t and i/o pads, and can be used to load address, data or control signals into the ram or to preload the i/o buffers. when the tap controller is placed in captur e-ir state the two least significant bits of the instruction regi ster are loaded wit h 01. when the controller is moved to the shift-ir state the instructi on register is placed between tdi and tdo. in this state the de sired instruction is serially loaded through the tdi input (while the previous contents are shifted out at tdo). for all instructions , the tap executes newly loaded instruct ions only when the controller is moved to update-ir state. the tap instruction set for this device is listed in the following table. jtag tap controller state diagram instruction descriptions bypass when the bypass instruction is loaded in the instruction register the bypass regi ster is placed between tdi and tdo. this occurs when the tap controller is moved to the shift-dr state. this allows the board level scan path to be shortened to facili - tate testing of other devices in the scan path. select dr capture dr shift dr exit1 dr pause dr exit2 dr update dr select ir capture ir shift ir exit1 ir pause ir exit2 ir update ir test logic reset run test idle 0 0 1 0 1 1 0 0 1 1 1 0 0 1 1 0 0 0 0 1 1 0 0 1 10 0 0 1 11 1
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 30/39 ? 2005, gsi technology sample/preload sample/preload is a standard 1149.1 mandatory public in struction. when the sample / preload instruction is loaded in the instruction register, moving the tap controller into the capture-dr state loads the data in the rams input and i/o buffers into the boundary scan register. boundary scan regist er locations are not associated with an input or i/o pin, and are loaded with the default stat e identified in the boundary s can chain table at the end of th is section of the datasheet. beca use the ram clock is independent from the tap clock (tck) it is possible for the tap to attempt to capture the i/o ring contents while the input buffers are in transition (i.e. in a metastable state). although allowing the tap to sample metastable inputs w ill not harm the device, repeatable results cannot be expected. ram input signals must be stabilized for long enough to meet the taps input data capture set-up plus hold time (tts plus tth) . the rams clock inputs need not be paused for any other tap operation except capturing the i/o ring contents into the boundary s can register. moving the contro ller to shift-dr state then places the boundary scan register between the tdi and tdo pins. extest extest is an ieee 1149.1 mandatory public instruction. it is to be executed whenever the instru ction register is loaded with all logic 0s. the extest command does not block or override th e ram?s input pins; therefore, the ram?s internal state is still determined by its input pins. typically, the boundary scan re gister is loaded with the desired pattern of data with the sample/preload command. then the extest command is used to outp ut the boundary scan register?s contents, in parallel, on the ram?s data output drivers on the falling edge of tck when the controller is in the update-ir state. alternately, the boundary scan register may be loaded in parallel using the extest command. when the extest instruc - tion is selected, the sate of all the ram?s input and i/o pins, as well as the default values at scan register locations not as so - ciated with a pin, are transfer red in parallel into the boundary scan regist er on the rising edge of tck in the capture-dr state, the ram?s output pins drive out the value of the boundar y scan register location with which each output pin is associ - ated. idcode the idcode instruction causes the id rom to be loaded into the id register when the controller is in capture-dr mode and places the id register between the tdi a nd tdo pins in shift-dr mode. the idcode instruction is the default instruction loaded in at power up and any time the controller is placed in the test-logic-reset state. sample-z if the sample-z instruction is loaded in the instruction register, all ram outputs are forced to an inactiv e drive state (high- z) and the boundary scan register is connected between tdi and t do when the tap controller is moved to the shift-dr state. rfu these instructions are reserved fo r future use. in this device they replicate the bypass instruction. jtag tap instruction set summary instruction code description notes extest 000 places the boundary scan re gister between tdi and tdo. 1 idcode 001 preloads id register and places it between tdi and tdo. 1, 2 sample-z 010 captures i/o ring contents. places the b oundary scan register between tdi and tdo. forces all ram output driv ers to high-z except cq. 1 rfu 011 do not use this instruction; reserved for future use. replicates bypass instruction. places bypass register between tdi and tdo. 1
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 31/39 ? 2005, gsi technology sample/ preload 100 captures i/o ring contents. places the b oundary scan register between tdi and tdo. 1 gsi 101 gsi private instruction. 1 rfu 110 do not use this instruction; reserved for future use. replicates bypass instruction. places bypass register between tdi and tdo. 1 bypass 111 places bypass register between tdi and tdo. 1 notes: 1. instruction codes expressed in binary, msb on left, lsb on right. 2. default instruction automatically loaded at power-up and in test-logic-reset state. jtag port recommended operating conditions and dc characteristics parameter symbol min. max. unit notes test port input low voltage v ilj ? 0.3 0.3 * v dd v 1 test port input high voltage v ihj 0.6 * v dd v dd +0.3 v 1 tms, tck and tdi input leakage current i inhj ? 300 1 ua 2 tms, tck and tdi input leakage current i inlj ? 1 100 ua 3 tdo output leakage current i olj ? 1 1 ua 4 test port output high voltage v ohj v dd ? 200 mv ? v 5, 6 test port output low voltage v olj ? 0.4 v 5, 7 test port output cmos high v ohjc v dd ? 100 mv ? v 5, 8 test port output cmos low v oljc ? 100 mv v 5, 9 notes: 1. input under/overshoot voltage must be ? 1 v < vi < v ddn +1 v not to exceed 2.93.6 v maximum, with a pulse width not to exceed 20% ttkc. 2. v ilj v in v ddn 3. 0 v v in v iljn 4. output disable, v out = 0 to v ddn 5. the tdo output driver is served by the v dd supply. 6. i ohj = ? 2 ma 7. i olj = + 2 ma 8. i ohjc = ?100 ua 9. i oljc = +100 ua jtag tap instruction set summary
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 32/39 ? 2005, gsi technology jtag port timing diagram jtag port ac electri cal characteristics parameter symbol min max unit tck cycle time ttkc 50 ? ns tck low to tdo valid ttkq ? 20 ns tck high pulse width ttkh 20 ? ns tck low pulse width ttkl 20 ? ns tdi & tms set up time tts 10 ? ns tdi & tms hold time tth 10 ? ns notes: 1. include scope and jig capacitance. 2. test conditions as shown unless otherwise noted. jtag port ac test conditions parameter conditions input high level v dd ? 0.2 v input low level 0.2 v input slew rate 1 v/ns input reference level v ddq /2 output reference level v ddq /2 dq v ddq /2 50 30pf * jtag port ac test load * distributed test jig capacitance tth tts ttkq tth tts tth tts ttkl ttkl ttkh ttkh ttkc ttkc tck tdi tms tdo parallel sram input
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 33/39 ? 2005, gsi technology jtag port ac electri cal characteristics parameter symbol min. max unit tck cycle time t chch 50 ? ns tck high pulse width t chcl 20 ? ns tck low pulse width t clch 20 ? ns tms input setup time t mvch 5 ? ns tms input hold time t chmx 5 ? ns tdi input setup time t dvch 5 ? ns tdi input hold time t chdx 5 ? ns sram input setup time t svch 5 ? ns sram input hold time t chsx 5 ? ns clock low to output valid t clqv 0 10 ns
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 34/39 ? 2005, gsi technology package dimensions?165-bump fpbga (package e) a b c d e f g h j k l m n p r a b c d e f g h j k l m n p r 1 2 3 4 5 6 7 8 9 10 11 11 10 9 8 7 6 5 4 3 2 1 a1 corner top view a1 corner bottom view 1.0 1.0 10.0 1.0 1.0 14.0 150.05 170.05 a b 0.20(4x) ?0.10 ?0.25 c c a b m m ?0.40~0.60 (165x) c seating plane 0.20 c 0.36~0.46 1.50 max. t h i s p a c k a g e d r a w i n g i s c u r r e n t l y b e i n g u p d a t e d . p l e a s e v i e w t h e c o r r e c t p a c k a g e d r a w i n g a t : h t t p : / / w w w . g s i t e c h n o l o g y . c o m / p a c k ag e s . h t m .
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 35/39 ? 2005, gsi technology ordering information?gsi sigmasio-ii sram org part number 1 type package speed (mhz) t a 3 status 2m x 36 gs8662s36e-333 sigmasio-ii sram 165-bump bga 333 c pq 2m x 36 gs8662s36e-300 sigmasio-ii sram 165-bump bga 300 c pq 2m x 36 gs8662s36e-250 sigmasio-ii sram 165-bump bga 250 c pq 2m x 36 gs8662s36e-200 sigmasio-ii sram 165-bump bga 200 c pq 2m x 36 gs8662s36e-167 sigmasio-ii sram 165-bump bga 167 c pq 2m x 36 gs8662s36e-333i sigmasio-ii sram 165-bump bga 333 i pq 2m x 36 gs8662s36e-300i sigmasio-ii sram 165-bump bga 300 i pq 2m x 36 gs8662s36e-250i sigmasio-ii sram 165-bump bga 250 i pq 2m x 36 gs8662s36e-200i sigmasio-ii sram 165-bump bga 200 i pq 2m x 36 gs8662s36e-167i sigmasio-ii sram 165-bump bga 167 i pq 4m x 18 gs8662s18e-333 sigmasio-ii sram 165-bump bga 333 c pq 4m x 18 gs8662s18e-300 sigmasio-ii sram 165-bump bga 300 c pq 4m x 18 gs8662s18e-250 sigmasio-ii sram 165-bump bga 250 c pq 4m x 18 gs8662s18e-200 sigmasio-ii sram 165-bump bga 200 c pq 4m x 18 gs8662s18e-167 sigmasio-ii sram 165-bump bga 167 c pq 4m x 18 gs8662s18e-333i sigmasio-ii sram 165-bump bga 333 i pq 4m x 18 gs8662s18e-300i sigmasio-ii sram 165-bump bga 300 i pq 4m x 18 gs8662s18e-250i sigmasio-ii sram 165-bump bga 250 i pq 4m x 18 gs8662s18e-200i sigmasio-ii sram 165-bump bga 200 i pq 4m x 18 gs8662s18e-167i sigmasio-ii sram 165-bump bga 167 i pq 8m x 9 gs8662s09e-333 sigmasio-ii sram 165-bump bga 333 c pq 8m x 9 gs8662s09e-300 sigmasio-ii sram 165-bump bga 300 c pq 8m x 9 gs8662s09e-250 sigmasio-ii sram 165-bump bga 250 c pq 8m x 9 gs8662s09e-200 sigmasio-ii sram 165-bump bga 200 c pq 8m x 9 gs8662s09e-167 sigmasio-ii sram 165-bump bga 167 c pq 8m x 9 gs8662s09e-333i sigmasio-ii sram 165-bump bga 333 i pq 8m x 9 gs8662s09e-300i sigmasio-ii sram 165-bump bga 300 i pq 8m x 9 gs8662s09e-250i sigmasio-ii sram 165-bump bga 250 i pq 8m x 9 gs8662s09e-200i sigmasio-ii sram 165-bump bga 200 i pq notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs866x36e- 300t. 2. t a = c = commercial temperature range. t a = i = industrial temperature range.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 36/39 ? 2005, gsi technology 8m x 9 gs8662s09e-167i sigmasio-ii sram 165-bump bga 167 i pq 8m x 8 gs8662s08e-333 sigmasio-ii sram 165-bump bga 333 c pq 8m x 8 gs8662s08e-300 sigmasio-ii sram 165-bump bga 300 c pq 8m x 8 gs8662s08e-250 sigmasio-ii sram 165-bump bga 250 c pq 8m x 8 gs8662s08e-200 sigmasio-ii sram 165-bump bga 200 c pq 8m x 8 gs8662s08e-167 sigmasio-ii sram 165-bump bga 167 c pq 8m x 8 gs8662s08e-333i sigmasio-ii sram 165-bump bga 333 i pq 8m x 8 gs8662s08e-300i sigmasio-ii sram 165-bump bga 300 i pq 8m x 8 gs8662s08e-250i sigmasio-ii sram 165-bump bga 250 i pq 8m x 8 gs8662s08e-200i sigmasio-ii sram 165-bump bga 200 i pq 8m x 8 gs8662s08e-167i sigmasio-ii sram 165-bump bga 167 i pq 2m x 36 gs8662s36ge-333 sigmasio-ii sram rohs-compliant 165-bump bga 333 c pq 2m x 36 gs8662s36ge-300 sigmasio-ii sram rohs-compliant 165-bump bga 300 c pq 2m x 36 gs8662s36ge-250 sigmasio-ii sram rohs-compliant 165-bump bga 250 c pq 2m x 36 gs8662s36ge-200 sigmasio-ii sram rohs-compliant 165-bump bga 200 c pq 2m x 36 gs8662s36ge-167 sigmasio-ii sram rohs-compliant 165-bump bga 167 c pq 2m x 36 gs8662s36ge-333i sigmasio-ii sram rohs-compliant 165-bump bga 333 i pq 2m x 36 gs8662s36ge-300i sigmasio-ii sram rohs-compliant 165-bump bga 300 i pq 2m x 36 GS8662S36GE-250I sigmasio-ii sram rohs-compliant 165-bump bga 250 i pq 2m x 36 gs8662s36ge-200i sigmasio-ii sram rohs-compliant 165-bump bga 200 i pq 2m x 36 gs8662s36ge-167i sigmasio-ii sram rohs-compliant 165-bump bga 167 i pq 4m x 18 gs8662s18ge-333 sigmasio-ii sram rohs-compliant 165-bump bga 333 c pq ordering information?gsi sigmasio-ii sram org part number 1 type package speed (mhz) t a 3 status notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs866x36e- 300t. 2. t a = c = commercial temperature range. t a = i = industrial temperature range.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 37/39 ? 2005, gsi technology 4m x 18 gs8662s18ge-300 sigmasio-ii sram rohs-compliant 165-bump bga 300 c pq 4m x 18 gs8662s18ge-250 sigmasio-ii sram rohs-compliant 165-bump bga 250 c pq 4m x 18 gs8662s18ge-200 sigmasio-ii sram rohs-compliant 165-bump bga 200 c pq 4m x 18 gs8662s18ge-167 sigmasio-ii sram rohs-compliant 165-bump bga 167 c pq 4m x 18 gs8662s18ge-333i sigmasio-ii sram rohs-compliant 165-bump bga 333 i pq 4m x 18 gs8662s18ge-300i sigmasio-ii sram rohs-compliant 165-bump bga 300 i pq 4m x 18 gs8662s18ge-250i sigmasio-ii sram rohs-compliant 165-bump bga 250 i pq 4m x 18 gs8662s18ge-200i sigmasio-ii sram rohs-compliant 165-bump bga 200 i pq 4m x 18 gs8662s18ge-167i sigmasio-ii sram rohs-compliant 165-bump bga 167 i pq 8m x 9 gs8662s09ge-333 sigmasio-ii sram rohs-compliant 165-bump bga 333 c pq 8m x 9 gs8662s09ge-300 sigmasio-ii sram rohs-compliant 165-bump bga 300 c pq 8m x 9 gs8662s09ge-250 sigmasio-ii sram rohs-compliant 165-bump bga 250 c pq 8m x 9 gs8662s09ge-200 sigmasio-ii sram rohs-compliant 165-bump bga 200 c pq 8m x 9 gs8662s09ge-167 sigmasio-ii sram rohs-compliant 165-bump bga 167 c pq 8m x 9 gs8662s09ge-333i sigmasio-ii sram rohs-compliant 165-bump bga 333 i pq 8m x 9 gs8662s09ge-300i sigmasio-ii sram rohs-compliant 165-bump bga 300 i pq 8m x 9 gs8662s09ge-250i sigmasio-ii sram rohs-compliant 165-bump bga 250 i pq 8m x 9 gs8662s09ge-200i sigmasio-ii sram rohs-compliant 165-bump bga 200 i pq ordering information?gsi sigmasio-ii sram org part number 1 type package speed (mhz) t a 3 status notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs866x36e- 300t. 2. t a = c = commercial temperature range. t a = i = industrial temperature range.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 38/39 ? 2005, gsi technology 8m x 9 gs8662s09ge-167i sigmasio-ii sram rohs-compliant 165-bump bga 167 i pq 8m x 8 gs8662s08ge-333 sigmasio-ii sram rohs-compliant 165-bump bga 333 c pq 8m x 8 gs8662s08ge-300 sigmasio-ii sram rohs-compliant 165-bump bga 300 c pq 8m x 8 gs8662s08ge-250 sigmasio-ii sram rohs-compliant 165-bump bga 250 c pq 8m x 8 gs8662s08ge-200 sigmasio-ii sram rohs-compliant 165-bump bga 200 c pq 8m x 8 gs8662s08ge-167 sigmasio-ii sram rohs-compliant 165-bump bga 167 c pq 8m x 8 gs8662s08ge-333i sigmasio-ii sram rohs-compliant 165-bump bga 333 i pq 8m x 8 gs8662s08ge-300i sigmasio-ii sram rohs-compliant 165-bump bga 300 i pq 8m x 8 gs8662s08ge-250i sigmasio-ii sram rohs-compliant 165-bump bga 250 i pq 8m x 8 gs8662s08ge-200i sigmasio-ii sram rohs-compliant 165-bump bga 200 i pq 8m x 8 gs8662s08ge-167i sigmasio-ii sram rohs-compliant 165-bump bga 167 i pq ordering information?gsi sigmasio-ii sram org part number 1 type package speed (mhz) t a 3 status notes: 1. customers requiring delivery in tape and r eel should add the character ?t? to the end of the part number. example: gs866x36e- 300t. 2. t a = c = commercial temperature range. t a = i = industrial temperature range.
preliminary gs8662s08/09/18/36e-333/300/250/200/167 specifications cited are subject to change without notice . for latest documentation see http://www.gsitechnology.com. rev: 1.05 10/2007 39/39 ? 2005, gsi technology sigmasio-ii revision history file name format/content description of changes 8662sxx_r1 creation of datasheet 8662sxx_r1; 8662sxx_r1_01 content added rohs-compliant package information 8662sxx_r1_01; 8662sxx_r1_02 content updated max tkhkh 8662sxx_r1_02; 8662sxx_r1_03 content ? updated tkh k h, tkhch in ac char table ? added t k hkh and cq phase distortion to ac char table 8662sxx_r1_03; 8662sxx_r1_04 content ? added cz data ? updated i/o supply voltage data ? updated power-up sequence information ? (rev1.04a: pin p11 on x9 changed from nc to q0 (typo)) 8662sxx_r1_03; 8662sxx_r1_04 content ? changed status to pq


▲Up To Search▲   

 
Price & Availability of GS8662S36GE-250I

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X