eh14 series ? crystal clock oscillators ? cmos/ttl output ? +5.0v supply voltage ? tri-state output function ? 4 pad plastic smd package ? rohs compliant oscillator eh14 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh14 plastic 5.0v os49 6/10 electrical specifications inclusive of all conditions: calibration tolerance at 25c, frequency stability over the operating temperature range, supply voltage change, output load change, first year aging at 25c, shock, and vibration w/ttl load w/cmos load w/ttl load w/cmos load at 1.4v dc w/ttl load; at 50% of waveform w/cmos load ( 70.000mhz) at 50% of waveform w/ ttl load or w/cmos load (>70.000mhz) at 50% of waveform w/ttl load or w/cmos load 0.8v dc to 2.0v dc w/ttl load or 20% to 80% of waveform w/cmos load ( 70.000mhz) 0.8v dc to 2.0v dc w/ttl load or 20% to 80% of waveform w/cmos load (>70.000mhz) v ih :no connection v ih : 2.2v dc v il : 0.8v dc 70.000mhz >70.000mhz 1.000mhz to 155.520mhz 0c to +70c or -40c to +85c -55c to +125c 5.0v dc 10% 50ma maximum (unloaded) 100ppm, 50ppm, 25ppm, or 20ppm maximum 2.4v dc minimum i oh =-16ma v dd -0.4v dc minimum i oh =-16ma 0.4v dc maximum i ol =+16ma 0.5v dc maximum i ol =+16ma 50 10(%) (standard) 50 10(%) (standard) 50 5(%) (optional) 6 nseconds maximum 4 nseconds maximum enables output enables output disables output: high impedance 5ppm / year maximum 10 mseconds maximum 10ttl load or 50pf cmos load maximum 5ttl load or 15pf cmos load maximum 250psec maximum, 100psec typical 50psec maximum, 30psec typical frequency range operating temperature range storage temperature range supply voltage (v dd ) input current frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) duty cycle (v dd =5.0v dc ) rise time / fall time tri-state input voltage aging (at 25c) start up time load drive capability period jitter: absolute period jitter: one sigma h 4.7 l 14.0 w 9.8
eh14 00 sj et t ts - 24.000m tr frequency tolerance / stability 00=100 ppm maximum 45=50ppm maximum, 25=25ppm maximum 20=20ppm maximum operating temp. range blank =0oc to +70oc, et=-40c to +85c duty cycle blank=50 10(%) t=50 5(%) available options blank=bulk tr=tape & reel frequency output control function ts=tri-state part numbering guide characteristic specification esd susceptibility mil-std-883, method 3015, class 1, hbm: 1500v fine leak test mil-std-883, method 1014, condition a (internal crystal only) flammability ul94-v0 gross leak test mil-std-883, method 1014, condition c (internal crystal only) mechanical shock mil-std-202, method 213, condition c moisture resistance mil-std-883, method 1004 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010, condition b vibration mil-std-883, method 2007, condition a manufacturer category series package voltage class rev . date ecliptek corp. oscillator eh14 plastic 5.0v os49 06/10 mechanical dimensions all dimensions in millimeters environmental/mechanical specifications marking specifications tape and reel dimensions all dimensions in millimeters pin 1: tri-state pin 2: case ground pin 3: output pin 4: supply voltage suggested solder pad layout all dimensions in millimeters tolerances = 0.1 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. reel *compliant to eia 481a m 1.5 min n 50 min o 20.2 min p 13.2 q 40 min s 10 min r 2.5 min t 30.4 max u 360 max v 24.4+2-0 qty/reel 1000 a b c d e f 24 .3 11.5 .1 10.75 .1 4 .2 2.1 f g h j k l 12 .2 b0* 1.5 +.1-0 a0* .3 .1 k0* tape line 1: ecliptek line 2: xx.xxx m frequency in mhz (5 digits maximum + decimal) line 3: xxxxxx ecliptek manufacturing identifier
|