Part Number Hot Search : 
AN17830 SAC15 1N5222B 056316 2030A 0LT1G JS28F128 2412F
Product Description
Full Text Search
 

To Download E526HN-100304 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  type mc120 molded coils t????? e526hna-100294 c1 1 / 2 brown ? 0.04 80 100 64.5 2% yes e526hna-100295 c2 1 / 2 red
z 0.06 90 100 39.0 3% yes e526hna-100296 c3 1 / 2 orange  0.09 100 100 25.5 3% yes e526hna-100297 c4 1 / 2 yellow + 0.14 100 100 18.0 3% yes e526hna-100298 c5 1 / 2 green ? 0.17 80 50 60.0 3% yes 13 max.10 max. 7 7 10 max. 3.51  0.7 2 mc120 space wound: 0.03~0.21h, high q close wound: 0.04~0.53h, med q frequency range: 30~150mhz (1) inductance range: 0.03~0.53h (unit: mm) features ? popular low profile applications limited to 13mm high devices and terminal locations are same as 10ez/10k series. ? shield case available. ?yy ? ? nnw a j ypz&;,srq ????to ?;pv? ?  vz??vud ? 3???-?  ?d ??  q type mc120 f? ? j 
: 
??? ?????? 2  * t
: ? e0? c? 
3???-? toko part number winding (2) color code inductance (h) q min. test frequency (mhz) tuning capacitance (3) range (pf) shield case e526hna-100299 c6 1 / 2 blue
h 0.21 80 50 48.0 3% yes e526hna-100300 c7 1 / 2 violet  0.24 80 50 42.0 3% yes e526hna-100301 c8 1 / 2 gray ? 0.28 80 50 35.0 3% yes e526hna-100079 c9 1 / 2 white ( 0.33 80 50 30.0 3% yes e526hn-100302 c1 1 / 2 brown ? 0.04 120 100 55.0 3% no e526hn-100303 c2 1 / 2 red
z 0.08 130 100 30.0 3% no E526HN-100304 c3 1 / 2 orange  0.13 130 100 19.5 3% no e526hn-100305 c4 1 / 2 yellow + 0.19 140 100 13.0 3% no e526hn-100306 c5 1 / 2 green ? 0.24 100 50 42.0 3% no e526hn-100307 c6 1 / 2 blue
h 0.31 100 50 32.0 3% no e526hn-100308 c7 1 / 2 violet  0.35 100 50 28.5 3% no e526hn-100309 c8 1 / 2 gray ? 0.44 100 50 23.0 3% no e526hn-100109 c9 1 / 2 white ( 0.53 100 50 19.0 2% no e526hna-100310 s1 1 / 2 brown ? 0.03 80 100 69.5 2% yes e526hna-100311 s2 1 / 2 red
z 0.05 90 100 43.5 3% yes e526hna-100312 s3 1 / 2 orange  0.08 110 100 30.0 3% yes e526hna-100313 s4 1 / 2 yellow + 0.10 110 100 23.5 3% yes e526hna-100314 s5 1 / 2 green ? 0.13 110 100 18.5 2% yes e526hn-100315 s1 1 / 2 brown ? 0.04 100 100 58.0 3% no e526hn-100316 s2 1 / 2 red
z 0.07 150 100 34.0 3% no e526hn-100317 s3 1 / 2 orange  0.11 170 100 21.5 3% no e526hn-100318 s4 1 / 2 yellow + 0.15 180 100 16.5 3% no e526hn-100319 s5 1 / 2 green ? 0.21 190 100 12.0 3% no selection guide for standard coils (1) alternate use of an aluminum core with listed items will increase the usable frequency range of any specific coil form. however, inductance is reduced. these cores may also be substituted for ferrite as a means of lowering q. (2) c=close, s=space (3) minimum inductance core position (c; 7 1 / 2 t to 9 1 / 2 t,s; 4 1 / 2 t to 5 1 / 2 t) 2 turns off from top of bobbin or metal can. (4) inductance values for reference only. 
 ????????t ?w ?p e 8q`o?;b?yz?;d * t
: c?x
?c`?buz??????xn ?`?b{2?<[?  ?q`o\?? w??????w e??t?;b?\q?d pb{ 
$$mptfz44qbdf 
? ?7 ???????? ? $    5t?    5z4    5t?    5
xz3??? -??hx???w7 ?t????m?h tpb{ 
?????? ?xz?? ?pb{


▲Up To Search▲   

 
Price & Availability of E526HN-100304

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X