Part Number Hot Search : 
SMC5376B D40175 15008 SMAZ12 CS844 TLP641J FQG4902 HN3C18F
Product Description
Full Text Search
 

To Download CZRUR6V8B-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode page 1 maximum rating and electrical characteristics op era tin g j un cti on an d s tor ag e t em pe rat ur e r an ge p ar am et er s ym bo l v al ue 0.9 15 0 -55 to +1 25 u ni t v mw fo rw ard cu rre nt , s ur ge pe ak 8.3 m s s ing le ha lf s ine -w av e s up eri mp os ed on ra te loa d( je de c me tho d ) 2.0 a i fsm p d v f t j o c maximum forward v oltage drop at i f = 10 ma o maximum power dissipation at 25 c pe ak es d vo lta ge ca pa bil ity (ie c 61 00 0-4 -2) 8 v pv kv 0 . 0 7 1 ( 1 . 8 0 ) 0 . 0 6 3 ( 1 . 6 0 ) 0 . 0 3 9 ( 1 . 0 0 ) 0 . 0 3 1 ( 0 . 8 0 ) 0 . 0 3 3 ( 0 . 8 5 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 0 2 8 ( 0 . 7 0 ) t y p . 0 . 0 1 8 ( 0 . 4 5 ) t y p . czrur2v4b-hf thru czrur39vb-hf qw -g2008 rev :a comchip t echnology co., l td. v oltage 2.4 to 39 v olts power 150 mw atts features -150mw power dissipation. -high v oltages from 2.4 ~ 39 v . -designed for mounting on small surface. -extremely thin/leadless package. -constant voltage control. -pb free product. mechanical data -case: 0603 standard package /sod-523f molded plastic. -t erminals: gold plated, solderable per mil-std-750,method 2026. -polarity: indicated by cathode band. -w eight: 0.003 gram(approx.). rohs device halogen free 0 6 0 3 / s o d - 5 2 3 f
smd zener diode page 2 o electrical characteristics(t a = 25c) part num ber m a rk in g cod e min max i z (ma ) max i z (ma ) max i z (ma ) max v r (v) v z (v) zzt( ohm ) zzk (ohm ) ir(u a) zene r v oltag e ope ratin g resi stan ce risi ng oper ating res istan ce rev erse curr ent c z r u r 2 v 4 b -h f c z r u r 2 v 7 b -h f c z r u r 3 v 0 b -h f c z r u r 3 v 3 b -h f c z r u r 3 v 6 b -h f c z r u r 3 v 9 b -h f c z r u r 4 v 3 b -h f c z r u r 4 v 7 b -h f c z r u r 5 v 1 b -h f c z r u r 5 v 6 b -h f c z r u r 6 v 2 b -h f c z r u r 6 v 8 b -h f c z r u r 7 v 5 b -h f c z r u r 8 v 2 b -h f c z r u r 9 v 1 b -h f c z r u r 1 0 v b -h f c z r u r 1 1 v b -h f c z r u r 1 2 v b -h f c z r u r 1 3 v b -h f c z r u r 1 5 v b -h f c z r u r 1 6 v b -h f c z r u r 1 8 v b -h f c z r u r 2 0 v b -h f c z r u r 2 2 v b -h f c z r u r 2 4 v b -h f c z r u r 2 7 v b -h f c z r u r 3 0 v b -h f c z r u r 3 3 v b -h f c z r u r 3 6 v b -h f c z r u r 3 9 v b -h f u 2 u 3 u 4 u 5 u 6 u 7 u 8 u 9 u a u b u c u e u f u g u h u j u k u m u n u p u q u r u s u t u u u v u w u x u y u z 2 .3 4 2 .6 3 2 .9 3 3 .2 2 3 .5 1 3 .8 0 4 .1 9 4 .5 8 4 .9 7 5 .4 6 6 .0 5 6 .6 3 7 .3 1 8 .0 0 8 .8 7 9 .7 5 1 0 .7 3 1 1 .7 0 1 2 .6 8 1 4 .6 3 1 5 .6 0 1 7 .5 5 1 9 .5 0 2 1 .4 5 2 3 .4 0 2 6 .3 3 2 9 .2 5 3 2 .1 8 3 5 .1 0 3 8 .0 3 2 .4 6 2 .7 7 3 .0 8 3 .3 8 3 .6 9 4 .0 0 4 .4 1 4 .8 2 5 .2 3 5 .7 4 6 .3 6 6 .9 7 7 .6 9 8 .4 1 9 .3 3 1 0 .2 5 1 1 .2 7 1 2 .3 0 1 3 .3 2 1 5 .3 7 1 6 .4 0 1 8 .4 5 2 0 .5 0 2 2 .5 5 2 4 .6 0 2 7 .6 7 3 0 .7 5 3 3 .8 2 3 6 .9 0 3 9 .9 7 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 0 0 1 0 0 9 5 9 5 9 0 9 0 8 8 7 0 5 0 2 5 1 0 8 7 7 1 0 1 5 1 8 2 2 2 5 3 2 3 6 4 2 4 8 5 5 6 2 7 0 7 8 8 8 9 5 1 3 0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 8 0 0 1 9 0 0 2 0 0 0 2 2 0 0 2 3 0 0 2 4 0 0 2 5 0 0 2 2 0 0 2 0 5 0 1 8 0 0 1 3 0 0 7 5 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 7 0 0 7 0 0 8 0 0 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 1 0 0 7 5 5 0 2 5 1 5 1 0 5 3 2 2 1 1 0 .5 0 .5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 1 1 1 1 1 1 1 1 .5 2 3 4 5 .2 6 6 .5 7 8 .4 9 .1 9 .9 1 1 1 2 1 4 1 5 1 7 1 8 2 1 2 3 2 5 2 7 3 0 8 qw -g2008 rev :a comchip t echnology co., l td.
ra ting and characteristic cur ves (czrur2v4b-hf thru czrur39vb-hf) 1 0 0 m 1 0 m 1 m 1 0 0 1 0 1 1 0 0 n 1 0 n 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 f ig . 1 z e n e r v o lt a g e c h a r a c t e r is t ic s 3 . 6 3 . 9 4 . 3 4 . 7 5 . 1 5 . 6 6 . 2 6 . 8 7 . 5 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 3 0 2 7 2 4 2 2 2 0 1 8 3 3 3 6 3 0 0 2 0 0 1 0 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 f ig . 2 d e r a t in g c u r v e zener vol t age:v z (v) 0 . 1 0 i z =5ma 2 1 0 2 0 3 0 0 . 0 8 0 . 0 6 0 . 0 2 0 . 0 0 - 0 . 0 2 - 0 . 0 4 - 0 . 0 6 - 0 . 0 6 - 0 . 0 8 0 . 0 4 p o w e r d i s s i p a t i o n : p d ( m w ) f ig . 3 z e n e r v o lt a g e - t e m p . c o e f f ic ie n t c h a r a c t e r is t ic s z e n e r c u r r e n t : i z ( a ) z e n e r vol t a g e : v z (v ) o ambient tempera ture:t a( c) i z =500 a o t e m p c o e f f i c i e n t c h a r a c t e r i s t i c s ( % / c ) page 3 smd zener diode qw -g2008 rev :a comchip t echnology co., l td.
page 4 smd zener diode i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed reel t aping specification polarity b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 0 3 9 0 . 0 0 4 0 . 0 7 3 0 . 0 0 4 0 . 0 3 9 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 0 0 0 . 1 0 1 . 8 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 0 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 qw -g2008 rev :a comchip t echnology co., l td. 0 6 0 3 ( s o d - 5 2 3 f ) 0 6 0 3 ( s o d - 5 2 3 f )
page 5 qw -g2008 rev :a smd zener diode suggested p ad layout size (inch) 0.049 (mm) 1.25 0.60 1.00 0.024 0.039 1.85 0.073 e 0.65 0.026 standard package a b c d a c b e d comchip t echnology co., l td. c a s e t y p e q t y p e r r e e l ( p c s ) 4 0 0 0 0 6 0 3 / s o d - 5 2 3 f r e e l s i z e ( i n c h ) 7 0 6 0 3 / s o d - 5 2 3 f


▲Up To Search▲   

 
Price & Availability of CZRUR6V8B-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X