Part Number Hot Search : 
CL5822 FKI07174 SM7513SL W137H 21012 3AV2C A3202 00050
Product Description
Full Text Search
 

To Download CZRFR6V8B-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smd zener diode v oltage 2.4 to 39 v olts power 200 mw atts page 1 features -200mw power dissipation. -high v oltages from 2.4 ~ 39 v . -designed for mounting on small surface. -extremely thin/leadless package. -constant voltage control. -pb free product. mechanical data -case: 1005 standard package /sod-323f molded plastic. -t erminals: gold plated, solderable per mil-std-750,method 2026. -polarity: indicated by cathode band. -w eight: 0.006 gram(approx.). op era tin g j un cti on an d s tor ag e t em pe rat ur e r an ge p ar am et er s ym bo l v al ue 0.9 20 0 -55 to +1 25 u ni t v mw fo rw ard cu rre nt , s ur ge pe ak 8.3 m s s ing le ha lf s ine -w av e s up eri mp os ed on ra te loa d( je de c me tho d ) 2.0 a maximum rating and electrical characteristics i fsm p d v f t j o c maximum forward v oltage drop at i f = 10 ma o maximum power dissipation at 25 c qw -g2010 rev :a pe ak es d vo lta ge ca pa bil ity (ie c 61 00 0-4 -2) 8 v pv kv czrfr2v4b-hf thru czrfr39vb-hf comchip t echnology co., l td. 0 . 1 0 2 ( 2 . 6 0 ) 0 . 0 9 5 ( 2 . 4 0 ) 0 . 0 5 1 ( 1 . 3 0 ) 0 . 0 4 3 ( 1 . 1 0 ) 0 . 0 3 5 ( 0 . 9 0 ) 0 . 0 2 7 ( 0 . 7 0 ) d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) 0 . 0 2 0 ( 0 . 5 0 ) t y p . 0 . 0 4 0 ( 1 . 0 0 ) t y p . rohs device halogen free 1 0 0 5 / s o d - 3 2 3 f
smd zener diode page 2 part num ber m a rk in g cod e min max i z (ma ) max i z (ma ) max i z (ma ) max v r (v) v z (v) zzt( ohm ) zzk (ohm ) ir(u a) zene r v oltag e ope ratin g resi stan ce risi ng oper ating res istan ce rev erse curr ent o electrical characteristics(t a = 25c) c z r f r 2 v 4 b -h f c z r f r 2 v 7 b -h f c z r f r 3 v 0 b -h f c z r f r 3 v 3 b -h f c z r f r 3 v 6 b -h f c z r f r 3 v 9 b -h f c z r f r 4 v 3 b -h f c z r f r 4 v 7 b -h f c z r f r 5 v 1 b -h f c z r f r 5 v 6 b -h f c z r f r 6 v 2 b -h f c z r f r 6 v 8 b -h f c z r f r 7 v 5 b -h f c z r f r 8 v 2 b -h f c z r f r 9 v 1 b -h f c z r f r 1 0 v b -h f c z r f r 1 1 v b -h f c z r f r 1 2 v b -h f c z r f r 1 3 v b -h f c z r f r 1 5 v b -h f c z r f r 1 6 v b -h f c z r f r 1 8 v b -h f c z r f r 2 0 v b -h f c z r f r 2 2 v b -h f c z r f r 2 4 v b -h f c z r f r 2 7 v b -h f c z r f r 3 0 v b -h f c z r f r 3 3 v b -h f c z r f r 3 6 v b -h f c z r f r 3 9 v b -h f u 2 u 3 u 4 u 5 u 6 u 7 u 8 u 9 u a u b u c u e u f u g u h u j u k u m u n u p u q u r u s u t u u u v u w u x u y u z 2 .3 4 2 .6 3 2 .9 3 3 .2 2 3 .5 1 3 .8 0 4 .1 9 4 .5 8 4 .9 7 5 .4 6 6 .0 5 6 .6 3 7 .3 1 8 .0 0 8 .8 7 9 .7 5 1 0 .7 3 1 1 .7 0 1 2 .6 8 1 4 .6 3 1 5 .6 0 1 7 .5 5 1 9 .5 0 2 1 .4 5 2 3 .4 0 2 6 .3 3 2 9 .2 5 3 2 .1 8 3 5 .1 0 3 8 .0 3 2 .4 6 2 .7 7 3 .0 8 3 .3 8 3 .6 9 4 .0 0 4 .4 1 4 .8 2 5 .2 3 5 .7 4 6 .3 6 6 .9 7 7 .6 9 8 .4 1 9 .3 3 1 0 .2 5 1 1 .2 7 1 2 .3 0 1 3 .3 2 1 5 .3 7 1 6 .4 0 1 8 .4 5 2 0 .5 0 2 2 .5 5 2 4 .6 0 2 7 .6 7 3 0 .7 5 3 3 .8 2 3 6 .9 0 3 9 .9 7 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 0 0 1 0 0 9 5 9 5 9 0 9 0 8 8 7 0 5 0 2 5 1 0 8 7 7 1 0 1 5 1 8 2 2 2 5 3 2 3 6 4 2 4 8 5 5 6 2 7 0 7 8 8 8 9 5 1 3 0 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 1 8 0 0 1 9 0 0 2 0 0 0 2 2 0 0 2 3 0 0 2 4 0 0 2 5 0 0 2 2 0 0 2 0 5 0 1 8 0 0 1 3 0 0 7 5 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 6 0 0 7 0 0 7 0 0 8 0 0 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 0 .2 5 1 0 0 7 5 5 0 2 5 1 5 1 0 5 3 2 2 1 1 0 .5 0 .5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 1 1 1 1 1 1 1 1 .5 2 3 4 5 .2 6 6 .5 7 8 .4 9 .1 9 .9 1 1 1 2 1 4 1 5 1 7 1 8 2 1 2 3 2 5 2 7 3 0 8 qw -g2010 rev :a comchip t echnology co., l td.
ra ting and characteristic cur ves (czrfr2v4b-hf thru czrfr39vb-hf) 1 0 0 m 1 0 m 1 m 1 0 0 1 0 1 1 0 0 n 1 0 n 0 5 1 0 1 5 2 0 2 5 3 0 3 5 4 0 f ig . 1 z e n e r v o lt a g e c h a r a c t e r is t ic s 3 . 6 3 . 9 4 . 3 4 . 7 5 . 1 5 . 6 6 . 2 6 . 8 7 . 5 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 3 0 2 7 2 4 2 2 2 0 1 8 3 3 3 6 3 0 0 2 0 0 1 0 0 0 0 2 5 5 0 7 5 1 0 0 1 2 5 1 5 0 f ig . 2 d e r a t in g c u r v e zener vol t age:v z (v) 0 . 1 0 i z =5ma 2 1 0 2 0 3 0 0 . 0 8 0 . 0 6 0 . 0 2 0 . 0 0 - 0 . 0 2 - 0 . 0 4 - 0 . 0 6 - 0 . 0 6 - 0 . 0 8 0 . 0 4 p o w e r d i s s i p a t i o n : p d ( m w ) f ig . 3 z e n e r v o lt a g e - t e m p . c o e f f ic ie n t c h a r a c t e r is t ic s z e n e r c u r r e n t : i z ( a ) z e n e r vol t a g e : v z (v ) o ambient tempera ture:t a( c) i z =500 a o t e m p c o e f f i c i e n t c h a r a c t e r i s t i c s ( % / c ) page 3 smd zener diode qw -g2010 rev :a comchip t echnology co., l td.
page 4 smd zener diode i n d e x h o l e o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d e f b w a p p 0 p 1 d 1 d 2 d w 1 t c direction of feed reel t aping specification polarity b c d d d 2 d 1 e f p p 0 p 1 t s y m b o l a w w 1 ( m m ) ( i n c h ) 0 . 0 6 1 0 . 0 0 4 0 . 1 0 4 0 . 0 0 4 0 . 0 4 1 0 . 0 0 4 0 . 0 6 1 0 . 0 0 2 7 . 0 0 8 0 . 0 4 2 . 3 6 2 m i n . 0 . 5 1 2 0 . 0 0 8 s y m b o l ( m m ) ( i n c h ) 0 . 0 6 9 0 . 0 0 4 0 . 1 3 8 0 . 0 0 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 4 0 . 0 0 9 0 . 0 0 2 0 . 3 1 5 0 . 0 0 8 0 . 5 3 1 m a x . 1 . 5 5 0 . 1 0 2 . 6 5 0 . 1 0 4 . 0 0 0 . 1 0 1 . 5 5 0 . 0 5 3 . 5 0 0 . 0 5 1 . 7 5 0 . 1 0 6 0 . 0 m i n . 1 3 . 0 0 . 2 0 1 . 0 5 0 . 1 0 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 0 . 2 3 0 . 0 5 8 . 0 0 0 . 2 0 1 3 . 5 m a x . 1 7 8 1 qw -g2010 rev :a comchip t echnology co., l td. 1 0 0 5 ( s o d - 3 2 3 f ) 1 0 0 5 ( s o d - 3 2 3 f )
page 5 smd zener diode suggested p ad layout size (inch) 0.079 (mm) 2.00 0.70 1.30 0.028 0.051 2.70 0.106 e 1.30 0.051 standard package a b c d a c b e d qw -g2010 rev :a comchip t echnology co., l td. c a s e t y p e q t y p e r r e e l ( p c s ) 4 0 0 0 1 0 0 5 / s o d - 3 2 3 f r e e l s i z e ( i n c h ) 7 1 0 0 5 / s o d - 3 2 3 f


▲Up To Search▲   

 
Price & Availability of CZRFR6V8B-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X