Part Number Hot Search : 
B7637 CM7019 C7SZ1 C3356 G4BC30F IRG4C MLL5240 EMP112
Product Description
Full Text Search
 

To Download CY7C1006D-10VXI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1-mbit (256k x 4) static ram cy7c106d cy7c1006d cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 38-05459 rev. *g revised december 08, 2010 features ? pin- and function-compatible with cy7c106b/cy7c1006b ? high speed ?t aa = 10 ns ? low active power ?i cc = 80 ma @ 10 ns ? low cmos standby power ?i sb2 = 3.0 ma ? 2.0v data retention ? automatic power-down when deselected ? cmos for optimum speed/power ? ttl-compatible inputs and outputs ? cy7c106d available in pb-free 28-pin 400-mil wide molded soj package. cy7c1006d available in pb-free 28-pin 300-mil wide molded soj package functional description [1] the cy7c106d and cy7c1006d are high-performance cmos static rams organized as 262,144 words by 4 bits. easy memory expansion is provided by an active low chip enable (ce ), an active low output enable (oe ), and tri-state drivers. these devices have an automatic power-down feature that reduces power consumption by more than 65% when the devices are deselected. the four input and output pins (io 0 through io 3 ) are placed in a high-impedance state when: ? deselected (ce high) ? outputs are disabled (oe high) ? when the write operation is active (ce and we low) write to the device by taking chip enable (ce ) and write enable (we ) inputs low. data on the four io pins (io 0 through io 3 ) is then written into the location specified on the address pins (a 0 through a 17 ). read from the device by taking chip enable (ce ) and output enable (oe ) low while forcing write enable (we ) high. under these conditions, the contents of the memory location specified by the address pins appears on the four io pins. logic block diagram io 0 io 1 io 2 io 3 sense amps power down ce we oe a 1 a 2 a 3 a 4 a 5 a 6 a 7 a 8 a 9 row decoder 256k x 4 array input buffer a 0 a 10 a 11 a 12 a 13 a 14 a 15 a 16 a 17 column decoder n 1. for guidelines on sram system design, please refer to the ?syst em design guidelines? cypress application note, available on t he internet at www.cypress.com . [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 2 of 12 pin configuration [2] selection guide cy7c106d-10 cy7c1006d-10 unit maximum access time 10 ns maximum operating current 80 ma maximum standby current 3 ma 1 2 3 4 5 6 7 8 9 11 14 15 16 20 19 18 17 21 24 23 22 12 13 25 28 27 26 a 7 a 0 a 1 a 2 a 3 a 4 a 15 a 6 a 8 a 9 a 10 a 11 a 12 a 14 nc oe a 5 we io 0 io 1 io 2 io 3 v cc gnd 10 top view soj ce a 13 a 16 a 17 note 2. nc pins are not connected on the die. [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 3 of 12 maximum ratings exceeding the maximum ratings may impair the useful life of the device. these user guidelines are not tested. storage temperature ................................. ?65c to +150c ambient temperature with power applied.......................... ................... ?55c to +125c supply voltage on v cc relative to gnd [3] ... ?0.5v to +6.0v dc voltage applied to outputs in high-z state [3] ...................................?0.5v to v cc + 0.5v dc input voltage [3] ............................... ?0.5v to v cc + 0.5v current into outputs (low) ........................................ 20 ma static discharge voltage ......... .............. .............. ..... > 2001v (per mil-std-883, method 3015) latch-up current .................................................... > 200 ma operating range range ambient temperature v cc speed industrial ?40c to +85c 5v ? 0.5v 10 ns electrical characteristics (over the operating range) parameter description test conditions 7c106d-10 7c1006d-10 unit min max v oh output high voltage i oh = ?4.0 ma 2.4 v v ol output low voltage i ol = 8.0 ma 0.4 v v ih input high voltage 2.2 v cc + 0.5 v v il input low voltage [3] ?0.5 0.8 v i ix input leakage current gnd < v i < v cc ?1 +1 ? a i oz output leakage current gnd < v i < v cc , output disabled ?1 +1 ? a i cc v cc operating supply current v cc = max, i out = 0 ma, f = f max = 1/t rc 100 mhz 80 ma 83 mhz 72 ma 66 mhz 58 ma 40 mhz 37 ma i sb1 automatic ce power-down current?ttl inputs max v cc , ce > v ih , v in > v ih or v in < v il , f = f max 10 ma i sb2 automatic ce power-down current?cmos inputs max v cc , ce > v cc ? 0.3v, v in > v cc ? 0.3v or v in < 0.3v, f=0 3ma note 3. v il (min) = ?2.0v and v ih (max) = v cc + 1v for pulse durations of less than 5 ns. [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 4 of 12 capacitance [4] parameter description test conditions max unit c in : addresses input capacitance t a = 25 ? c, f = 1 mhz, v cc = 5.0v 7 pf c in : controls 10 pf c out output capacitance 10 pf thermal resistance [4] parameter description test conditions 300-mil wide soj 400-mil wide soj unit ? ja thermal resistance (junction to ambient) still air, soldered on a 3 4.5 inch, four-layer printed circuit board 59.16 58.76 c/w ? jc thermal resistance (junction to case) 40.84 40.54 c/w ac test loads and waveforms [5] 90% 10% 3.0v gnd 90% 10% all input pulses * capacitive load consists of all components of the test environment rise time: ?? 3 ns fall time: ?? 3 ns 30 pf* output z = 50 ? 50 ? 1.5v (b) (a) 5v output 5 pf (c) r1 480 ? r2 255 ? high-z characteristics: including jig and scope notes 4. tested initially and after any design or proce ss changes that may affect these parameters. 5. ac characteristics (except high-z) are te sted using the load conditions shown in fi gure (a). high-z characteristics are teste d for all speeds using the test load shown in figure (c). [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 5 of 12 switching characteristics (over the operating range) [6] parameter description 7c106d-10 7c1006d-10 unit min max read cycle t power [7] v cc (typical) to the first access 100 ? s t rc read cycle time 10 ns t aa address to data valid 10 ns t oha data hold from address change 3 ns t ace ce low to data valid 10 ns t doe oe low to data valid 5 ns t lzoe oe low to low z 0 ns t hzoe oe high to high z [8, 9] 5ns t lzce ce low to low z [9] 3ns t hzce ce high to high z [8, 9] 5ns t pu [10] ce low to power-up 0 ns t pd [10] ce high to power-down 10 ns write cycle [11, 12] t wc write cycle time 10 ns t sce ce low to write end 7 ns t aw address set-up to write end 7 ns t ha address hold from write end 0 ns t sa address set-up to write start 0 ns t pwe we pulse width 7 ns t sd data set-up to write end 6 ns t hd data hold from write end 0 ns t lzwe we high to low z [9] 3ns t hzwe we low to high z [8, 9] 5ns notes 6. test conditions assume signal transition time of 3 ns or less, timing reference levels of 1.5v, input pulse levels of 0 to 3. 0v, and output loading of the specified i ol /i oh and 30-pf load capacitance. 7. t power gives the minimum amount of time that the power supply should be at typical v cc values until the first memory access can be performed. 8. t hzoe , t hzce , and t hzwe are specified with a load capacitance of 5 pf as in part (c) of ?ac test loads and waveforms [5] ? on page 4 . transition is measured when the outputs enter a high impedance state. 9. at any given temperature and voltage condition, t hzce is less than t lzce , t hzoe is less than t lzoe , and t hzwe is less than t lzwe for any given device. 10. this parameter is guaranteed by design and is not tested. 11. the internal write time of the memory is defined by the overlap of ce and we low. ce and we must be low to initiate a write, and the transition of either of these signals can terminate the write. the input data set-up and hold timing should be referenced to the leading edge of the signal that term inates the write. [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 6 of 12 data retention characteristics (over the operating range) parameter description conditions min max unit v dr v cc for data retention 2.0 v i ccdr data retention current v cc = v dr = 2.0v, ce > v cc ? 0.3v, v in > v cc ? 0.3v or v in < 0.3v 3ma t cdr [4] chip deselect to data retention time 0 ns t r [13, 14] operation recovery time t rc ns data retention waveform 4.5v 4.5v t cdr v dr > 2v data retention mode t r ce v cc switching waveforms read cycle no.1 (address transition controlled) [15, 16] read cycle no. 2 (oe controlled) [16, 17] previous data valid data valid t rc t aa t oha address data out 50% 50% data valid t rc t ace t doe t lzoe t lzce t pu high impedance t hzoe t hzce t pd impedance i cc i sb high address ce data out v cc supply current oe notes 13. full device operation requires linear v cc ramp from v dr to v cc(min) > 50 ? s or stable at v cc(min) > 50 ? s. 14. t r < 3 ns for all speeds. 15. device is continuously selected, oe and ce = v il . 16. we is high for read cycle. [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 7 of 12 write cycle no. 1 (ce controlled) [18, 19] write cycle no. 2 (we controlled, oe high during write) [18, 19] switching waveforms (continued) t wc data valid t aw t sa t pwe t ha t hd t sd t sce address ce data io we data valid t hd t sd t pwe t sa t ha t aw t sce t wc t hzoe address ce we data io oe notes 18. if ce goes high simultaneously with we going high, the output remains in a high-impedance state. 19. data io is high impedance if oe = v ih . [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 8 of 12 write cycle no. 3 (we controlled, oe low) [12, 19] truth table ce oe we input/output mode power h x x high z power-down standby (i sb ) l l h data out read active (i cc ) l x l data in write active (i cc ) l h h high z selected, outputs disabled active (i cc ) switching waveforms (continued) data valid t hd t sd t lzwe t pwe t sa t ha t aw t sce t wc t hzwe address ce we data io [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 9 of 12 ordering information speed (ns) ordering code package diagram package type operating range 10 cy7c106d-10vxi 51-85032 28-pin (400-mil) molded soj (pb-free) industrial CY7C1006D-10VXI 51-85031 28-pin (300-mil) molded soj (pb-free) ordering code definitions please contact your local cypress sales representative for availability of these parts. temperature range: i = industrial package type: vx = 28-pin molded soj (pb-free) speed: 10 ns d = c9, 90 nm technology xx6 = 06 or 006 = (400-mil / 300-mil) 1-mbit density 1 = fast asynchronous sram family technology code: c = cmos 7 = sram cy = cypress c cy 1 - 10 vx 7 xx6 d i [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 10 of 12 package diagrams figure 1. 28-pin (300-mil) molded soj, 51-85031 51-85031 *d [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 11 of 12 figure 2. 28-pin (400-mi l) molded soj, 51-85032 all product and company names mentio ned in this document may be the tr ademarks of their respective holders. package diagrams (continued) 51-85032 *d [+] feedback
cy7c106d cy7c1006d document #: 38-05459 rev. *g page 12 of 12 ? cypress semiconductor corporation, 2004-2010. the information contained herein is subject to change without notice. cypress semiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under pate nt or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical cont rol or safety applications, unless pursuant to an express writt en agreement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support system s where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemni fies cypress against all charges. document history page document title: cy7c106d/cy7c1006d, 1-mbit (256k x 4) static ram document number: 38-05459 rev. ecn no. issue date orig. of change description of change ** 201560 see ecn swi advance information data sheet for c9 ipp *a 233693 see ecn rkf i cc ,i sb1 ,i sb2 specs are modified as per eros (spec # 01-2165) pb-free offering in the ?ordering information? *b 262950 see ecn rkf added t power spec in switching characteristics table shaded ?ordering information? *c see ecn see ecn rkf reduced speed bins to -10 and -12 ns *d 560995 see ecn vkn converted from preliminary to final removed commercial operating range removed 12 ns speed bin added i cc values for the frequencies 83mhz, 66mhz and 40mhz updated thermal resistance table updated ordering information table changed overshoot spec from v cc +2v to v cc +1v in footnote #3 *e 802877 see ecn vkn changed i cc spec from 60 ma to 80 ma fo r 100mhz, 55 ma to 72 ma for 83mhz, 45 ma to 58 ma for 66mhz, 30 ma to 37 ma for 40mhz *f 2898399 03/24/2010 aju updated package diagrams *g 3104943 12/08/2010 aju added ordering code definitions. [+] feedback


▲Up To Search▲   

 
Price & Availability of CY7C1006D-10VXI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X