Part Number Hot Search : 
Q4010RH5 AD6600ST AD660 RC0603 BPJR03AU 906CD STD19NE 90000
Product Description
Full Text Search
 

To Download BCX71H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BCX71H pnp epitaxial silicon transistor general purpose transistor absolute maximum ratings (t a =25 c ) refer to ks5086 for graphs electrical characteristics (t a =25 c ) characteristic symbol rating unit collector-base voltage collector-emitter voltage emitter-base voltage collector current collector dissipation storage temperature v cbo v ceo v ebo i c p c t stg -45 -45 -5 -100 350 150 v v v ma mw c characteristic symbol test conditions min max unit collector-emitter breakdown voltage emitter-base breakdown voltage collector cut-off current dc current gain collector-emitter saturation voltage base-emitter saturation voltage base-emitter on voltage current gain bandwidth product noise figure turn on time turn off time bv ceo bv ebo i ces h fe v ce (sat) v b e (sat) v be (on) c ob nf t on t off i c = -2ma, i b =0 i e = -1 m a , i c =0 v ce = -32v, v be =0 v ce = -5v, i c = -10 m a v ce = -5v, i c = -2ma v ce = -1v, i c = -50ma i c = -10ma, i b = -0.25ma i c = -50ma, i b = -1.25ma i c = -10ma, i b = -0.25ma i c = -50ma, i b = -1.25ma i c = -2ma, v ce = -5v v cb = -10v, i e =0 f=1mhz i c = -0.2ma, v ce = -5v f=1khz, r s =2 k w i c = -10ma, i b1 = -1ma i b2 = -1ma, v bb = -3.6v r l =990 w -45 -5 30 140 80 -0.6 -0.68 -0.6 -20 310 -0.25 -0.55 -0.85 -1.05 -0.75 6 6 150 800 v v na v v v v v pf db ns ns sot-23 1. base 2. emitter 3. collector ? 1999 fairchild semiconductor corporation rev. b
trademarks acex? coolfet? crossvo l t? e 2 cmos tm f act? f act quiet series? f ast ? f as t r? g t o? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy f airchilds products are not authorized for use as critical components in life suppo r t devices or systems without the express written appro v al of f airchild semiconduc t or corpor a tion. as used herein: isoplanar? microwire? pop? power t rench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 t inylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the bod y , or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use r . 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to a f fect its safety or e f fectiveness. product s t a tus definitions definition of t erms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconducto r . the datasheet is printed for reference information onl y . formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein to improve reliabilit y , function or design. fairchild does not assume any liability arising out of the applic a tion or use of any product or circuit described herein; neither does it convey any license under its pa tent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of BCX71H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X