Part Number Hot Search : 
MAX354 MDR6100 TMP87P 500SDF KS57C ENA1001 75002 S6010LS2
Product Description
Full Text Search
 

To Download BC858CDXV6T1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 october, 2005 ? rev. 3 1 publication order number: bc858cdxv6t1/d bc858cdxv6t1, bc858cdxv6t5 dual general purpose transistor pnp dual this transistor is designed for general pur pose amplifier applications. it is housed in the sot?563 which is designed for low power surface mount applications. features ? these are pb?free devices maximum ratings rating symbol value unit collector ?emitter voltage v ceo ?30 v collector ?base voltage v cbo ?30 v emitter ?base voltage v ebo ?5.0 v collector current ? continuous i c ?100 madc maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. thermal characteristics characteristic (one junction heated) symbol max unit total device dissipation, (note 1) t a = 25 c derate above 25 c p d 357 2.9 mw mw/ c thermal resistance junction-to-ambient (note 1) r  ja 350 c/w characteristic (both junctions heated) symbol max unit total device dissipation, (note 1) t a = 25 c derate above 25 c p d 500 4.0 mw mw/ c thermal resistance junction-to-ambient (note 1) r  ja 250 c/w junction and storage temperature range t j , t stg ?55 to +150 c 1. fr?4 @ minimum pad sot?563 case 463a plastic 1 6 q 1 (1) (2) (3) (4) (5) (6) q 2 http://onsemi.com device package shipping ? ordering information bc858cdxv6t1 sot?563 4000/tape & ree l bc858cdxv6t5 sot?563 8000/tape & ree l BC858CDXV6T1G sot?563 (pb?free) 4000/tape & ree l bc858cdxv6t5g sot?563 (pb?free) 8000/tape & ree l ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification s brochure, brd8011/d. marking diagrams 3l m   3l = device code m = date code  = pb?free package (note: microdot may be in either location) 1
bc858cdxv6t1, bc858cdxv6t5 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector ?emitter breakdown voltage (i c = ?10 ma) v (br)ceo ?30 ? ? v collector ?emitter breakdown voltage (i c = ?10  a, v eb = 0) v (br)ces ?30 ? ? v collector ?base breakdown voltage (i c = ?10  a) v (br)cbo ?30 ? ? v emitter ?base breakdown voltage (i e = ?1.0  a) v (br)ebo ?5.0 ? ? v collector cutoff current (v cb = ?30 v) collector cutoff current (v cb = ?30 v, t a = 150 c) i cbo ? ? ? ? ?15 ?4.0 na  a on characteristics dc current gain (i c = ?10  a, v ce = ?5.0 v) (i c = ?2.0 ma, v ce = ?5.0 v) h fe ? 420 270 520 ? 800 ? collector ?emitter saturation voltage (i c = ?10 ma, i b = ?0.5 ma) (i c = ?100 ma, i b = ?5.0 ma) v ce(sat) ? ? ? ? ?0.3 ?0.65 v base ?emitter saturation voltage (i c = ?10 ma, i b = ?0.5 ma) (i c = ?100 ma, i b = ?5.0 ma) v be(sat) ? ? ?0.7 ?0.9 ? ? v base ?emitter on voltage (i c = ?2.0 ma, v ce = ?5.0 v) (i c = ?10 ma, v ce = ?5.0 v) v be(on) ?0.6 ? ? ? ?0.75 ?0.82 v small? signal characteristics current ?gain ? bandwidth product (i c = ?10 ma, v ce = ?5.0 vdc, f = 100 mhz) f t 100 ? ? mhz output capacitance (v cb = ?10 v, f = 1.0 mhz) c ob ? ? 4.5 pf noise figure (i c = ?0.2 ma, v ce = ?5.0 vdc, r s = 2.0 k  , f = 1.0 khz, bw = 200 hz) nf ? ? 10 db
bc858cdxv6t1, bc858cdxv6t5 http://onsemi.com 3 typical characteristics figure 1. normalized dc current gain i c , collector current (madc) 2.0 figure 2. ?saturation? and ?on? voltages i c , collector current (madc) ?0.2 0.2 figure 3. collector saturation region i b , base current (ma) figure 4. base?emitter temperature coefficient i c , collector current (ma) ?0.6 ?0.7 ?0.8 ?0.9 ?1.0 ?0.5 0 ?0.2 ?0.4 ?0.1 ?0.3 1.6 1.2 2.0 2.8 2.4 ?1.2 ?1.6 ?2.0 ?0.02 ?1.0 ?10 0 ?20 ?0.1 ?0.4 ?0.8 h fe , normalized dc current gain v, voltage (volts) v ce , collector?emitter voltage (v) vb , temperature coefficient (mv/ c) 1.5 1.0 0.7 0.5 0.3 ?0.2 ?10 ?100 ?1.0 t a = 25 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 v be(on) @ v ce = ?10 v v ce = ?10 v t a = 25 c ?55 c to +125 c i c = ?100 ma i c = ?20 ma ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 ?200 ?0.1 ?0.2 ?0.5 ?1.0 ?2.0 ?5.0 ?10 ?20 ?50 ?100 i c = ?200 ma i c = ?50 ma i c = ?10 ma figure 5. capacitances v r , reverse voltage (volts) 10 figure 6. current?gain ? bandwidth product i c , collector current (madc) ?0.4 1.0 80 100 200 300 400 60 20 40 30 7.0 5.0 3.0 2.0 ?0.5 c, capacitance (pf) f, current?gain ? bandwidth product (mhz) t t a = 25 c c ob c ib ?0.6 ?1.0 ?2.0 ?4.0 ?6.0 ?10 ?20 ?30 ?40 150 ?1.0 ?2.0 ?3.0 ?5.0 ?10 ?20 ?30 ?50 v ce = ?10 v t a = 25 c t a = 25 c 1.0
bc858cdxv6t1, bc858cdxv6t5 http://onsemi.com 4 package dimensions h e dim min nom max millimeters a 0.50 0.55 0.60 b 0.17 0.22 0.27 c d 1.50 1.60 1.70 e 1.10 1.20 1.30 e 0.5 bsc l 0.10 0.20 0.30 1.50 1.60 1.70 0.020 0.021 0.023 0.007 0.009 0.011 0.059 0.062 0.066 0.043 0.047 0.051 0.02 bsc 0.004 0.008 0.012 0.059 0.062 0.066 min nom max inches sot?563, 6 lead case 463a?01 issue f e m 0.08 (0.003) x b 6 5 pl a c ?x? ?y? notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeters 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. style 1: pin 1. emitter 1 2. base 1 3. collector 2 4. emitter 2 5. base 2 6. collector 1 d e y 12 3 4 5 l 6 h e 0.08 0.12 0.18 0.003 0.005 0.007 1.35 0.0531 0.5 0.0197  mm inches  scale 20:1 0.5 0.0197 1.0 0.0394 0.45 0.0177 0.3 0.0118 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 bc858cdxv6t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of BC858CDXV6T1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X