Part Number Hot Search : 
IDT5V JANS1N C484FD36 HER408 MUR30 D4460 BA313 07HZX
Product Description
Full Text Search
 

To Download BAS16W-TP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions inches mm dim min m a x min m a x note a .140 .152 3.55 3.85 b .100 .112 2.55 2.85 c .055 .071 1.40 1.80 d ----- .053 ----- 1.35 e .012 .031 0.30 .78 g .006 ----- 0.15 ----- h ----- .01 ----- .25 j ----- .006 ----- .15 features fast switching speed surface mount package ideally suited for automatic insertion for general purpose switching applications mechanical data marking: a6 , t6 polarity: indicated by cathode band maximum ratings @ 25 o c unless otherwise specified characteristic symbol value unit non-repetitive peak reverse volt. v rm 85 v peak repetitive reverse voltage v rrm working peak reverse voltage v rwm 75 v dc blocking voltage v r rms reverse voltage v r(rms) 53 v forward continuous current(note1) i fm 200 ma average rectified output current io 100 ma non-repetitive peak @ t<=1.0s forward surge current @ t=10us i fsm 2 1 a a power dissipation(note 1) pd 350 mw thermal resistance(note 1) r 315 k/w operation/storage temp. range tj, t stg -55 to +150 o c bas16w high speed switching diode 350mw 0.036 0.093" 0.048 suggested solder pad layout a b e c j d h g sod123 electrical characteristics @ 25 o c unless otherwise specified 0.715 i f =1.0ma maximum forward v fm 0.855 v i f =10ma voltage drop 1 i f =50ma 1.25 i f =150ma maximum peak i rm 1.0 ua v r =75v tj=25 o c reverse current 50 ua v r =75v t j =150 o c junction capacitance cj 2 pf v r =0v, f=1.0mhz reverse recovery time t rr 6ns i f =i r =10ma, i rr =0.1i r , r l =100 ohm  
 omp onents 20736 marilla street chatsworth       
     mcc www. mccsemi .com high conductance tm micro commercial components 1 of 3 lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) notes: 1.valid provided that terminals are kept at ambient temperature revision: a 2011 /01/01 epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
bas16w t a = 125 versus seusrres ure rrrerss s s ure reres seuseverseurrereres versus eversees s versus eversees ure ee s
mcc tm micro commercial components www. mccsemi .com 3 3 d e vi c e p ac k i n g part number-tp tape&reel: 3 kpcs/reel ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of BAS16W-TP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X