Part Number Hot Search : 
68KFKR EM73C63 M52727SP 04L30TP 100LR HD2502 NV4V31SF 4W2F0
Product Description
Full Text Search
 

To Download AM3F-0507SH30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  44 to order call 1-888-9-aimtec am3f series 3 watt dc-dc converters ? regulated single output ? 12 pin sip package ? low ripple & noise ? high efficiency up to 70% ? input/output isolation: 1000, 3000 & 5200vdc ? operating temperature: -25c ... +71c ? pin-compatible with multiple manufacturers general description our am3f series is a family of cost effective 3w single output dc-dc converters. these converters combine miniature package in a 12-pin sip compatible case with high performance features such as 1000, 3000 & 5200vdc input/output isolation voltage, continuous short circuit protection with automatic restart and tight line / load regulation. seventy two models operate from input voltages of 5, 12 & 24vdc with producing output voltage levels of 3.3, 5, 7.2, 9, 12, 15, 18, 24vdc. high performance features include high efficiency opera- tion up to 70% and output voltage accuracy of 2% maximum. standard features include an input range of 10% tolerance and low output noise and ripple. all mod- els are package in a low profile 31.80x8.60x13.47mm 12 pin sip non-conductive black plastic case. operation is specified over the full operating temperature range of -25oc to +71oc with no derating required. cooling is by free-air convection. electrical specifications specifications typical at +25c, nominal input voltage, rated output current unless otherwise specified mtbf: > 954,000 hrs (mil-hdbk-217f, ground benign, t=+25c) specifications are subject to change without notification isolation specifications: rated voltage (60 sec) 1000, 3000, 5200vdc resistance > 1000mohm capacitance 60pf, typ. output specifications: voltage accuracy 2%, max. ripple & noise (at 20mhz bw) 75mvp-p, max. short circuit protection continuous short circuit restart automatic line voltage regulation 0.5%, max. load voltage regulation 0.5%, max. temperature coefficient 0.02%/oc, typ. environmental specifications: operating temperature (ambient) -25c ... +71c storage temperature -40c ... +125c case temperature +90c, max. derating none required humidity (non-condensing) up to 90% cooling free-air convection input specifications: voltage range 10% filter p (pi) network general specifications: efficiency 64% to 70% switching frequency 125khz, typ. 100% load physical specifications: dimensions 31.80x8.60x13.47mm 1.25x0.34x0.53inches weight 10.7g case material non-conductive black plastic dc-dc converters outline dimensions & pin connections +v input n.c. n.c. n.c. -v output +v output -v input 1 2 3 9 10 11 12 1000, 3000 & 5200vdc single pin
45 visit us at www.aimtec.ca am3f series dc-dc converters models single output models isolation 1000vdc isolation 3000vdc isolation 5200vdc input voltage ouput voltage ouput current max. am3f-0503s am3f-0505s am3f-0507s am3f-0509s am3f-0512s am3f-0515s am3f-0518s am3f-0524s am3f-1203s am3f-1205s am3f-1207s am3f-1209s am3f-1212s am3f-1215s am3f-1218s am3f-1224s am3f-2403s am3f-2405s am3f-2407s am3f-2409s am3f-2412s am3f-2415s am3f-2418s am3f-2424s am3f-0503sh30 am3f-0505sh30 AM3F-0507SH30 am3f-0509sh30 am3f-0512sh30 am3f-0515sh30 am3f-0518sh30 am3f-0524sh30 am3f-1203sh30 am3f-1205sh30 am3f-1207sh30 am3f-1209sh30 am3f-1212sh30 am3f-1215sh30 am3f-1218sh30 am3f-1224sh30 am3f-2403sh30 am3f-2405sh30 am3f-2407sh30 am3f-2409sh30 am3f-2412sh30 am3f-2415sh30 am3f-2418sh30 am3f-2424sh30 am3f-0503sh52 am3f-0505sh52 am3f-0507sh52 am3f-0509sh52 am3f-0512sh52 am3f-0515sh52 am3f-0518sh52 am3f-0524sh52 am3f-1203sh52 am3f-1205sh52 am3f-1207sh52 am3f-1209sh52 am3f-1212sh52 am3f-1215sh52 am3f-1218sh52 am3f-1224sh52 am3f-2403sh52 am3f-2405sh52 am3f-2407sh52 am3f-2409sh52 am3f-2412sh52 am3f-2415sh52 am3f-2418sh52 am3f-2424sh52 3.3vdc 5vdc 7.2vdc 9vdc 12vdc 15vdc 18vdc 24vdc 3.3vdc 5vdc 7.2vdc 9vdc 12vdc 15vdc 18vdc 24vdc 3.3vdc 5vdc 7.2vdc 9vdc 12vdc 15vdc 18vdc 24vdc 5v10% 12v10% 24v10% 800ma 600ma 417ma 333ma 250ma 200ma 167ma 125ma 800ma 600ma 417ma 333ma 250ma 200ma 167ma 125ma 800ma 600ma 417ma 333ma 250ma 200ma 167ma 125ma


▲Up To Search▲   

 
Price & Availability of AM3F-0507SH30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X