Part Number Hot Search : 
MR5761 LBN10006 TC5514AP MR1124 55PC0114 ML74WL04 76650 BC858AF
Product Description
Full Text Search
 

To Download AAT2803ISK-45-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 1 chargepump ? general description the aat2803 is a dual charge pump designed to sup- port both white led backlight and flash applications for systems operating with lithium-ion/polymer batter- ies. the backlight charge pump is capable of driving up to six leds at a total of 180ma. the current sinks may be operated in group or in parallel for driving higher current leds. to maximize power efficiency, the charge pump operates in 1x, 1.5x, or 2x mode, where the mode of operation is automatically select- ed by comparing the forward voltage of each led with the input voltage. analogictech's as 2 cwire? (advanced simple serial control?) serial digital input is used to enable, disable, and set current for each led with a 16-level logarithmic scale plus four low- current settings down to 50 a for optimized efficien- cy, with a low housekeeping current of only 50 a. the flash charge pump is a charge pump doubler with a regulated output voltage. it is designed to deliver 120ma of continuous current and up to 300ma of pulsed current. it has an independent enable pin for improved power savings. the aat2803 is equipped with built-in protection, short-circuit, and auto-disable for load short-circuit condition. built-in soft-start circuitry prevents exces- sive inrush current during start-up. a low-current shutdown feature disconnects the load from v in and reduces quiescent current to less than 1 a. the aat2803 is available in a pb-free, space-saving, thermally enhanced 24-pin 4x4mm qfn package and is rated over the -40c to +85c temperature range. features ?v in range: 2.7v to 5.5v ? dual charge pump: ? flash: charge pump doubler ? backlight: tri-mode charge pump ? backlight charge pump: ? programmable current with single gpio ? 16 current steps ? 15/20/30ma max current ? four low current settings ? individual main/sub-group control ? low i q (50 a) for low-current mode ? drives six channels of leds ? flash charge pump: ? regulated v out_fl 4.5/5.0 volts ? up to 300ma of current for flash ? 1mhz constant switching frequency ? independent backlight/flash control ? built-in thermal protection ? built-in auto-disable for open circuit ? automatic soft start ?i q <1 a in shutdown ? available in qfn44-24 package applications ? color (rgb) lighting ? programmable current sink ? white led backlighting ? white photo flash for digital still cameras typical application aat2803 c in 1 f v in c1 1 f d2 gnd backlight c2 1 f c3 1 f c2 + c out 1 f enfl en/set vin en_fl flash en/set c2 - c1 + c1 - c3 + c3 - vout d3 d2 d1 d4 d5 d6 d1 d3 d4 d5 d6 c ou t 1 f
pin descriptions pin configuration qfn44-24 (top view) pin # symbol function 1 c1- flying capacitor 1 negative terminal. 2 c1+ flying capacitor 1 positive terminal. connect a 1 f capacitor between c1+ and c1-. 3 vout_fl flash output voltage. requires 1 f capacitor connected between this pin and ground. 4, 14 vin input power supply. requires 1 f capacitor connected between this pin and ground. 5 en_fl enable pin for flash charge pump. for normal operation, connect to v in . when con- nected low, the flash charge pump shuts down and consumes less than 1 a of current. 6, 7, 23 n/c no connect. 8 vout_bl backlight output voltage charge pump. requires 1 f capacitor connected between this pin and ground. 9 c2+ flying capacitor 2 positive terminal. connect a 1 f capacitor between c2+ and c2-. 10 c3+ flying capacitor 3 positive terminal. connect a 1 f capacitor between c3+ and c3-. 11 c3- flying capacitor 3 negative terminal. 12 c2- flying capacitor 2 negative terminal. 13, 15, 24 gnd ground. 16 d1 current sink input #1. 17 d2 current sink input #2. 18 d3 current sink input #3. 19 d5 current sink input #5. 20 d4 current sink input #4. 21 d6 current sink input #6. 22 en/set as 2 cwire serial interface control pin for backlight charge pump. it controls the current settings for all six channels. this pin should not be left floating. ep exposed paddle (bottom); connect to gnd directly beneath package. aat2803 six-channel white led backlight charge pump with flash 2 2803.2006.04.1.5 1 3 2 5 4 6 18 16 17 14 15 13 10 11 12 8 9 7 19 21 20 23 22 24 c1- c1+ vout_fl vin en_fl n/c n/c vout_b l c2+ c3+ c3- c2- gnd d1 vin gnd d2 d3 aat2803 d5 d4 d6 en/set n/c gnd
absolute maximum ratings 1 thermal information 2 symbol description value units p d maximum power dissipation 3 2.0 w ja maximum thermal resistance 50 c/w symbol description value units v in input voltage -0.3 to 6 v v en/set en/set to gnd voltage -0.3 to v in + 0.3 v t j operating junction temperature range -40 to 150 c t lead maximum soldering temperature (at leads, 10 sec) 300 c aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 3 1. stresses above those listed in absolute maximum ratings may cause permanent damage to the device. functional operation at co ndi- tions other than the operating conditions specified is not implied. only one absolute maximum rating should be applied at any o ne time. 2. mounted on an fr4 board. 3. derate 6.25mw/c above 25c.
electrical characteristics 1 v in = 3.6v, c in = c out = c 1 = c 2 = c 3 = 1.0 f; t a = -40c to +85c, unless otherwise noted. typical values are t a = 25c. symbol description conditions min typ max units v in operation range 2.7 5.5 v 1x mode, 3.0 v in 5.5, active, 0.3 1 no load current; en/set = v in ; en_fl= gnd 1.5x mode, 3.0 v in 5.5, active, 1.0 3.0 no load current; en/set = v in ; en_fl= gnd ma i cc operating current 2x mode, 3.0 v in 5.5, active, 2.0 3.7 no load current; en/set = v in ; en_fl = gnd v out_flash = 5v; en/set = gnd; 2.0 4.5 en_fl = v in 50 a setting, 1x mode; en/set 50 a = v in ; en_fl = gnd i shdn shutdown current en/set = 0 1.0 a i dx i sink average current accuracy 2 i set = 30ma, t a = 25c 27 30 33 ma i set = 4.1ma, t a = 25c 3.69 4.1 4.51 i (d-match) current matching between any v f :d1:d4 = 3.6v 0.5 % two current sink inputs 3, 4 v th 1x to 1.5x or 1.5x to 2x transition 150 mv threshold at any d x pin v out output voltage (flash charge 3.0< v in < 5v, i out = 120ma; 4.3 4.5 4.7 v pump) 5 en_fl = v in max continuous output current v in = 3.3v; v out = 4.5v; 120 i out (flash charge pump) 5 en_fl = v in ma max pulsed output current 5 v in = 3.6v; v out = 4.5v; 300 i pulsed = 250ms t ss soft-start time backlight charge pump 100 s flash charge pump 200 f clk clock frequency 1.0 mhz v en(l) enable threshold low v in = 2.7v 0.4 v v en(h) enable threshold high v in = 5.5v 1.4 v aat2803 six-channel white led backlight charge pump with flash 4 2803.2006.04.1.5 1. the aat2803 is guaranteed to meet performance specifications over the -40c to +85c operating temperature range and is assu red by design, characterization, and correlation with statistical process controls. 2. determined by the average of all active channels. 3. current matching is defined as the deviation of any sink current from the average of all active channels. 4. specification applies only to the tri-mode charge pump. 5. specification applies only to the charge pump doubler.
electrical characteristics 1 v in = 3.6v, c in = c out = c 1 = c 2 = c 3 = 1.0 f; t a = -40c to +85c, unless otherwise noted. typical values are t a = 25c. symbol description conditions min typ max units t en/set lo en/set low time 0.3 75 s t en/set _ hi _ min minimum en/set high time 50 ns t en/set _ hi _ max maximum en/set high time 75 s t off en/set off timeout 500 s t lat en/set latch timeout 500 s i en/set;en_fl input leakage v en/set;en_fl = 5v; v in = 5v -1.0 1.0 a aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 5 1. the aat2803 is guaranteed to meet performance specifications over the -40c to +85c operating temperature range and is assu red by design, characterization, and correlation with statistical process controls.
aat2803 six-channel white led backlight charge pump with flash 6 2803.2006.04.1.5 typical characteristics?flash driver charge pump section load response vs. time (100ma load) 5ms/div v out_fl (10mv/div) i out (50ma/div) v in = 3.5v load response vs. time (50ma load) 5ms/div v out_fl (10mv/div) i out (20ma/div) v in = 3.5v start-up time (100ma load) 100 s/div en_flsh (1v/div) v out_fl (1v/div) start-up time (50ma load) 100 s/div en_flsh (1v/div) v out_fl (1v/div) maximum current pulse vs. supply voltage (v out_fl = 4.5v; en_fl = v in ; en/set = gnd) supply voltage (v) maximum current pulse (ma) 0 50 100 150 200 250 300 350 400 450 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 one-shot pulse duration = 250ms v out > 4.0v output voltage vs. output current (v out_fl = 4.5v; en_fl = v in ; en/set = gnd) output current (ma) output voltage (v) 4.40 4.44 4.48 4.52 4.56 4.60 0.1 1.0 10.0 100.0 1000.0 3.6v 3.0v 3.3v 2.7v
typical characteristics?flash driver charge pump section aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 7 oscillator frequency vs. supply voltage supply voltage (v) oscillator frequency (mhz) 1.10 1.15 1.20 1.25 1.30 2.7 3.2 3.7 4.2 4.7 -40 c +85 c +25 c supply current vs. supply voltage supply voltage (v) supply current (ma) 1.00 1.25 1.50 1.75 2.00 2.25 2.50 2.75 3.00 2.5 3.0 3.5 4.0 4.5 5.0 i out = 0 a c 3 = 1 f v en_fl = v in output ripple voltage vs. time (i out = 100ma @ v in = 3.5v) 500ns/div i in (10ma/div) v out (20mv/div) v in (10mv/div) output ripple voltage vs. time (i out = 50ma @ v in = 3.5v) 500ns/div i in (10ma/div) v out (10mv/div) v in (10mv/div)
aat2803 six-channel white led backlight charge pump with flash 8 2803.2006.04.1.5 typical characteristics?white led backlight driver section unless otherwise noted, v in = 3.6v, c in = c out = c 1 = c 2 = c 3 = 1.0 f; t a = 25c. turn-on to 1x mode (v in = 4.2v; 20ma load) 100 s/div en (2v/div) cp (2v/div) i in (200ma/div) v sink (500mv/div) efficiency vs. supply voltage supply voltage (v) efficiency (%) 50 60 70 80 90 100 2.8 3.0 3.2 3.4 3.6 3.8 4.0 4.2 4.1ma v f = 2.9v 20ma v f = 3.4v 10.2ma v f = 3.1v current matching vs. temperature temperature ( c) current (ma) 19.2 19.4 19.6 19.8 20.0 20.2 -40 -20 0 20 40 60 80 channel 2 channel 1 channel 5 channel 3 channel 4 channel 6 turn-off from 1.5x mode (v in = 3.5v; 20ma load) 100 s/div en (2v/div) i in (100ma/div) v f (1v/div) turn-on to 2x mode (v in = 2.8v; 20ma load) 100 s/div en (2v/div) cp (2v/div) i in (200ma/div) v sink (500mv/div) turn-on to 1.5x mode (v in = 3.8v; 20ma load) 100 s/div en (2v/div) cp (2v/div) i in (200ma/div) v sink (500mv/div)
typical characteristics?white led backlight driver section unless otherwise noted, v in = 3.6v, c in = c out = c 1 = c 2 = c 3 = 1.0 f; t a = 25c. aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 9 load characteristics (v in = 3.6v; 2x mode; 30ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div) load characteristics (v in = 4.3v; 1.5x mode; 30ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div) load characteristics (v in = 3.1v; 2x mode; 20ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div) load characteristics (v in = 4.0v; 1.5x mode; 20ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div) load characteristics (v in = 2.9v; 2x mode; 15ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div) load characteristics (v in = 3.8v; 1.5x mode; 15ma load) 500ns/div v in (40mv/div) v sink (40mv/div) cp (40mv/div)
aat2803 six-channel white led backlight charge pump with flash 10 2803.2006.04.1.5 typical characteristics?white led backlight driver section unless otherwise noted, v in = 3.6v, c in = c out = c 1 = c 2 = c 3 = 1.0 f; t a = 25c. v il vs. v in v in (v) v il (v) 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 -40 c 25 c 85 c v ih vs. v in v in (v) v ih (v) 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 -40 c 25 c 85 c input ripple vs. v in v in (v) amplitude ( mv ) 0 5 10 15 20 25 2.50 2.67 2.84 3.01 3.18 3.35 3.52 3.69 3.86 4.03 4.20 10.2ma 20ma 30ma t off vs. v in v in (v) t off ( s) 0 50 100 150 200 250 300 350 400 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 -40 c 25 c 85 c t lat vs. v in v in (v) t lat ( s) 0 50 100 150 200 250 300 350 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5 -40 c 25 c 85 c
aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 11 functional block diagram functional description the aat2803 is a dual charge pump targeted for backlight and flash applications. the charge pump for white led applications is a tri-mode load switch (1x) and high efficiency (1.5x or 2x) charge pump device. to maximize power conversion efficiency, an internal sensing circuit monitors the voltage required on each constant current sink input and sets the load switch and charge pump modes based on the input battery voltage and the current sink input voltage. as the battery discharges over time, the backlight charge pump is enabled when any of the six current sink inputs near dropout. the charge pump initially starts in 1.5x mode. if the charge pump output drops enough for any current source output to become close to dropout, the charge pump will automatically transition to 2x mode. for flash applications, charge pump doubler archi- tecture is used to support the high current demand required by the application. charge pump regula- tion is achieved by sensing the output voltage through an internal resistor divider network. a switch doubling circuit is enabled when the divided output drops below a preset trip point controlled by an internal comparator. the free-running charge pump switching frequency is approximately 1mhz. the charge pump is designed to deliver 120ma of continuous current and 300ma of pulsed current. the aat2803 requires only six external compo- nents: three 1 f ceramic capacitors for the charge pump flying capacitors (c 1 , c 2 , and c 3 ), one 1 f ceramic input capacitor (c in ), one 0.33 f to 1 f ceramic capacitor for the backlight charge pump output, and one 1 f for the flash charge pump out- put. the six constant current sink inputs (d1 to d6) can drive six individual leds with a maximum cur- rent of 30ma each. the unused sink inputs must be connected to v out_bl , otherwise the part will operate only in 2x charge pump mode. the as 2 cwire serial interface enables the backlight charge pump and sets the current sink magnitudes. as 2 cwire addressing allows independent control of two groups of current sink input: d1 to d4 and d5 to d6. 1x 1.5x 2x charge pump soft-start control 1mhz oscillator voltage reference c2 + c2 - c3 + c3 - v out_b l en/set v in v out_fl v ref soft-start 1mhz oscillator 2x charge pump c1 + c1 - en_fl d/a d/a d/a d/a d/a d/a 6 x 16 bit rom 6 x 16 bit rom as 2 cwire interface d6 gnd d5 d4 d3 d2 d1
aat2803 six-channel white led backlight charge pump with flash 12 2803.2006.04.1.5 constant current output level settings the constant current sink levels for the white led backlight (d1 to d6) are set via the serial interface according to a logarithmic scale where each code is 1db lower than the previous code. in this manner, led brightness appears linear with each increasing code count. because the inputs d1 to d6 are true independent constant current sinks, the voltage observed on any single given input will be determined by the actual forward voltage (v f ) for the led being driven. since the input current sinks are programmable, no pwm (pulse width modulation) or additional control circuitry is needed to control led brightness. this fea- ture greatly reduces the burden on a microcontroller or system ic to manage led or display brightness, allowing the user to "set it and forget it." with its high- speed serial interface (1mhz data rate), the input sink current can be changed successively to brighten or dim leds in smooth transitions (e.g., to fade-out) or in abrupt steps, giving the user complete programmabil- ity and real-time control of led brightness. the 16 individual current level settings are each approximately 1db apart (see current level settings table). code 1 is full scale, code 15 is full scale atten- uated by 14db, and code 16 is reserved as a "no cur- rent" setting. table 1: current level settings. as 2 cwire serial interface the advanced simple serial control (as 2 cwire) single wire interface is used to set the possible combinations of current levels and led channel states. as 2 cwire has addressing capability for multiple data registers. with multiple data regis- ters, the backlight charge pump main and sub- channels can be programmed together or inde- pendently from one another. as 2 cwire relies on the number of rising edges of the en/set pin to address and load the registers. as 2 cwire latches data or address after the en/set pin has been held high for time t lat . address or data is differentiated by the number of en/set rising edges. since the data registers are 4 bits each, the differentiating number of pulses is 2 4 or 16, so that address 1 is signified by 17 rising edges, address 2 by 18 rising edges, and so forth. data is set to any number of rising edges between 1 and including 16. a typical write protocol is a burst of en/set rising edges, signifying a partic- ular address, followed by a pause with en/set held high for the t lat timeout period, a burst of ris- ing edges signifying data, and a t lat timeout for the data registers. once an address is set, then multiple writes to the corresponding data register are allowed. when en/set is held low for an amount of time greater than t off , the backlight charge pump enters into shutdown mode and draws less than 1 a from the supply. address 1 is the default address on the first rising edge after the backlight charge pump has been disabled. whenever shut- down mode is entered, all registers are reset to 1. 30ma max 20ma max 15ma max data i out (ma) i out (ma) i out (ma) 1 30.0 20.0 15.0 2 26.7 17.8 13.3 3 23.8 15.9 11.9 4 21.4 14.3 10.7 5 19.0 12.7 9.5 6 16.7 11.1 8.3 7 15.2 10.2 7.6 8 13.3 8.9 6.7 9 11.9 7.9 6.0 10 10.5 7.0 5.2 11 9.5 6.3 4.8 12 8.6 5.7 4.3 13 7.6 5.1 3.8 14 6.7 4.4 3.3 15 6.2 4.1 3.1 16 0.0 0.0 0.0
aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 13 as 2 cwire addressing five addresses are available to enable all of the part's functionality. two 4-bit registers control the main and sub-channels, giving 16 settings for each. the main and sub-channels are programmed to the same constant current level by using address 1. use addresses 2 and 3 to program the main and sub-channels independently. use address 4 to pro- gram the max current register, which sets the max current scale. lastly, address 5 programs the low current register. the low current register controls the efficient low current mode. when the max current register is programmed to 1, 2, or 3, chang- ing the data for addresses 1-3 will result in the cor- responding values found in the constant current programming levels table. when the max current register is programmed to 4, the part is programmed to operate in low current mode and the data for addresses 1-3 is irrelevant. in low current mode, the low current register takes precedence. see the low current register settings table below for the current level settings and main/sub-configurations that result. max current and low current registers use the max current and low current registers to program constant current settings outside of the 20ma max scale. by default (without changing the max current register), the backlight charge pump operates in the 20ma max scale (see constant current programming levels). for example, to change to the 30ma max scale, address the max current register with 20 rising edges and pause for t lat . program the max current register with 2 rising edges and pause for t lat . the part will next operate in the same data row, but for the setting found in the 30ma max column. next, to change to a different setting on the 30ma max scale, address the d1-d6 register with 17 rising edges. program the new con- stant current level with 1-16 rising edges. the part will update to the new data setting according to the constant current programming levels table. the backlight charge pump has a distinct low current mode with ultra-low quiescent current. for drive currents of 2ma or less, the part operates with significantly reduced quiescent current. this is par- ticularly useful for applications requiring an "always on" condition such as transmissive displays. as an example, to change to low current mode, address the max current register with 20 rising edges and pause for t lat . program the max current register with 4 rising edges and pause for t lat . address the low current register with 21 rising edges and pause for t lat . program the low current register with 1-16 rising edges. the part will update to the new low current mode setting and operate with significantly reduced quiescent current. en/set addressed address edges register 1 17 1&2: d1-d6 current 2 18 1: d1-d4 current 3 19 2: d5-d6 current 4 20 3: max current 5 21 4: low current as 2 cwire serial interface timing address data 1 en/set 2 17 18 address data reg 1 data reg 2 1 2 . . . n <= 16 12 1 1 n t hi t lo t lat t lat
aat2803 six-channel white led backlight charge pump with flash 14 2803.2006.04.1.5 max current register settings?address 4 low current register settings?address 5 disabled current sinks the backlight charge pump is equipped with an auto- disable feature to protect against an led failure con- dition. current sink inputs that are not used should be disabled. to disable and properly terminate unused current sink inputs, they must be tied to v out . if left unconnected or terminated to ground, the part will be forced to operate in 2x charge pump mode. properly terminating unused current sink inputs is important to prevent the charge pump modes from activating prematurely. when properly terminated, only a small sense current flows for each disabled channel. the sense current for each disabled chan- nel is less than 120 a. applications information led selection although the aat2803 is specifically intended for driving white leds, the device can also be used to drive most types of leds with forward voltage specifications ranging from 2.0v to 4.7v. led applications may include main and sub-lcd dis- play backlighting, camera photo-flash applications, color (rgb) leds, infrared (ir) diodes for remotes, and other loads benefiting from a controlled output current generated from a varying input voltage. in some instances (e.g., in high-luminous-output applications such as photo flash), it may be neces- sary to drive high-v f type leds. the low-dropout current sinks in the aat2803 make it capable of driving leds with forward voltages as high as 4.7v at full current from an input supply as low as 3.0v. outputs can be paralleled to drive high-current leds without complication. device switching noise performance the aat2803 operates at a fixed frequency of approximately 1mhz to control noise and limit har- monics that can interfere with the rf operation of cellular telephone handsets or other communica- tion devices. back-injected noise appearing on the input pin of the charge pump is 20mv peak-to- peak, typically ten times less than inductor-based dc/dc boost converter white led backlight solu- tions. the aat2803 soft-start feature prevents noise transient effects associated with inrush cur- rents during start-up of the charge pump circuit. capacitor selection careful selection of the six external capacitors c in , c 1 , c 2 , c 3 , and c out (for backlight and flash) is important because they will affect turn-on time, output ripple, and transient performance. optimum performance will be obtained when low equivalent series resistance (esr) ceramic capacitors are used. in general, low esr may be defined as less than 100m . a value of 1 f for all four capacitors is a good starting point when choosing capacitors. if the led current sources are only programmed for light current levels, then the capacitor size may be decreased. data d1-d4 (ma) d5-d6 (ma) 10 0 20 0 30 0 40 0 5 0 0.05 6 0 0.5 70 1 80 2 9 0.05 0 10 0.5 0 11 1 0 12 2 0 13 0.05 0.05 14 0.5 0.5 15 1 1 16 2 2 data max current 1 20ma max scale 2 30ma max scale 3 15ma max scale 4 low current mode
capacitor characteristics ceramic composition capacitors are highly recom- mended over all other types of capacitors for use with the aat2803. ceramic capacitors offer many advantages over their tantalum and aluminum elec- trolytic counterparts. a ceramic capacitor typically has very low esr, is lowest cost, has a smaller pcb footprint, and is non-polarized. low esr ceramic capacitors help maximize charge pump transient response. since ceramic capacitors are non-polarized, they are not prone to incorrect con- nection damage. equivalent series resistance esr is an important characteristic to consider when selecting a capacitor. esr is a resistance internal to a capacitor that is caused by the leads, internal connections, size or area, material composition, and ambient temperature. capacitor esr is typi- cally measured in milliohms for ceramic capacitors and can range to more than several ohms for tanta- lum or aluminum electrolytic capacitors. ceramic capacitor materials ceramic capacitors less than 0.1 f are typically made from npo or c0g materials. npo and c0g materials typically have tight tolerance and are sta- ble over temperature. larger capacitor values are typically composed of x7r, x5r, z5u, or y5v dielectric materials. large ceramic capacitors, typ- ically greater than 2.2 f, are often available in low- cost y5v and z5u dielectrics, but capacitors greater than 1 f are not typically required. capacitor area is another contributor to esr. capacitors that are physically large will have a lower esr when compared to an equivalent material smaller capacitor. these larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size. aat2803 six-channel white led backlight charge pump with flash 2803.2006.04.1.5 15
aat2803 six-channel white led backlight charge pump with flash 16 2803.2006.04.1.5 advanced analogic technologies, inc. 830 e. arques avenue, sunnyvale, ca 94085 phone (408) 737-4600 fax (408) 737-4611 ordering information package information qfn44-24 package dimensions subject to change. all dimensions in millimeters. package marking 1 part number (tape and reel) 2 qfn44-24 ofxyy aat2803isk-4.5-t1 1. xyy = assembly and date code. 2. sample stock is generally held on part numbers listed in bold . ? advanced analogic technologies, inc. analogictech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an analogictech pr oduct. no circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. analogictech reserves the right to make changes to their products or specifi cations or to discontinue any product or service without notice. customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information b eing relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warran ty, patent infringement, and limitation of liability. analogictech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with anal ogictech?s standard warranty. testing and other quality con- trol techniques are utilized to the extent analogictech deems necessary to support this warranty. specific testing of all param eters of each device is not necessarily performed. 4.000 45 pin 1 dot by marking 4.000 all analogictech products are offered in pb-free packaging. the term ?pb-free? means semiconductor products that are in compliance with current rohs standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. for more information, please visit our website at http://www.analogictech.com/pbfree.


▲Up To Search▲   

 
Price & Availability of AAT2803ISK-45-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X