Part Number Hot Search : 
D20400 EGFZ15K T6061A 2SC4764 L9305A RBV1504 BAR6404W GU80N03
Product Description
Full Text Search
 

To Download 80PFR80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 93526 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 20-may-09 1 standard recovery diodes, generation 2 do-5 (stud version), 80 a 80pf(r)...(w) series vishay high power products features ? high surge current capability ? designed for a wide range of applications ? stud cathode and stud anode version ? wire version available ? low thermal resistance ? ul approval pending ? compliant to rohs directive 2002/95/ec ? designed and qualified for multiple level typical applications ? battery chargers ? converters ? power supplies ? machine tool controls ? welding electrical specifications product summary i f(av) 80 a 8 0pf(r)... 8 0pf(r)...w do-203ab (do-5) do-203ab (do-5) major ratings and characteristics parameter test conditions values units i f(av) 80 a t c 140 c i f(rms) 126 a i fsm 50 hz 1500 a 60 hz 1570 i 2 t 50 hz 11 250 a 2 s 60 hz 10 230 v rrm range 400 to 1200 v t j - 55 to 180 c voltage ratings type number voltage code v rrm , maximum repetitive peak reverse voltage v v rsm , maximum non-repetitive peak reverse voltage v i rrm maximum at t j = 150 c ma 80pf(r)...(w) 40 400 500 9 80 800 960 120 1200 1440
www.vishay.com for technical questions, contact: ind-modules@vishay.com document number: 93526 2 revision: 20-may-09 80pf(r)...(w) series vishay high power products standard recovery diodes, generation 2 do-5 (stud version), 80 a notes (1) recommended for pass-through holes (2) torque must be appliable only to hexagon and not to plastic structure, recommended for holed heatsink forward conduction parameter symbol test conditions values units maximum average forward current at case temperature i f(av) 180 conduction, half sine wave 80 a 140 c maximum rms forward current i f(rms) 126 a maximum peak, one-cycle forward, non-repetitive surge current i fsm t = 10 ms no voltage reapplied sinusoidal half wave, initial t j = 150 c 1500 a t = 8.3 ms 1570 t = 10 ms 100 % v rrm reapplied 1260 t = 8.3 ms 1320 maximum i 2 t for fusing i 2 t t = 10 ms no voltage reapplied 11 250 a 2 s t = 8.3 ms 10 230 t = 10 ms 100 % v rrm reapplied 7950 t = 8.3 ms 7200 maximum i 2 t for fusing i 2 t t = 0.1 ms to 10 ms, no voltage reapplied 112 500 a 2 s low level value of threshold voltage v f(to) (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 0.73 v low level value of forward slope resistance r f (16.7 % x x i f(av) < i < x i f(av) ), t j = t j maximum 3.0 m maximum forward voltage drop v fm i pk = 220 a, t j = 25 c, t p = 400 s rectangular wave 1.40 v thermal and mechanical specifications parameter symbol test conditions values units maximum junction operating and storage temperature range t j , t stg - 55 to 180 c maximum thermal resistance, junction to case r thjc dc operation 0.30 k/w maximum thermal resistance, case to heatsink r thcs mounting surface, smooth, flat and greased 0.25 maximum allowable mounting torque (+ 0 %, - 10 %) not lubricated thread, tighting on nut (1) 3.4 (30) n m (lbf in) lubricated thread, tighting on nut (1) 2.3 (20) not lubricated thread, tighting on hexagon (2) 4.2 (37) lubricated thread, tighting on hexagon (2) 3.2 (28) approximate weight 15.8 g 0.56 oz. case style see dimensions - link at the end of datasheet do-203ab (do-5)
document number: 93526 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 20-may-09 3 80pf(r)...(w) series standard recovery diodes, generation 2 do-5 (stud version), 80 a vishay high power products note ? the table above shows the increment of thermal resistance r thjc when devices operate at diffe rent conduction angles than dc fig. 1 - current ratings characteristics f ig. 2 - current ratings characteristics fig. 3 - forward powe r loss characteristics r thjc conduction conduction angle sinusoidal conduction rect angular conduction test conditions units 180 0.14 0.10 t j = t j maximum k/w 120 0.16 0.17 90 0.21 0.22 60 0.30 0.31 30 0.50 0.50 average forward current (a) maximum allowable case temperature (c) 110 120 130 140 150 160 170 180 0 102030405060708090 30 60 90 120 180 conduction angle 80pf(r) series rthjc = 0.3 k/w average forward current (a) maximum allowable case temperature (c) 120 130 140 150 160 170 180 0 20406080100120140 dc 30 60 90 120 180 conduction period 80pf(r) series rthjc (dc) = 0.3 k/w average forward current (a) maximum allowable forward power loss (w) maximum allowable ambient temperature (c) 0 30 60 90 120 150 180 2 k/w 1.5 k/w 1 k/w 5 k/w 3 k/w 0.3 k/w 0.5 k/w 0.7 k/w 0 20 40 60 80 100 120 140 0 1020304050607080 conduction angle 180 120 90 60 30 rms limit 80pf(r) series tj = 180c
www.vishay.com for technical questions, contact: ind-modules@vishay.com document number: 93526 4 revision: 20-may-09 80pf(r)...(w) series vishay high power products standard recovery diodes, generation 2 do-5 (stud version), 80 a fig. 4 - forward power loss characteristics fig. 5 - maximum non-repetitive surge current fig. 6 - maximum non-repetitive surge current fig. 7 - forward voltage drop characteristics fig. 8 - thermal impedance z thjc characteristics average forward current (a) maximum allowable forward power loss (w) maximum allowable ambient temperature (c) 0 30 60 90 120 150 180 2 k/w 1.5 k/w 1 k/w 5 k/w 3 k/w 0.3 k/w 0.5 k/w 0.7 k/w 0 20 40 60 80 100 120 140 0 2040608010012014 0 dc 180 120 90 60 30 rms limit conduction period 80pf(r) series tj = 180c number of equal amplitude half cycle current pulses (n) peak haf sine wave forward current (a) 400 500 600 700 800 900 1000 1100 1200 1300 1400 11010 0 at any rated load condition and with rated vrrm applied following surge. 80pf(r) series initial tj = 150c @ 60 hz 0.0083 s @ 50 hz 0.0100 s pulse train duration (s) peak haf sine wave forward current (a) 200 400 600 800 1000 1200 1400 1600 0.01 0.1 1 maximum non repetitive surge current versus pulse train duration. 80pf(r) series initial tj = 150c no voltage reapplied rated vrrm reapplied instantaneous forward voltage (v) instantaneous forward current (a) 1 10 100 1000 0123 tj = 25c tj = 180c 80pf(r) series square wave pulse duration (s) transient thermal impedance z thjc (k/w) 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 steady state value rthjc = 0.3 k/w (dc operation) 80pf(r) series
document number: 93526 for technical questions, contact: ind-modules@vishay.com www.vishay.com revision: 20-may-09 5 80pf(r)...(w) series standard recovery diodes, generation 2 do-5 (stud version), 80 a vishay high power products ordering information table device code 5 13 24 80 pf r 120 w 1 - 80 = standard device 82 = isolated lead on standard terminal with silicone sleeve available for 1200 v only (red = reverse polarity) (blue = normal polarity) 2 - pf = plastic package 3 - none = stud normal polarity (cathode to stud) r = stud reverse polarity (anode to stud) 4 - voltage code x 10 = v rrm (see voltage ratings table) 5 - none = standard terminal (see dimensions for 80pf(r)... - link at the end of datasheet) w = wire terminal (see dimensions for 80pf(r)...w - link at the end of datasheet) links to related documents dimensions www.vishay.com/doc?95345
document number: 95345 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 26-aug-08 1 do-203ab (do-5) fo r 50pf(r)...(w), 80pf(r)...(w) and 95pf(r)...(w) series outline dimensions vishay semiconductors dimensions for 80pf(r), 50pf(r) and 95pf(r) series in millimeters note ? for metric device please contact factory ? 15.6 max. ? 16.8 max. 18.9 + 0.1 0.0 3.5 min. 2.4 ref. 4 min. 4.2 max. 6.45 min. for metric devices: m6 x 1 ? 3 plastic cap. 1.2 max. 11 0.4 11.45 max. 1/4"28-unf-2a 17.25 max. 25.4 max.
www.vishay.com for technical questions, contact: indmodules@vishay.com document number: 95345 2 revision: 26-aug-08 outline dimensions vishay semiconductors do-203ab (do-5) for 50pf(r)...(w), 80pf(r)...(w) and 95p f(r)...(w) series dimensions for 80pf(r)...(w), 50pf (r)...(w) and 95pf(r)...(w) series in millimeters note ? for metric device please contact factory ? 15.6 max. ? 16.8 max. 18.9 + 0.1 0.0 2.4 ref. for metric devices: m6 x 1 2.05 max. plastic cap. 17.25 max. 1/4"-28-unf-2a 11 0.4 11.45 max. 25.4 max.
document number: 95345 for tec hnical questions, contact: indmodules@vishay.com www.vishay.com revision: 26-aug-08 3 outline dimensions do-203ab (do-5) for 50pf(r)...(w), 80pf(r)...(w) and 95pf(r)...(w) series vishay semiconductors dimensions for 52pf(r), 82pf(r) and 97pf(r) series in millimeters note ? for metric device please contact factory 2.4 ref. for metric devices: m6 x 1 6.6 mm 2 external lead with blue or red sleeve insulation ? 7 max. 12.2 max. plastic cap. 1/4"-28-unf-2a 11 0.4 11.45 max. 123 134.4
legal disclaimer notice www.vishay.com vishay revision: 12-mar-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products no t expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale , including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding th e design or manufacture of the part. please contact authorized vishay personnel t o obtain written terms and conditions regardin g products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu.


▲Up To Search▲   

 
Price & Availability of 80PFR80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X