Part Number Hot Search : 
EZ108406 C1024 AWB7223R 2SC5415A IRF1520G P3844N8A LV86A AD625A
Product Description
Full Text Search
 

To Download 636FY-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d73f d75f ? d7 series power inductors ? ? d7 3?????????? ? inductance range: 1.0~100 h (d73f ), 1.0~470 h (d75f)     
     (unit: mm) note * : d73f ; 3.5mm max. height d75f ; 5.1mm max. height ? low-profile (7.6mm max. square, 3.5 and 5.1mm max. height). ? magnetically unshielded construction ? suitable for large current. ? ideal for a variety of dc-dc converter inductor applications. ? rohs compliant. ? ?  7.6mm  max. z?^ 3.5 s?| 5.1mm max.  ? ???  ? g ?v 0 ?  ;+w dc-dc ???;?????t7 & ? rohs |? 0 (1) inductance is measured with a lcr meter 4284a (agilent technologies) or equivalent. test frequency at 100khz. (2) dc resistance is measured with a digital multimeter tr6871 (advantest) or equivalent. (3) rated dc current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40c, whichever is smaller. (reference ambient temperature 20c) (1) ??????x lcr y?? 4284a  agilent technologies ?h x ? s ?t?? b?{  * t
:x 100khz pb{ (2) v ?x?????y?? tr6871  advantest ?hx ? s ?t?? b?{ (3) 7 g?0 ?vxz v o t ?v?v`h??????w ?u s8 ??? 10 ?n ?b? v ?v ?z?hx v ?vt??z ??w9 su 40 ? w??t ?^m ?pb{ ?  *?9 s 20c ?, jqb?{ recommended patterns
* ????
$?     (unit: mm) continued on next page ? x measurement condition ?  e features ? ? ? dimensions ??
go
$ fixed inductors for surface mounting ?? ?
nz ;{ ????? d73f ?????? d75f
continued from previous page
2?? x selection guide for standard coils type d73f series (unshielded) ???? ( ????` ) (quantity/reel; 1,000 pcs) f? ? j ?????? (1) ?0) v ? (2) 7 g?0 ?v (3) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ) max. rated dc current (3) (a) max. #636fy-1r0m 1.0 20 0.018 3.00 #636fy-1r5m 1.5 20 0.023 2.62 #636fy-2r2m 2.2 20 0.029 2.27 #636fy-3r3m 3.3 20 0.039 1.98 #636fy-4r7m 4.7 20 0.050 1.75 #636fy-6r8m 6.8 20 0.065 1.47 #636FY-100M 10.0 20 0.086 1.28 #636fy-120m 12.0 20 0.111 1.09 #636fy-150m 15.0 20 0.143 0.98 #636fy-180m 18.0 20 0.169 0.87 #636fy-220m 22.0 20 0.202 0.80 #636fy-270m 27.0 20 0.260 0.70 #636fy-330m 33.0 20 0.312 0.63 #636fy-390m 39.0 20 0.364 0.58 #636fy-470m 47.0 20 0.442 0.53 #636fy-560m 56.0 20 0.520 0.48 #636fy-680m 68.0 20 0.650 0.42 #636fy-820m 82.0 20 0.780 0.37 #636fy-101m 100.0 20 1.027 0.33 type d75f series (unshielded) ???? ( ????` ) (quantity/reel; 1,000 pcs) f? ? j ?????? (1) ?0) v ? (2) 7 g?0 ?v (3) toko part number inductance (1) ( h) tolerance (%) dc resistance (2) ( ) max. rated dc current (3) (a) max. #646fy-1r0m 1.0 20 0.023 2.88 #646fy-1r5m 1.5 20 0.028 2.56 #646fy-2r2m 2.2 20 0.032 2.36 #646fy-3r3m 3.3 20 0.038 2.16 #646fy-4r7m 4.7 20 0.049 1.88 #646fy-6r8m 6.8 20 0.060 1.68 #646fy-100m 10.0 20 0.070 1.56 #646fy-120m 12.0 20 0.080 1.44 #646fy-150m 15.0 20 0.090 1.36 #646fy-180m 18.0 20 0.100 1.28 #646fy-220m 22.0 20 0.120 1.17 #646fy-270m 27.0 20 0.140 1.07 #646fy-330m 33.0 20 0.160 1.00 #646fy-390m 39.0 20 0.190 0.91 #646fy-470m 47.0 20 0.220 0.84 #646fy-560m 56.0 20 0.290 0.72 #646fy-680m 68.0 20 0.340 0.66 #646fy-820m 82.0 20 0.460 0.58 #646fy-101m 100.0 20 0.550 0.51 #646fy-121k 120.0 10 0.670 0.42 #646fy-151k 150.0 10 0.900 0.37 #646fy-181k 180.0 10 1.050 0.35 #646fy-221k 220.0 10 1.350 0.29 #646fy-271k 270.0 10 1.550 0.28 #646fy-331k 330.0 10 2.050 0.23 #646fy-391k 390.0 10 2.300 0.21 #646fy-471k 470.0 10 2.600 0.19 fixed inductors for surface mounting ?? ?
nz ;{ ????? fixed inductors for surface mounting ?? ?
nz ;{ ?????


▲Up To Search▲   

 
Price & Availability of 636FY-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X