Part Number Hot Search : 
80C15 MGB33C ACM1002A HHR120AA TC174 V881CA60 2SD14 ISL88
Product Description
Full Text Search
 

To Download 605SJR00375E-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 ohmite mfg. co. 1600 golf rd., rolling meadows, il 60008 ? 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com ohmite mfg. co. 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 7 60s series surface mount metal plate current sense f e a t u r e s ? superior thermal expansion cycling ? inductance less than 10 nano- henries ? flameproof ? solderable pads: tin (sn) plate ? lead flexible for thermal expan- sion ? low termination stress (j termi- nals) ? shape provides cooler operation ? custom values available a p p l i c a t i o n s ? current sensing ? low inductance ? ac applications (contact ohmite) ? feedback power resistance rated operating tcr rating values ambient temp. qty./ type tol. (ppm/c) (watts) ( ) temp. (c) range (c) reel 602sjr 5% 100 0.25 0.003, 0.005 +70c -40 - +155 2000 605sjr 5% 100 0.5 0.002, 0.0375, +70c -40 - +155 2000 0.005, 0.008 610sjr 5% 350 1 0.002, 0.003 +85c -40 - +155 1500 602sjr, 605sjr l h w l 2 l 2 l w 610sjr h a d copper nickel alloy ter mination 100 percent rated power ambient temperature, c 60 20 0 0 100 200 50 275 80 40 -40 70 area of recommended operation 250 155 d e r a t i n g d i m e n s i o n s inches (mm) l l2 h w 602sjr 0.39 .008 0.018 .008 0.024 0.118 .008 (10.0 0.2) (2 0.2) (0.6 0.1) (3.0 0.2) 605sjr 0.39 .008 0.018 .008 0.079 0.20 .008 (10.0 0.2) (2 0.2) (2 max.) (5.2 0.2) l h d a w 610sjr 0.44 .016 0.137 .016 0.095 .010 0.189 .030 0.126 .016 (11.2 0.4) (3.5 0.4) (2.35 0.25) (4.8 .75) (3.2 0.40) p e r f o r m a n c e c h a r a c t e r i s t i c s parameter requirement test method (jis c 5202) resistance within regulated tolerance 25c t.c.r. within specified t.c.r. room temperature/100c up resistance to solder heat 2.0% 350c 10c, 3 seconds solderability 95% coverage minimum 235c 5c, 5 seconds moisture resistance 3.0% 40c, 90 - 95% rh, 1000 hours, no load moisture resistance 5.0% power rating x 1/10, 40c, 90 - 95% rh, 1000 hours, 1.5 hr on, 0.5 hr off cycle load life 5.0% rating voltage, 1000 hours, 1.5 hr on, 0.5 hr off cycle o r d e r i n g i n f o r m a t i o n ? ? ? ? ? ? ? ? ? ? ? ? ? ? type & power rating 602s = 0.25 watt 605s = 0.5 watt 610s = 1 watt ohms r00200 = 0.00200? r00300 = 0.00300? r00375 = 0.00375? packaging t = tape and reel (optional) tolerance j = 5% rohs compliant s t a n d a r d p a r t n u m b e r s f o r 6 0 s s e r i e s wattage: 0.25 watt 0.5 watt 1 watt ohms series: 602sjr 605sjr 610sjr 0.00200 605sjr00200e-t 610sjr00200e-t 0.00300 602sjr00300e-t 610sjr00300e-t 0.00375 605SJR00375E-T 0.00500 602sjr00500e-t 605sjr00500e-t 0.00800 605sjr00800e-t (continued) check product availability at www.ohmite.com check product availability using the worldwide inventory search at ohmite.com
8 ohmite mfg. co. 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com ohmite mfg. co. 1600 golf rd., rolling meadows, il 60008 ? 1-866-9-ohmite ? intl 1-847-258-0300 ? fax 1-847-574-7522 ? www.ohmite.com ? info@ohmite.com 9 m o n l n w 1 ?a ?c ?b e .059 ( 1.5 ) e w p 1 p 2 p 0 t 1 a b direction of feed embossed carrier +0.1 -0 p a c k a g i n g s p e c i f i c a t i o n s t a p e inches (mm) type a b e w p0 p1 p2 t1 602sjr 0.057 0.134 0.069 0.079 0.157 0.315 0.079 0.098 (1.45 0.2) (3.4 0.2) (1.75 0.1) (2.0) (4.0 0.1) (8.0 0.1) (2.0) (2.5 0.2) 605sjr 0.057 0.224 0.069 0.079 0.157 0.315 0.079 0.091 (1.45 0.2) (5.7 0.2) (1.75 0.1) (2.0) (4.0 0.1) (8.0 0.1) (2.0) (2.3 0.2) 610sjr 0.461 0.169 0.069 0.945 0.157 0.315 0.079 ___ (11.7 0.1) (4.3 0.1) (1.75 0.1) (24.0 0.2) (4.0 0.1) (8.0 0.1) (2.0) ___ 60s series surface mount metal plate current sense (continued) r e e l inches (mm) type a b c e w1 qty./reel 602sjr 10.0 3.15 0.511 0.079 1.0 2000 605sjr (255 +0.0 -3.0) (80 +1.0 -0) (13.0 0.2) (2.0 0.5) (25.5 2.0) 610sjr 12.99 3.94 0.511 0.079 1.0 1500 (330 2.0) (100 2.0) (13.0 0.2) (2.0 0.5) (25.5 2.0) l a n d p a t t e r n inches (mm) type m n o l 602sjr 0.622 (16.0) 0.118 (3.0) 0.150 (3.8) 0.394 (10.0) 605sjr 0.622 (16.0) 0.118 (3.0) 0.236 (6.0) 0.394 (10.0) 610sjr 0.369 (9.36) 0.121 (3.07) 0.142 (3.60) 0.127 (3.22) land pattern dimensions are for reference only


▲Up To Search▲   

 
Price & Availability of 605SJR00375E-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X