this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0520891519 status: active overview: description: 1.00mm (.039") pitch ffc/fpc connector, through-hole, right angle, low profile, zif, top contact style receptacle, 15 circuits, lead-free general product family ffc/fpc connectors series 52089 overview ffc_fpc_throughhole product name n/a physical circuits (loaded) 15 color - resin natural contact position top durability (mating cycles max) 20 entry angle 90 angle mated height (in) 0.118 in mated height (mm) 3.00 mm material - metal phosphor bronze material - plating mating tin-bismuth material - plating termination tin-bismuth material - resin nylon, polyester number of rows 1 orientation right angle pc tail length (in) 0.079 in pc tail length (mm) 2.00 mm pcb retention none pcb thickness recommended (in) 0.024 in pcb thickness recommended (mm) 0.60 mm packaging type tray pitch - mating interface (in) 0.039 in pitch - mating interface (mm) 1.00 mm plating min: mating (in) 40 plating min: mating (m) 1 plating min: termination (in) 40 plating min: termination (m) 1 polarized to pcb no stackable no surface mount compatible (smc) no temperature range - operating -20c to +80c termination interface: style through hole wire/cable type ffc/fpc electrical current - maximum per contact 0.2a, 0.4a, 0.5a voltage - maximum 50v material info reference - drawing numbers packaging specification spk-52089-001 product specification ps-52089-013, rps-52089-011, rps-52089-014 sales drawing sd-52089-001 eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 52089 series
this document was generated on 06/04/2010 please check www.molex.com for latest part information
|