Part Number Hot Search : 
H16C05 NDUCTOR WPN30R NTE1846 CAT706 SA124 MOC3021 X9319UP8
Product Description
Full Text Search
 

To Download 1N9148BRHG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1n4148w/1n4448w/1n914bw 400mw high speed smd switching diode small signal diode ? fast switching device(t rr <4.0ns) ? surface device type mounting ? moisture sensitivity level 1 ? matte tin(sn) lead finish with nickel(ni) underplate ? pb free version and rohs compliant packing code and prefix "g" on date code min max min max ? case : flat lead sod-123 small outline plastic package 1.5 1.7 0.059 0.067 3.3 3.7 0.130 0.146 0.5 0.7 0.020 0.028 2.5 2.7 0.098 0.106 ? polarity : indicated by cathode band 0.8 1.0 0.031 0.039 ? weight : 8.850.5 mg 0.05 0.2 0.002 0.008 ? marking code : d1, d2, d3 ordering information package part no. packing sod-123f 1n4148w rh 3k / 7" reel d1 sod-123f 1n4448w rh 3k / 7" reel d2 sod-123f 1n9148b rh 3k / 7" reel d3 suggested pad layout sod-123f 1n4148w rhg 3k / 7" reel d1 sod-123f 1n4448w rhg 3k / 7" reel d2 sod-123f 1n9148b rhg 3k / 7" reel d3 maximum ratings and electrical characteristics maximum ratings ma rating at 25 c ambient temperature unless otherwise specified. type number units repetitive peak reverse voltage mw p d power dissipation v v repetitive peak forward current c -65 to + 150 300 150 c/w 450 ma thermal resistance (junction to ambient) (note 1) i o junction and storage temperature range mean forward current i frm c d e 400 pin configuration t j , t stg rja symbol non-repetitive peak reverse voltage v rsm 75 100 v rrm notes:1. test condition : 8.3ms single half sine-wave superimposed on rated load (jedec method) sod-123f features mechanical data a b ? green compound (halogen free) with suffix "g" on value unit (mm) unit (inch) f marking ? terminal: matte tin plated, lead free., solderable per mil-std-202, method 208 guaranteed ? high temperature soldering guaranteed: 260 c/10s dimensions d a b c e f 1.22 0.048 2.36 0.093 0.91 0.036 0.165 4.19 version : d10
1n4148w/1n4448w/1n914bw 400mw high speed smd switching diode small signal diode electrical characteristics i r = 100 i r = 5ua 75 forward voltage 1n4448w, 1n914bw i f = 0.72 1n4148w i f = 1.0 1n4448w, 1n914bw i f = 1.0 v r = 20v 25 v r = 75v 5.0 junction capacitance 4.0 4.0 notes:2. reverse recovery test conditions: i f =10ma, i r =60ma, r l =100 , i rr =1ma tape & reel specification 100ua item symbol dimension - - c j trr carrier depth c 1.50 0.10 sprocket hole d 1.5 0.1 feed hole width d2 13.0 0.20 sprocke hole position 1.85 0.10 carrier length b 3.94 0.10 carrier width a 178 1 reel inner diameter d1 55 min reel outside diameter d 8.00 0.20 e 1.75 0.10 punch hole position f 3.50 0.05 sprocke hole pitch embossment center p0 4.00 0.10 reel width w1 14.4 max p1 2.00 0.05 overall tape thickness t 0.23 0.05 tape width w pf ns - - - 0.62 - - v v (br) v f i r v na a - symbol min max units v r =0, f=1.0mhz type number reverse recovery time (note 2) 5.0ma 10.0ma 100.0ma reverse leakage current reverse breakdown voltage top cover tape carieer tape any additional label (if required) tsc label t c d p 1 p 0 a b f w1 d 1 d 2 d version : d10 e w
1n4148w/1n4448w/1n914bw 400mw high speed smd switching diode small signal diode rating and sharacteristic curves fig 3 admissible power dissipation curve 0 100 200 300 400 500 0 20 40 60 80 100 120 140 160 power dissipation (mw) fig 4 typical junction capacitance 0 1 2 3 4 5 6 0246810 junction capacitance (pf) ambient temperature (c) reverse voltage (v) fig 1 typical forward characteristics 0.001 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward volatge (v) instantaneous forward current (a) ta=25c fig 2 reverse current vs reverse voltage 0.01 0.1 1 10 100 0 20 40 60 80 100 120 reverse volatge (v) reverse current (ua) ta=25c fig 5 forward resistance vs. forward current 1 10 100 1000 10000 0 0 1 10 100 forward current (ma) dynamic forward resistance ( ? ) version : d10


▲Up To Search▲   

 
Price & Availability of 1N9148BRHG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X