Part Number Hot Search : 
PT2265 EPA368 CES181J MA100 JZ4730 2SK231 M215H RS203
Product Description
Full Text Search
 

To Download 06032B105K5B30D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  w data shee t surface-mount ceramic multilayer capacitors high-capacitance: class 2, x5r/x7r ( pb free & rohs compliant ) 6.3 v to 25 v 56 nf to 47 f product specification ? june 1, 2006 v.11
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 2 17 x5r / x7r 6.3 v to 25 v product specification scope this specification describes high capacitance x5r/x7r series chip capacitors with lead-free terminations. features z supplied in tape on reel z nickel-barrier end termination applications z pcs, hard disk, game pcs z power supplies z dvds, camcorders z mobile phones, pdas ordering information components may be ordered by using either a ph ycomp?s unique 12nc or phycomp clear text code. 2 2 x x x x x x x x x x carrier type 22 38 50 54 55 blister paper blister ur 6.3 v bulk paper ur 6.3 v rated voltage - termination 20 24 78 91 6.3 v; nisn 10 v; nisn 16 v; nisn 25 v; nisn size 7 6 0 1 2 4 0402 0603 0805 1206 1210 1812 capacitance value (1) tolerance 5 6 7 5% 10% 20% packaging (2) 1 5 4 reel: ? 180 mm; 7" reel: ? 330 mm; 13" bulk case temperature characteristic 3 5 x5r x7r scm040 (1) refer to ?conversion table of ca pacitance & last 2 digits of 12nc? (2) quantity on reel depends on thickness classification; see section ?thickness classification and packing quantities for 6.3 v to 25 v?. p p h h y y c c o o m m p p o o r r d d e e r r i i n n g g c c o o d d e e 12nc code
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 3 17 x5r / x7r 6.3 v to 25 v product specification cap. (nf) last 2 digits of 12nc cap. (nf) last 2 digits of 12nc cap. (nf) last 2 digits of 12nc cap. (nf) last 2 digits of 12nc 0.10 09 1.8 26 33 43 560 59 0.12 11 2.2 27 39 44 680 61 0.15 12 2.7 28 47 45 820 62 0.18 13 3.3 29 56 46 1,000 63 0.22 14 3.9 31 68 47 1,500 65 0.27 15 4.7 32 82 48 2,200 67 0.33 16 5.6 33 100 49 3,300 69 0.39 17 6.8 34 120 51 4,700 72 0.47 18 8.2 35 150 52 6,800 74 0.56 19 10 36 180 53 10,000 76 0.68 21 12 37 220 54 22,000 81 0.82 22 15 38 270 55 47,000 85 1.0 23 18 39 330 56 100,000 89 1.2 24 22 41 390 57 1.5 25 27 42 470 58 note 1. this table is applied to all x5r, x7r, y5 v, and z5u products except y5v 50 v products. conversion table of capacitance & last 2 digits of 12nc ctc code size code temp. char. capacitance tolerance rated voltage termination packing marking series 0402 0603 0805 1206 1210 1812 2b = x5r 2r = x7r 225 = 2,200,000 pf; the third digit signifies the multiplying factor: 3 = 1,000 4 = 10,000 5 = 100,000 6 = 1,000,000 7 = 10,000,000 j = 5% k = 10% m = 20% 5 = 6.3 v 6 = 10 v 7 = 16 v 8 = 25 v b = nisn 2 = 180 mm; 7? paper 3 = 330 mm; 13? paper b = 180 mm; 7? blister f = 330 mm; 13? blister p = bulk case 0 = no marking d = bne example: 06032b225m5b20d
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 4 17 x5r / x7r 6.3 v to 25 v product specification construction the capacitor consists of a rectangular block of ceramic dielectric in which a number of interleaved metal electrodes are contained. this structure gives rise to a high capacitance per unit volume. the inner electrodes are connected to the two end terminations and finally covered with a layer of plated tin (nisn). the terminations are lead-free. a cross section of the structure is shown in fig.1. mlb457 terminations electrodes ceramic material fig. 1 surface mounted multilayer ceramic capacito r construction mbb211 t l 4 l 1 l 2 l 3 w fig. 2 surface mounted multilayer ceramic capacitor dimension for dimension see table 1 dimension table 1 type cc0402 cc0603 cc0805 cc1206 cc1210 cc1812 l 1 (mm) 1. 0 0.05 1.6 0.10 2.0 0.20 3.20.20 3.2 0.20 4.5 0.20 w (mm) 0.5 0.05 0.8 0.07 1.25 0.20 1.60.20 2.5 0.20 3.2 0.20 t (mm) refer to table 2 to 4 min. 0.15 0.20 0.25 0.25 0.25 0.25 l 2 /l 3 (mm) max. 0.30 0.50 0.75 0.75 0.75 0.75 l 4 (mm) min. 0.40 0.60 0.55 1.40 1.40 2.20
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 5 17 x5r / x7r 6.3 v to 25 v product specification table 2 capacitance 6.3 v (f) 0402 0603 0805 1206 1210 0.056 0.068 0.082 0.10 0.5 0.05 0.12 0.15 0.18 0.22 0.27 0.33 0.39 0.47 0.56 0.68 0.82 1.0 0.8 0.07 1.5 0.8 0.1 2.2 1.25 0.1 3.3 1.25 0.2 4.7 6.8 10 1.6 0.2 22 2.5 0.2 47 note 1. values in shaded cells indicate thickness class in mm. 2. x5r: ; x7r: ; both x5r and x7r: . capacitance range & thickness for x5r/x7r 6.3 v
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 6 17 x5r / x7r 6.3 v to 25 v product specification table 3 capacitance 10 v (f) 0402 0603 0805 1206 1210 0.056 0.5 0.05 0.068 0.082 0.10 0.5 0.05 0.12 0.5 0.05 0.15 0.18 0.22 0.27 0.8 0.07 0.33 0.39 0.47 0.56 0.8 0.07 0.68 0.82 1.0 1.25 0.1 1.5 0.8 0.1 2.2 1.25 0.1 3.3 1.25 0.2 4.7 1.6 0.2 6.8 1.6 0.2 10 1.9 0.2 22 2.5 0.2 note 1. values in shaded cells indicate thickness class in mm. 2. x5r: ; x7r: ; both x5r and x7r: . capacitance range & thickness for x5r/x7r 10v
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 7 17 x5r / x7r 6.3 v to 25 v product specification table 4 capacitance 16v 25v (f) 0402 0603 0805 1206 1210 1812 0603 1206 1210 0.056 0.5 0.05 0.068 0.082 0.10 0.12 0.8 0.07 0.15 0.18 0.22 0.27 0.33 0.8 0.07 0.39 0.47 0.56 1.25 0.2 0.68 0.82 1.0 1.6 0.2 1.5 2.2 1.15 0.1 3.3 1.9 0.2 1.9 0.2 4.7 1.6 0.2 1.9 0.2 6.8 2.5 0.2 2.5 0.2 10 22 2.5 0.2 note 1. values in shaded cells indicate thickness class in mm. 2. x5r: ; x7r: ; both x5r and x7r: . capacitance range & thickness for x5r/x7r 16v to 25v
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 8 17 x5r / x7r 6.3 v to 25 v product specification table 5 thickness classes and packing q uantity 8 mm tape width/amount per reel ?180 mm, 7? ?330 mm, 13? 12 mm tape width /amount per reel description size code thickness classification (mm) paper blister paper blister ?180 mm, 7? blister a mount per bulk case 0201 0.3 0.03 15,000 --- 50,000 --- --- --- 0402 0.5 0.05 10,000 --- 50,000 --- --- 50,000 0603 0.8 0.07 4,000 --- 15,000 --- --- 15,000 0805 0.6 0.10 4,000 --- 20,000 --- --- 10,000 0.85 0.1 4,000 --- 15,000 --- --- 8,000 1.25 0.10 --- 3,000 --- 10,000 --- 5,000 1206 0.6 0.10 4,000 --- 20,000 --- --- --- 0.85 0.10 4,000 --- 15,000 --- --- --- 1.00 / 1.15 0.10 --- 3,000 --- 10,000 --- --- 1.6 0.15 --- 2 500 --- 10,000 --- --- 1.6 0.20 --- 2,000 --- 10,000 --- --- 1210 0.6 / 0.7 0.10 --- 4,000 --- 15,000 --- --- 0.85 0.10 --- 4,000 --- 10,000 --- --- 1.15 0.10 --- 3,000 --- 10,000 --- --- 1.15 0.15 --- 3,000 --- 10,000 --- --- 1.5 0.10 --- 2,000 --- --- --- --- 1.6 / 1.9 0.20 --- 2,000 --- --- --- --- 2.5 0.20 --- 1,000 --- --- --- --- 1808 1.15 0.15 --- --- --- --- 1 500 --- 1.35 0.15 --- --- --- --- 1,000 --- 1.5 0.10 --- --- --- --- 1,000 --- 1812 0.6 / 0.85 0.10 --- --- --- --- 2,000 --- 1.15 0.10 --- --- --- --- 1,500 --- 1.15 0.15 --- --- --- --- 1,500 --- 1.35 0.15 --- --- --- --- 1,000 --- 1.5 0.1 --- --- --- --- 1,000 --- discrete capacitors 1.6 0.2 --- --- --- --- 1,000 --- 0306 0.5 0.10 4,000 --- 15,000 --- --- --- 0508 0.85 0.10 4,000 --- 15,000 --- --- --- low inductance 0612 0.85 0.10 4,000 --- 15,000 --- --- --- 0508 0.6 0.10 4,000 --- --- --- --- --- 0.85 0.10 4,000 --- --- --- --- --- 0612 0.8 0.10 4,000 --- --- --- --- --- arrays 1.2 0.10 --- 3,000 --- --- --- ---
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 9 17 x5r / x7r 6.3 v to 25 v product specification electrical characteristics c c l l a a s s s s 2 2 c c a a p p a a c c i i t t o o r r s s ; ; x x 5 5 r r / / x x 7 7 r r d d i i e e l l e e c c t t r r i i c c ; ; n n i i s s n n t t e e r r m m i i n n a a t t i i o o n n s s unless otherwise stated all electrical values apply at an ambient temperature of 20 1 c, an atmospheric pressure of 86 to 106 kpa, and a relative humidity of 63 to 67%. description value capacitance range (1) 56 nf to 47 f capacitance tolerance (1) (2) 5%, 10%, and 20% dissipation factor (d.f.) (1) see table 7 - 12 insulation resistance after 1 minute at u r (dc) r ins 10 g ? or r ins c 500 seconds whichever is less maximum capacitance change as a function of temperature (temperature characteristic/coefficient) 15% operating temperature range: x5r x7r ?55 c to +85 c ?55 c to +125 c note 1. f=1 khz for c 10 f; measuring at voltage 1 v rms ; f=120 hz for c > 10 f; measuring at voltage 0.5 v rms . 2. 5% capacitance tolerance is on re quest for capacitance value < 1 uf. table 6
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 10 17 x5r / x7r 6.3 v to 25 v product specification dissipation factor ( d.f.) for sizes 0402 to 1812 tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 0402 0.10 10; 20 6.3 7.0 0.50 x5r 0402 0.12 10; 20 6.3 7.0 0.50 x5r 0402 0.15 10; 20 6.3 7.0 0.50 x5r 0402 0.18 10; 20 6.3 7.0 0.50 x5r 0402 0.22 10; 20 6.3 7.0 0.50 x5r 0402 0.27 10; 20 6.3 10.0 0.50 x5r 0402 0.33 10; 20 6.3 10.0 0.50 x5r 0402 0.39 10; 20 6.3 10.0 0.50 x5r 0402 0.47 10; 20 6.3 10.0 0.50 x5r 0402 0.56 10; 20 6.3 10.0 0.50 x5r 0402 0.68 10; 20 6.3 10.0 0.50 x5r 0402 0.82 10; 20 6.3 10.0 0.50 x5r 0402 1.00 10; 20 6.3 10.0 0.50 x7r 0402 0.056 10; 20 10 5.0 0.50 x7r 0402 0.068 10; 20 10 5.0 0.50 x7r 0402 0.082 10; 20 10 5.0 0.50 x5r 0402 0.10 10; 20 10 5.0 0.50 x7r 0402 0.10 10; 20 10 5.0 0.50 x5r 0402 0.12 10; 20 10 7.0 0.50 x5r 0402 0.15 10; 20 10 7.0 0.50 x5r 0402 0.18 10; 20 10 7.0 0.50 x5r 0402 0.22 10; 20 10 7.0 0.50 x5r 0402 0.056 10; 20 16 5.0 0.50 x7r 0402 0.056 10; 20 16 5.0 0.50 x5r 0402 0.068 10; 20 16 5.0 0.50 x7r 0402 0.068 10; 20 16 5.0 0.50 x5r 0402 0.082 10; 20 16 5.0 0.50 x7r 0402 0.082 10; 20 16 5.0 0.50 x5r 0402 0.10 10; 20 16 5.0 0.50 x7r 0402 0.10 10; 20 16 5.0 0.50 table 7 for size 0402 (1005 metric)
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 11 17 x5r / x7r 6.3 v to 25 v product specification tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 0603 1.00 10; 20 6.3 7.0 0.80 x5r 0603 1.50 10; 20 6.3 10.0 0.80 x5r 0603 2.20 10; 20 6.3 10.0 0.80 x5r 0603 3.30 10; 20 6.3 10.0 0.80 x5r 0603 4.70 10; 20 6.3 10.0 0.80 x7r 0603 0.27 10; 20 10 5.0 0.80 x7r 0603 0.33 10; 20 10 5.0 0.80 x7r 0603 0.39 10; 20 10 5.0 0.80 x7r 0603 0.47 10; 20 10 5.0 0.80 x5r 0603 0.56 10; 20 10 7.0 0.80 x5r 0603 0.68 10; 20 10 7.0 0.80 x5r 0603 0.82 10; 20 10 7.0 0.80 x5r 0603 1.00 10; 20 10 7.0 0.80 x5r 0603 1.50 10; 20 10 7.0 0.80 x5r 0603 2.20 10; 20 10 10.0 0.80 x7r 0603 0.12 10; 20 16 5.0 0.80 x7r 0603 0.15 10; 20 16 5.0 0.80 x7r 0603 0.18 10; 20 16 5.0 0.80 x7r 0603 0.22 10; 20 16 5.0 0.80 x7r 0603 0.27 10; 20 16 5.0 0.80 x7r 0603 0.33 10; 20 16 5.0 0.80 x7r 0603 0.39 10; 20 16 5.0 0.80 x7r 0603 0.47 10; 20 16 5.0 0.80 x5r 0603 0.33 10; 20 25 5.0 0.80 x5r 0603 0.39 10; 20 25 5.0 0.80 x5r 0603 0.47 10; 20 25 5.0 0.80 table 8 for size 0603 (1608 metric)
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 12 17 x5r / x7r 6.3 v to 25 v product specification tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 0805 2.20 10; 20 6.3 7.0 1.25 x7r 0805 2.20 10; 20 6.3 7.0 1.25 x5r 0805 3.30 10; 20 6.3 7.0 1.25 x5r 0805 4.70 10; 20 6.3 7.0 1.25 x5r 0805 6.80 10; 20 6.3 10.0 1.25 x5r 0805 10.00 10; 20 6.3 10.0 1.25 x7r 0805 1.00 10; 20 10 5.0 1.25 x7r 0805 1.50 10; 20 10 7.0 1.25 x5r 0805 2.20 10; 20 10 7.0 1.25 x7r 0805 2.20 10; 20 10 7.0 1.25 x5r 0805 3.30 10; 20 10 7.0 1.25 x5r 0805 4.70 10; 20 10 7.0 1.25 x5r 0805 6.80 10; 20 10 10.0 1.25 x5r 0805 10.00 10; 20 10 10.0 1.25 x7r 0805 0.56 10; 20 16 5.0 1.25 x7r 0805 0.68 10; 20 16 5.0 1.25 x7r 0805 0.82 10; 20 16 5.0 1.25 x7r 0805 1.00 10; 20 16 5.0 1.25 table 10 for size 1206 (3216 metric) table 9 for size 0805 (2012 metric) tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 1206 10.00 10; 20 6.3 7.5 1.60 x5r 1206 22.00 10; 20 6.3 10.0 1.60 x5r 1206 4.70 10; 20 10 5.0 1.60 x7r 1206 4.70 10; 20 10 5.0 1.60 x5r 1206 6.80 10; 20 10 7.5 1.60 x5r 1206 10.00 10; 20 10 7.5 1.60 x7r 1206 2.20 10; 20 16 5.0 1.15 x5r 1206 4.70 10; 20 16 5.0 1.60 x7r 1206 1.00 10; 20 25 7.5 1.60
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 13 17 x5r / x7r 6.3 v to 25 v product specification tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 1210 22.00 20 6.3 2.5 2.50 x5r 1210 47.00 20 6.3 10.0 2.50 x5r 1210 10.00 10; 20 10 3.5 1.90 x5r 1210 22.00 20 10 7.0 2.50 x5r 1210 3.30 10; 20 16 3.5 1.90 x5r 1210 4.70 10; 20 16 3.5 1.90 x7r 1210 4.70 10; 20 16 3.5 1.90 x5r 1210 6.80 10; 20 16 3.5 2.50 x5r 1210 10.00 10; 20 16 3.5 2.50 x5r 1210 3.30 10; 20 25 3.5 1.90 x5r 1210 4.70 10; 20 25 3.5 1.90 x5r 1210 6.80 10; 20 25 2.5 2.50 x5r 1210 10.00 10; 20 25 2.5 2.50 tc size capacitance value (f) capacitance tolerance (%) dc rated voltage (v) dissipation factor- d.f. (%) thickness (mm) x5r 1812 22.00 10; 20 16 3.5 2.50 table 12 for size 1812 (4532 metric) table 11 for size 1210 (3225 metric)
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 14 17 x5r / x7r 6.3 v to 25 v product specification soldering recommend a tion siz e soldering method 040 2 0603 0805 1206 121 0 reflow 0.1 f 1.0 f 2.2 f 4.7 f reflow onl y reflow/wave < 0.1 f < 1.0 f < 2.2 f < 4.7 f --- table 13 test test method procedure requirements mounting iec 60384-22 4.3 the capacitors may be mounted on printed-circuit boards or ceramic substrates no visible damage visual inspection and dimension chec k 4.4 any applicable method using 10 magnification in accordance with specification capacitance 4.5.1 precondition: 150 +0/?10 c for 1 hour, then keep for 48 1 hours at room temperature f = 1 khz for c 10 f: measuring voltage 1 v rms at 20 c f = 120 hz for c >10 f: measuring voltage 0.5 v rms at 20 c within specified tolerance dissipation factor (d.f.) 4.5.2 f = 1 khz for c 10 f: measuring voltage 1 v rms at 20 c f = 120 hz for c >10 f: measuring voltage 0.5 v rms at 20 c in accordance with specification insulation resistance 4.5.3 at u r (dc) for 1 minute in accordance with specification voltage proo f 4.5.4.2 2.5 u r for 1 minute no breakdown or flashover temperature characteristic 4.6 between minimum and maximum temperature in accordance with specification adhesion 4.15 a force applied for 10 second s to the line joining the terminations and in a plan e parallel to the substrate for size 0603: a force of 5 n applied for size 0402: a force of 2.5 n applied no visible damage mounting in accordance with iec 60384-22 paragraph 4.3 no visible damage bond strength of plating on end face 4.8 conditions: bending 1 mm at a rate of 1 mm/s, radius jig 340 mm x5r/x7r: l c/cl: 10% y5v: l c/cl: 20% table 14 test condition, procedure and requirements tests and requirements
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 15 17 x5r / x7r 6.3 v to 25 v product specification test test method procedure requirements resistance to soldering heat 4.9 precondition: 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature preheating: for size 1206: 120 to 150 c for 1 minute preheating: for size >1206: 100 to 120 c for 1 minute and 170 to 200 c for 1 minute solder bath temperature: 260 5 c dipping time: 10 0.5 seconds recovery time: 24 2 hours. the termination shall be well tinned x5r/x7r: l c/cl: 10% y5v: l c/cl: 20% d.f.: within initial specified value r ins : within initial specified value solderabilit y 4.10 unmounted chips completely imme rsed in a solder bath at 235 5 c dipping time: size 1206 for 2 0.5 seconds; size > 1206 for 4 0.5 seconds the termination shall be well tinned. preconditioning; 150 +0/?10 c for 1 hour, then keep for 24 1 hours at room temperature 5 cycles with following detail: 30 minutes at lower category temperature; 30 minutes at upper category temperature rapid change o f temperature iec 60384-22 4.11 recovery time 24 2 hours. no visual damage x5r/x7r: 15% y5v: 20% d.f.: within initial specified value r ins : within initial specified value damp heat steady state 4.13 initial measurements; after 150 +0/-10 c for 1 hour, then keep for 24 1 hours at room temperature duration and conditions: 500 12 hours at 40 2 c; 90 to 95% rh final measurement: perform a heat treatment at 150 +0/? 10 c for 1 hour, final measurements shall be carried out 24 1 hours after recovery at room temperature without load. x5r/x7r: l c/cl: 20% y5v: l c/cl: 30% d.f.: 2 initial value max. r ins : 1,000 m ? or r ins c r 50 seconds, whichever is less endurance 4.14 preconditioning; initial measurements; after 150 +0/-10 c for 1 hour, then keep for 24 1 hours at room temperature duration and conditions: 1,000 12 hours at upper category temperature with 1.5 u r voltage applied final measurement: perform a heat treatment at 150 +0/? 10 c for 1 hour, final measurements shall be carried out 24 1 hours after recovery at room temperature without load. x5r/x7r: l c/cl: 20% y5v: l c/cl: 30% d.f.: 2 initial value max. r ins : 1,000 m ? or r ins c r 50 seconds, whichever is less table 14 test condition, procedure and requirements (continued)
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 16 17 x5r / x7r 6.3 v to 25 v product specification test test method procedure requirements resistance to leaching iec 60384-10 4.10 solder bath temperature: 260 5 c dipping time 30 0.5 seconds using visual enlargement of 10, dissolution of the termination shall not exceed 10% damp heat, with u r load 4.14 initial measurements; after 150 +0/-10 c for 1 hour, then keep for 24 1 hours at room temperature duration and conditions: 500 12 hours at 40 2 c; 90 to 95% rh; u r applied final measurement: perform a heat treatment at 150 +0/? 10 c for 1 hour, final measurements shall be carried out 24 1 hours after recovery at room temperature without load. x5r/x7r: l c/cl: 20% y5v: l c/cl: 30% d.f.: 2 initial value max. r ins : 500 m ? or r ins c r 25 seconds, whichever is less table 14 test condition, procedure and requirements (continued)
www.yageo.com june 1, 2006 v.11 high-capacitance surface-mount ceramic multilayer capacitors 17 17 x5r / x7r 6.3 v to 25 v product specification revision history revision date change notification description version 11 june 1, 2006 - - x5r 0603 4.7 f tolerance extension version 10 feb 18, 2005 - - capacitance range extended version 9 nov 17, 2004 - - extended capacitance 0.68 f and 2.2 f of x5r 0603 10 v version 8 sep 29, 2004 - - revised 12nc ordering code of table 7-9 version 7 sep 20, 2004 - - rated voltage 6.3 v added to 0402/1210 and 25 v added to 1206 - extend capacitance range: 4.7f of 0603, 22f of 1206, and 22f of 1210 version 6 aug 13, 2004 - - 0603 10 v 0.47 f extended material with x5r version 5 jul 06, 2004 - - revise the dimensions of 0603 and 0805 version 4 may 10, 2004 - - extended capacitance 4.7 f and 10 f of x5r 0805 10 v - revised 12nc ordering code and phycomp clear text code of table 2 & 3 version 3 mar 02, 2004 - - test and requirement revised. version 2 feb 25, 2004 - - test and requirement revised. version 1 sep 16, 2003 - - updated company logos version 0 aug 16, 2002 - -


▲Up To Search▲   

 
Price & Availability of 06032B105K5B30D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X