Part Number Hot Search : 
XXXFX GRM0335 2SC4177 CONTROL MS3452 60BL2A LTC3403 BAS16HT1
Product Description
Full Text Search
 

To Download 010-89-7800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/29/2010 please check www.molex.com for latest part information part number: 0010897800 status: active description: 2.54mm (.100") pitch c-grid? breakaway header, dual row, vertical, high temperature, 80 circuits, 0.76m (30") gold (au) selective plating, tin (sn) pc tail plating, 2.72mm (.107") pc tail documents: 3d model product specification ps-70280 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 70280 application board-to-board, wire-to-board product name c-grid? physical breakaway yes circuits (loaded) 80 circuits (maximum) 80 color - resin black durability (mating cycles max) 50 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part none material - metal copper alloy material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.110 in pc tail length (mm) 2.79 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type bag pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 32 plating min: mating (m) 0.8 plating min: termination (in) 80 plating min: termination (m) 2 polarized to mating part no polarized to pcb no shrouded no stackable yes temperature range - operating -40c to +105c series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70280 series
termination interface: style through hole electrical current - maximum per contact 3a voltage - maximum 250v solder process data lead-free process capability smc & wave capable (th only) process temperature max. c 260 material info old part number 70280-0120 reference - drawing numbers product specification ps-70280 sales drawing sda-70280-0001-4000 this document was generated on 03/29/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 010-89-7800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X