Part Number Hot Search : 
V103AYLF 78L07 34605 ADP3625 TP3D156 TBB512 74HCU04 A393E
Product Description
Full Text Search
 

To Download TQ2SL-3V-Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  140 tq-smd relays low-profile surface-mount relay testing mm inch 5.6 .220 9 .354 14 .551 features ? low-pro?le: 6 mm .236 inch in height comforming to eia standards (tape height: max. 6.5 mm .256 inch ) ? tape and reel package is available as standard packing style ? surge withstand between contacts and coil: 2,500 v ? breakdown voltage between contacts and coil: 1,500 v ? high capacity: 2 a ? high sensitivity: 2 form c; 140 mw power consumption (single side stable type) specifications contact note: g 1this value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the ac- tual load. remarks * speci?cations will vary with foreign standards certi?cation ratings. * 1 measurement at same location as "initial breakdown voltage" section. * 2 by resistive method, nominal voltage applied to the coil; contact carrying current: 2 a. * 3 nominal voltage applied to the coil, excluding contact bounce time. * 4 nominal voltage applied to the coil, excluding contact bounce time without diode. * 5 half-wave pulse of sine wave: 6 ms; detection time: 10 m s * 6 half-wave pulse of sine wave: 6 ms * 7 detection time: 10 m s * 8 refer to 4. conditions for operation, transport and storage mentioned in cautions for use (page 178). characteristics arrangement 2 form c initial contact resistance, max. (by voltage drop 6 v dc 1 a) 75 m w contact material gold-clad silver alloy rating nominal switching capacity (resistive load) 2 a 30 v dc, 0.5 a 125 v ac max. switching power (resistive load) 60 w, 62.5 va max. switching voltage 220 v dc, 125 v ac max. switching current 2 a min. switching capacity g 1 10 m a 10 mv dc nominal operating power single side stable 140 mw (1.5 to 12 v dc) 200 mw (24 v dc) 300 mw (48 v dc) 1 coil latching 70 mw (1.5 to 12 v dc) 100 mw (24 v dc) 2 coil latching 140 mw (1.5 to 12 v dc) 200 mw (24 v dc) expected life (min. operations) mechanical (at 180 cpm) 10 8 electrical (at 20 cpm) 2 a 30 v dc resistive 10 5 1 a 30 v dc resistive 2 10 5 0.5 a 125 v ac resistive 10 5 initial insulation resistance* 1 min. 1,000 m w (at 500 v dc) initial breakdown voltage between open contacts 1,000 vrms for 1 min. (detection current: 10 ma) between contact sets 1,500 vrms for 1 min. (detection current: 10 ma) between contact and coil 1,500 vrms for 1 min. (detection current: 10 ma) initial surge voltage between open contacts (10 160 m s) 1,500 v (fcc part 68) between contacts and coil (2 10 m s) 2,500 v (bellcore) temperature rise* 2 (at 20 c) max. 50 c operate time [set time]* 3 (at 20 c) max. 4 ms (approx. 2 ms) [max. 4 ms (approx. 2 ms)] release time [reset time]* 4 (at 20 c) max. 4 ms (approx. 1 ms) [max. 4 ms (approx. 2 ms)] shock resistance functional* 5 min. 750 m/s 2 {75 g} destructive* 6 min. 1,000 m/s 2 {100 g} vibration resistance functional* 7 200 m/s 2 {20g}, 10 to 55 hz at double amplitude of 3.3 mm destructive 294 m/s 2 {30g}, 10 to 55 hz at double amplitude of 5 mm conditions for oper- ation, transport and storage* 8 (not freez- ing and condensing at low temperature) ambient temperature C40 c to +85 c* 3 C40 f to +185 f humidity 5 to 85% r.h. unit weight approx. 2 g .071 oz
tq-smd 141 ordering information 2 sa l 3v z ex. tq contact arrangement surface-mount availability operating function coil voltage (dc) packing style sa: standard surface-mount sa: terminal type sl : high connection reliability sa: surface-mount terminal type ss: space saving surface- sa: mount terminal type 2: 2 form c nil: single side stable l: 1 coil latching l2: 2 coil latching 1.5, 3, 4.5, 5, 6, 9, 12, 24, 48* v nil: tube packing z: tape and reel packing (pick- ed from the 6/7/8/9/10-pin side) *48 v coil type: single side stable only notes: 1. tape and reel (picked from 1/2/3/4/5-pin side) is also available by request. part no. suffix ?x?is needed when order ing. (ex.) tq2sa-3v-x 2. tape and reel packing symbol ?z?or ?x?are not marked on the relay. surface-mount terminal variation variation terminal style ambient environment normal environments (indoor) drastic temperature ?uctuations (outdoor) sa type (standard surface-mount terminal type) recommended sl type (highly connection reliability surface-mount terminal type) recommended recommended ss type (space saving surface-mount terminal type) recommended recommended 7.62 .300 11.5 0.5 .453 .020 4.9 .193 0.25 .010 7.62 .300 11.5 0.5 .453 .020 4.9 .193 0.25 .010 7.62 .300 9.3 0.5 .020 4.9 .193 0.25 .010 types 1. single side stable 2. 1 coil latching part no. nominal voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) nominal operating current, ma ( 10%) coil resistance, w ( 10%) nominal operating power, mw max. allowable voltage, v dc tq2s m -1.5 v 1.5 1.13 0.15 93.8 16 140 2.2 tq2s m -3 v 3 2.25 0.3 46.7 64.3 140 4.5 tq2s m -4.5 v 4.5 3.38 0.45 31 145 140 6.7 tq2s m -5 v 5 3.75 0.5 28.1 178 140 7.5 tq2s m -6 v 6 4.5 0.6 23.3 257 140 9 tq2s m -9 v 9 6.75 0.9 15.5 579 140 13.5 tq2s m -12 v 12 9 1.2 11.7 1,028 140 18 tq2s m -24 v 24 18 2.4 8.3 2,880 200 36 tq2s m -48 v 48 36 4.8 6.3 7,680 300 57.6 part no. nominal voltage, v dc set voltage, v dc (max.) reset voltage, v dc (max.) nominal operating current, ma ( 10%) coil resistance, w ( 10%) nominal operating power, mw max. allowable voltage, v dc tq2s m -l-1.5 v 1.5 1.13 1.13 46.9 32 70 2.2 tq2s m -l-3 v 3 2.25 2.25 23.3 128.6 70 4.5 tq2s m -l-4.5 v 4.5 3.38 3.38 15.6 289.3 70 6.7 tq2s m -l-5 v 5 3.75 3.75 14 357 70 7.5 tq2s m -l-6 v 6 4.5 4.5 11.7 514 70 9 tq2s m -l-9 v 9 6.75 6.75 7.8 1,157 70 13.5 tq2s m -l-12 v 12 9 9 5.8 2,057 70 18 tq2s m -l-24 v 24 18 18 4.2 5,760 100 36
tq-smd 142 3. 2 coil latching m : for each surface-mounted terminal variation, input the following letter. sa type: a , sl type: l , ss type: s notes: 1. speci?ed value of the pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse. 2. standard packing: tube: 50 pcs.; case; 1,000 pcs.; tape and reel: 500 pcs./reel 3. in case of 5 v transistor drive circuit, it is recommended to use 4.5 v type relay. part no. nominal voltage, v dc set voltage, v dc (max.) reset voltage, v dc (max.) nominal operating current, ma ( 10%) coil resistance, w ( 10%) nominal operating power, mw max. allowable voltage, v dc tq2s m -l2-1.5 v 1.5 1.13 1.13 93.8 16 140 2.2 tq2s m -l2-3 v 3 2.25 2.25 46.7 64.3 140 4.5 tq2s m -l2-4.5 v 4.5 3.38 3.38 31 145 140 6.7 tq2s m -l2-5 v 5 3.75 3.75 28.1 178 140 7.5 tq2s m -l2-6 v 6 4.5 4.5 23.3 257 140 9 tq2s m -l2-9 v 9 6.75 6.75 15.5 579 140 13.5 tq2s m -l2-12 v 12 9 9 11.7 1,028 140 18 tq2s m -l2-24 v 24 18 18 8.3 2,880 200 36 dimensions sa type sl type ss type mm inch general tolerance: 0.3 .012 7.62 .300 11.5 0.5 .453 .020 4.9 .193 9 .354 0.25 .010 0.2 .008 5.6 .220 0.5 .020 2.54 .100 14 .551 7.62 .300 11.5 0.5 .453 .020 4.9 .193 9 .354 0.25 .010 max. 7.5 .295 0.5 .020 2.54 .100 14 .551 7.62 .300 9.3 0.5 .020 4.9 .193 9 .354 0.25 .010 max. 7.5 .295 0.5 .020 2.54 .100 14 .551 recommendable mounting pad (top view) sa type sl type ss type tolerance: 0.1 .004 2 .079 0.3 .012 2.94 .116 1 .039 2.54 .100 14 .551 9.56 .376 for glue-pad 2.94 .116 1 .039 2.54 .100 9.56 .376 1.84 .072 1 .039 2.54 .100 8.46 .333 schematic (top view) ?single side stable (deenergized condition) *orientation stripe located on top of relay. ?1-coil latching (reset condition) *orientation stripe located on top of relay. ?2-coil latching (reset condition) *orientation stripe located on top of relay. 10 direction indication* 9876 12345 + - - + 10 direction indication* 9876 12345 + +- - 10 direction indication* 9876 12345 reference data 1. maximum switching capacity 2. life curve 3. mechanical life (mounting by irs method) tested sample: tq2sa-12v, 10 pcs. 0.2 0.3 0.4 0.5 1.0 2.0 3.0 20 30 50 100 200 300 0 contact voltage, v switching current, a dc resistive load ac resistive load 1.0 2.0 100 50 30 20 10 0 switching current, a no. of operations, 10 4 125v ac resistive load 30v dc resistive load 0 10 100 10,000 1,000 irs max. max. min. min. 20 30 40 50 60 70 80 90 100 10 1 no. of operations, 10 4 ratio against the rated voltage, %v pick-up voltage drop-out voltage
tq-smd 143 4.-(1) electrical life (2 a 30 v dc resistive load) tested sample: tq2sa-12v, 6 pcs. operating frequency: 20 cpm change of pick-up and drop-out voltage (mounting by irs method) change of contact resistance (mounting by irs method) 4.-(2) electrical life (0.5 a 125 v ac resistive load) tested sample: tq2sa-12v, 6 pcs operating frequency: 20 cpm change of pick-up and drop-out voltage (mounting by irs method) max. min. min. 0 10 20 30 40 50 60 70 80 90 100 max. 10 irs 23456789 1 no. of operations, 10 4 ratio against the rated voltage, %v pick-up voltage drop-out voltage 10 irs 23456789 1 max. min. 0 10 20 30 40 50 60 70 80 90 100 no. of operations, 10 4 contact resistance, m 10 irs max. min. min. 0 10 20 30 40 50 60 70 80 90 100 23456789 max. 1 no. of operations, 10 4 ratio against the rated voltage, %v pick-up voltage drop-out voltage change of contact resistance (mounting by irs method) 5. coil temperature rise tested sample: tq2sa-12v, 6 pcs. point measured: inside the coil ambient temperature: 25 c 77 f 6. operate/release time tested sample: tq2sa-12v, 6 pcs. 10 irs 23456789 1 max. min. 0 10 20 30 40 50 60 70 80 90 100 no. of operations, 10 4 contact resistance, m 10 30 60 70 100 120 150 0 20 40 50 110 130 140 2a 0a 2a 0a dc 12v type dc 48v type coil applied voltage, %v temperature rise, c coil voltage 1 2 4 5 70 80 100 120 0 3 90 110 max. max. min. min. coil applied voltage, %v operate and release time, ms operate time release time 7. distribution of pick-up and drop out voltage tested sample: tq2sa-12v, 50 pcs. 8. distribution of set and reset voltage tested sample: tq2sa-l-12v, 30 pcs. 9. ambient temperature characteristics tested sample: tq2sa-12v, 5 pcs. 10 010 20 30 40 50 60 70 80 90 100 20 30 @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? @@ @@@ @@@ @@ ?? ??? ??? ?? ratio against the rated voltage, %v quantity pick-up voltage drop-out voltage 0 20 30 10 20 30 40 50 60 70 80 90 100 5 10 15 25 ratio against the rated voltage, %v quantity set voltage reset voltage e40 40 20 e20 e40 e20 0 20 40 60 80 x ambient temperature, c rate of change, % drop-out voltage pick-up voltage 10. distribution of contact resistance tested sample: tq2sa-5v, 30 pcs. (30 4 contacts) 11.-(1) high-frequency characteristics isolation characteristics 11.-(2) high-frequency characteristics insertion loss characteristics 0 10 20 30 40 50 20 30 40 50 987 234 10 1 6 5 e + (top view) quantity contact resistance, m terminal nos. 2-3, 8-9 terminal nos. 3-4, 7-8 50 10 100 1,000 100 frequency, mhz isolation, db 0.6 10 100 1,000 0.2 0.4 1.0 0.8 frequency, mhz insertion loass, db
tq-smd 144 12.-(1) malfunctional shock (single side stable) tested sample: tq2sa-12v, 6 pcs 12.-(2) malfunctional shock (latching) tested sample: tq2sa-l2-12v, 6 pcs. y' y xz' zx' y y' z' z x x' 1000m/s 2 2 2 1000m/s 2 1000m/s 1000m/s 1000m/s 1000m/s deenergized condition energized condition 2 2 y' y xz' zx' y y' z' z x x' 1000m/s 2 2 2 1000m/s 2 1000m/s 1000m/s 1000m/s 1000m/s reset condition set condition 2 2 13.-(1) in?uence of adjacent mounting tested sample: tq2sa-12v, 5 pcs. 13.-(2) in?uence of adjacent mounting tested sample: tq2sa-12v, 6 pcs. 13.-(3) in?uence of adjacent mounting tested sample: tq2sa-12v, 6 pcs. ?0 0 10 ?0 0 10 on on on off off off 5 .197 3 .118 1 .039 2 .079 4 .157 06 .236 inter-relay distance , mm inch pick-up voltage drop-out voltage rate of change, % rate of change, % ?0 0 10 ?0 0 10 on on on off off off 0 5 .197 3 .118 1 .039 2 .079 4 .157 6 .236 inter-relay distance , mm inch pick-up voltage drop-out voltage rate of change, % rate of change, % ?0 0 10 ?0 0 10 on off 0 on on off off on off 5 .197 3 .118 1 .039 2 .079 4 .157 6 .236 inter-relay distance , mm inch pick-up voltage drop-out voltage rate of change, % rate of change, % 14. pulse dialing test tested sample: tq2sa-12v, 6 pcs. (35 ma 48 v dc wire spring relay load) circuit change of pick-up and drop-out voltage (mounting by irs method) change of contact resistance (mounting by irs method) 48 v dc 458 0.08 f 0.08 f 458 3 2 + tq-smd relay wire spring relay 50 irs max. min. min. 0 10 20 30 40 50 60 70 80 90 100 10 20 30 40 max. no. of operations, 10 4 ratio against the rated voltage, %v pick-up voltage drop-out voltage 50 irs 10 20 30 40 max. min. 0 10 20 30 40 50 60 70 80 90 100 no. of operations, 10 4 contact resistance, m for cautions for use, see page 178 and 179. 9/1/2000 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of TQ2SL-3V-Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X