Part Number Hot Search : 
8TRPB TM9137 1N4745AG DE1E3K 2PG002 8TRPB 8TRPB BTS41
Product Description
Full Text Search
 

To Download SDR1105-560KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdr1105 series - smd power inductors features available in e6 series low height of only 4.8 mm high irms of 4.0 amps rohs compliant* applications input/output of dc/dc converters power supplies for: ? portable communications equipment ? camcorders ? lcd tvs ? cd-players ? car radios electrical specifications general specifications test frequency ..............................1 khz test voltage........................................1 v reflow soldering ...230 ?, 50 sec. max. operating temperature .-40 ? to +125 ? (temperature rise included) storage temperature..-40 ? to +125 ? resistance to soldering heat ..................................260 ? for 5 sec. materials core ...............................ferrite dr core wire ...................enamelled copper wire base.................................................fr-4 terminal.....................................cu/ni/au rated current ....................ind. drop 10 % typ. at isat temperature rise ......................40 ? max. at rated irms packaging.....................800 pcs. per reel product dimensions dimensions: mm (inches) inductance 1khz rdc i rms i sat bourns part no. ( h) tol. % ( ? ? ) max. typ. (a) (a) sdr1105-100ml 10 20 0.045 4.00 8.0 sdr1105-120ml 12 20 0.048 3.80 8.0 sdr1105-150ml 15 20 0.052 3.50 8.0 sdr1105-180ml 18 20 0.070 3.30 7.0 sdr1105-220ml 22 20 0.080 3.00 6.5 sdr1105-270ml 27 20 0.090 2.80 5.0 sdr1105-330kl 33 10 0.100 2.60 5.0 sdr1105-390kl 39 10 0.140 2.40 4.5 sdr1105-470kl 47 10 0.170 2.20 4.0 SDR1105-560KL 56 10 0.200 2.00 3.5 sdr1105-680kl 68 10 0.210 1.80 3.5 sdr1105-820kl 82 10 0.300 1.60 3.0 sdr1105-101kl 100 10 0.320 1.50 2.8 sdr1105-151kl 150 10 0.500 1.20 2.3 sdr1105-201kl 200 10 0.650 1.00 1.8 2.0 0.5 (.079 .020) 50.0 (1.969) 26 (1.024) 30.4 (1.20) 330 (12.992) dia. 13.0 0.5 (.512 .020) dia. 13.0 0.5 (.512 .020) dia. 21 0.8 (.827 .039) packaging specifications embossed carrier embossed cavity 0.10 (.004) thickness max. 24 (.945) qty: 800 pcs. per reel 7.1 0.3 (.280 .012) 11.1 0.2 (.437 .007) 10.0 + 0.2 (.394 + .007) start 2.0 0.2 (.079 .008) 2.0 0.2 (.079 .008) 2.0 0.2 (.079 .008) 4.8 0.2 (.189 .008) electrical schematic *rohs directive 2002/95/ec jan 27 2003 including annex specifications are subject to change without notice. customers should verify actual device performance in their specific applications. rev. 05/05 *rohs compliant


▲Up To Search▲   

 
Price & Availability of SDR1105-560KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X