Part Number Hot Search : 
SK1926 C5024 2SK369 SHD12 32M16 MCZ3388 KRF7509 32M16
Product Description
Full Text Search
 

To Download SDM100K30L-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sdm100k30l surface mount schottky barrier rectifier features ? very low forward voltage drop ? guard ring construction for transient protection ? high conductance ? lead, halogen and antimony free, rohs compliant "green" device (notes 2, 4 and 5) mechanical data ? case: sod-323 ? case material: molded plastic. "green" molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020d ? terminal connections: cathode band ? terminals: finish ? matte tin annealed over alloy 42 leadframe. solderable per mil-std-202, method 208 ? marking information: see page 2 ? ordering information: see page 2 ? weight: 0.004 grams (approximate) t new produc top view maximum ratings @t a = 25c unless otherwise specified single phase, half wave, 60hz, re sistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r(rms) 21 v average rectified output current i o 1 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 9 a thermal characteristics characteristic symbol value unit power dissipation (note 1) p d 200 mw typical thermal resistance junction to ambient (note 1) r ja 426 c/w operating and storage temperature range t j, t stg -65 to +125 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test conditions reverse breakdown voltage (note 3) v (br)r 30 ? ? v i r = 500 a forward voltage drop v f ? ? ? ? 360 485 mv i f = 100ma i f = 1a leakage current (note 3) i r ? ? 100 a v r = 20v total capacitance c t ? 22 ? pf f = 1mhz, v r = 10vdc notes: 1. part mounted on fr-4 pc board with recommended pad la yout, which can be found on our website at http://www.diodes.co m/datasheets/ap02001.pdf. 2. diodes inc?s ?green? policy can be found on our website at http://www.diodes.com/product s/lead_free/index.php. 3. short duration pulse test used to minimize self-heating effect. 4. no purposefully added lead. halogen and antimony free. 5. product manufactured with green molding compound and does not contain halogens or sb 2 o 3 fire retardants. sdm100k30l document number: ds30579 rev. 8 - 2 1 of 3 www.diodes.com june 2008 ? diodes incorporated
sdm100k30l 0 0.5 1.0 0 50 100 i, ave r a g e f o r wa r d c u r r e n t (a) f(av) t , terminal temperature ( c) fig. 1 forward current derating curve t 25 75 125 sdm100k30l document number: ds30579 rev. 8 - 2 2 of 3 www.diodes.com june 2008 ? diodes incorporated new product 0 i , i n s t a n t a n e o u s f o r wa r d c u r r e n t (ma ) f v , instantaneous forward voltage (v) fig. 2 typical forward characteristics f 0 v , instantaneous reverse voltage (v) fig. 3 typical reverse characteristics r i , instantaneous reverse current (a) r 0 c , t o t al c a p a c i t an c e ( p f ) t v , reverse voltage (v) fig. 4 typical total capacitance vs reverse voltage r ordering information (note 6) part number case packaging SDM100K30L-7 sod-323 3000/tape & reel notes: 6. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf . marking information vf cathode band type code
sdm100k30l package outline dimensions d g h a b c e sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 new product d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.00 0.10 0 8 all dimensions in mm sdm100k30l document number: ds30579 rev. 8 - 2 3 of 3 www.diodes.com june 2008 ? diodes incorporated suggested pad layout z x c g y dimensions value (in mm) z 3.75 g 1.05 x 0.65 y 1.35 c 2.40 important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of SDM100K30L-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X