fe at u r e s a lu m in u m e l e c t r o ly t ic c a pac it o r s r x h s er ie s: l o w i m p ed an ce typ e s p e c if ic at io n s maximum temperature 105c, 3000 ~ 5000 hours assured high frequency impedance reduction, suitable for computer motherboard miniaturized with larger ripple current ? ? ? operating temp. capacitance toloerance leakage current (at 20c) 20% (120hz, 20c) dissipation factor tan d at 120hz, 20c low temperature characteristics (at 120hz) load life test test t ime capacitance change dissipation factor leakage current ripple current & frequency multipliers item performance -40c ~ +105c i = 0.01cv or 3 ( m a) whichever is greater (after 2 minutes) where, c= rated capacitance in . v= rated dc working voltage in v. m f shelf life test standards satisfies characteristic jis c 5101-4 3000 hours for j d = 5~8mm 5000 hours for j d 3 10mm within 25% of initial value less than 200% of specified value within specified value rated voltage tan d (max) 6.3 0.22 10 0.19 16 0.16 rated voltage impedance ratio z(-25c)/z(+20c) z(-40c)/z(+20c) impedance ratio shall not exceed the values given in the table. 6.3 2 3 10 16 test time: 1000 hours; other items are the same as those for load life test. the above specifications shall be satisfied when capacitors are restored to 20 c after voltage with rated rippled current applied for 2000 hours at 105c. when the capacitance exceeds 1000 m f, 0.02 shall be added every 1000 m f increase. 2 3 2 3 25 0.14 35 0.12 2 3 2 3 25 35 under 270 330 to 680 820 to 1800 2200 up above freq. (hz) cap. ( m f) 120 0.50 0.55 0.60 0.70 0.73 0.77 0.80 0.85 0.92 0.94 0.96 0.98 1.0 1.0 1.0 1.0 1k 10k 100k d im e n s io n s unit: mm j d p j d a b 0.6 0.5 1.0 1.5 0.5 0.8 7.5 5.0 5.0 3.5 2.5 2.0 5 6.3 8 10 12.5 16 c1cd07 2004.7.27 r f e i n t e r n a t i o n a l ? t e l : ( 9 4 9 ) 8 3 3 - 1 9 8 8 ? f a x : ( 9 4 9 ) 8 3 3 - 1 7 8 8 ? e - m a i l s a l e s @ r f e i n c . c o m r o h s
d im e n s io n s & p e r m is s ib le r ip p le c u r r e n t impedence: w at 100khz, 20c ripple current: ma/rms at 100hz, 105c a lu m in u m e l e c t r o ly t ic c a pac it o r s r x h s er ie s: l o w i m p ed an ce typ e v.dc item j d x l 6.3v (0j) m f impedance ( w , max/100k hz) ripple current (ma/rms, 105c) 10v (1a) m f 16v (1c) m f 5 x 11 6.3 x 11 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 30 12.5 x 35 16 x 20 16 x 25 v.dc item j d x l 25v (1e) m f 35v (1v) m f 5 x 11 6.3 x 11 8 x 11.5 8 x 15 8 x 20 10 x 12.5 10 x 16 10 x 20 10 x 25 12.5 x 20 12.5 x 25 12.5 x 30 16 x 20 16 x 25 220 470 820 1200 1500 1200 1800 2200 2700 3900 4700 5600 6800 6800 8200 20c -10c 120hz 100khz impedance ( w , max/100k hz) ripple current (ma/rms, 105c) 20c -10c 120hz 100khz impedance ( w , max/100k hz) ripple current (ma/rms, 105c) 20c -10c 120hz 100khz impedance ( w , max/100k hz) ripple current (ma/rms, 105c) 20c -10c 120hz 100khz impedance ( w , max/100k hz) ripple current (ma/rms, 105c) 20c -10c 120hz 100khz 0.24 0.11 0.062 0.048 0.033 0.045 0.032 0.02 0.018 0.017 0.015 0.013 0.012 0.015 0.013 0.8 0.35 0.19 0.15 0.11 0.14 0.1 0.06 0.054 0.043 0.038 0.033 0.031 0.038 0.035 165 275 540 726 846 744 990 1372 1575 1736 2030 2415 2499 2275 2541 330 500 900 1210 1410 1210 1650 1960 2250 2480 2900 3450 3570 3250 3630 0.24 0.11 0.062 0.048 0.033 0.045 0.032 0.02 0.018 0.017 0.015 0.013 0.012 0.015 0.013 0.8 0.35 0.19 0.15 0.11 0.14 0.1 0.06 0.054 0.043 0.038 0.033 0.031 0.038 0.035 150 275 540 726 846 744 990 1176 1575 1736 2030 2415 2499 2275 2541 300 500 900 1210 1410 1240 1650 1960 2250 2480 2900 3450 3570 3250 3630 0.24 0.11 0.062 0.048 0.033 0.045 0.032 0.02 0.018 0.017 0.015 0.013 0.012 0.015 0.013 0.8 0.35 0.19 0.15 0.11 0.14 0.1 0.06 0.054 0.043 0.038 0.033 0.031 0.038 0.035 150 250 495 666 846 682 990 1176 1350 1736 2030 2415 2499 2275 2541 300 500 900 1210 1410 1240 1650 1960 2250 2480 2900 3450 3570 3250 3630 0.24 0.11 0.062 0.048 0.033 0.045 0.032 0.02 0.018 0.017 0.015 0.013 0.015 0.013 0.8 0.35 0.19 0.15 0.11 0.14 0.1 0.06 0.054 0.043 0.038 0.033 0.038 0.035 165 255 495 666 776 682 908 1176 1350 1488 1740 2415 2275 2541 330 500 900 1210 1410 1240 1650 1960 2250 2480 2900 3450 3250 3630 0.24 0.8 165 330 r f e i n t e r n a t i o n a l ? t e l : ( 9 4 9 ) 5 8 3 - 0 8 0 8 ? f a x : ( 9 4 9 ) 5 8 3 - 9 8 9 8 ? e - m a i l s a l e s @ r f e i n c . c o m r f e i n t e r n a t i o n a l ? t e l : ( 9 4 9 ) 5 8 3 - 0 8 0 8 ? f a x : ( 9 4 9 ) 5 8 3 - 9 8 9 8 ? e - m a i l s a l e s @ r f e i n c . c o m 0.11 0.062 0.048 0.033 0.045 0.032 0.02 0.018 0.017 0.015 0.013 0.015 0.013 0.35 0.19 0.15 0.11 0.14 0.1 0.06 0.054 0.043 0.038 0.033 0.038 0.035 250 450 605 776 682 908 1078 1238 1488 1740 2070 1950 2541 500 900 1210 1410 1240 1650 1960 2250 2480 2900 3450 3250 3630 150 330 680 1000 1500 1000 1500 1800 2200 3300 3900 4700 5600 4700 6800 100 220 470 680 1000 680 1000 1500 1800 2200 2700 3300 3300 3900 4700 68 150 330 390 560 470 680 820 1000 1500 1800 2200 2200 3300 47 100 220 270 390 330 470 560 680 1000 1200 1500 1500 1200 c1cd07 2004.7.27
|