Part Number Hot Search : 
UPB585G 856183 PPC553 FM101 GP1U525Q TM128 GP1U525Q 2SB1317
Product Description
Full Text Search
 

To Download MB9BF104NBGL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fujitsu semiconductor fact sheet february, 2011 1/2 copyright?2010-2011 fujitsu semiconductor limited all rights reserved np706-00004-1v0-e 32-bit microcontrollers fm3 family mb9b100 series mb9b100 series are highly integrated 32-bit microcontrollers th at target for high-performance and cost-sensitive embedded control applicatio ns. mb9b100 series are based on the arm cortex-m3 processor and on- chip flash memory and sram, and peripheral functions, including motor control tim ers, adcs and communication interfaces. features ? arm cortex-m3 cpu processor versionr2p0 ? clock maximum clock frequency80mhz ? base timer 8 chennels ? multi-function timer 2 units 16-bit free-run timer 3channels/unit input capture 4channels/unit output compare 6channels/unit a/d activating compare 3channels/unit waveform generator 3channels/unit 16-bit ppg timer 3channels/unit ? qprc 2 channels ? dual timer 1 unit ? watch dog timer 2 channels ? multi-function serial interface 8 channels selectable from uart/csio/lin/i 2 c ? external bus interface ? dma controller 8 channels ? external interrup t controller unit - up to 16 external vectors - include one non-maskable interrupt(nmi) ? 12-bit a/d converter 16 channels ? low power consumption mode sleep mode timer mode stop mode ? i/o port mb9bf104n/f105n/f106n80(max.) mb9bf104r/f105r/f106r100(max.) ? on-chip debug ? low-voltage detection reset circuit ? clock supervisor counter ? power supply 2.75.5v *the range of the power supply voltage is different according to the operating frequency and the operating temperature. plastic ? lqfp100-pins (fpt-100p-m23) package example of reference product lineup part number parameter mb9bf 104n mb9bf 105n mb9bf 106n mb9bf 104r mb9bf 105r mb9bf 106r type flash memory product rom (byte) 256k 384k 512k 256k 384k 512k ram (byte) 32k 48k 64k 32k 48k 64k plastic?lqfp,100-pins (fpt-100p-m20*/m23) package plastic?bga,112-pins (bga-112p-m04) plastic?lqfp,120-pins (fpt-120p-m21) *: es product only arm is the registered trademark o f arm limited in the eu and ot her countries. cortex-m3 is trademark of arm limited in the eu and other count ries. ordering information part number package mb9bf104npmc mb9bf105npmc mb9bf106npmc plastic?lqfp(0.5mm pitch),100-pin (fpt-100p-m20*/m23) mb9bf104rpmc mb9bf105rpmc mb9bf106rpmc plastic?lqfp(0.5mm pitch),120-pin (fpt-120p-m21) MB9BF104NBGL mb9bf105nbgl mb9bf106nbgl plastic?pfbga(0.8mm pitch),112-pin (bga-112p-m04)
mb9b100 series np706-00004-1v0-e february, 2011 2/2 copyright?2010-2011 fujitsu semiconductor limited all rights reserved block diagram starter kit a starter kit for fm3 family manufactured by iar systems and keil will be on market. a high performance board (made by iar systems) or a simple bo ard (made by keil) can be selected by the usage. ? iar systems by using iar systems made starter kit, evaluation by high per formance board is possible. (expected release date: april 2011) ? keil by using keil made starter kit, evaluation by simple board is possible. (expected release date: april 2011) flash i/f cortex-m3 core @80mhz(max.) clock reset generator dual-timer watchdog timer (hardware) dmac 8ch on-chip flash 256/384/512 kbyte multi function timer x2 multi serial if 8ch (with fifo ch.4 ? 7) *hw flow control(ch.4) 16-bit freerun timer 3ch 16-bit output compare 6ch 16-bit input capture 4ch waveform generator 3ch a/d activation compare 3ch 16-bit ppg 3ch watch counter 12bit a/d converter gpio csv main osc pll regurator + lvd external interrupt controller 16-pin + nmi power on reset tpiu rom table etm code ram 16/24/32 kbyte swj-dp multi-layer ahb (max.80mhz) ahb-apb bridge : apb1 (max.40mhz) on-chip sram 16/24/32 kbyte ahb-apb bridge: apb0(max.40mhz) i d sys clk rst mb9bf104/105/106 ahb-apb bridge : apb2 ( max.40mhz) base timer 16-bit 8ch /32-bit 4ch mpu nvic watchdog timer (software) security sub. osc cr 4mhz a/d converter x3 12bit a/d converter 12bit a/d converter trstx,tck tdi,tms traced[3:0], traceclk x0 avcc, avss,avrh an[15:0] tioa[7:0] tiob[7:0] ic0[3:0] dtti[1:0]x rto0[5:0] frck[1:0] vcc,vss c tdo x1 x0a x1a sck[7:0] sin[7:0] sot[7:0] int[15:0] nmix p0[f:0], p1[f:0], ~ ~ px[x:0], initx mode-ctrl irq-monitor pin-function-ctrl md[1:0] cr 100khz regurator + lvd qprc 2ch ain[1:0] bin[1:0] zin[1:0] regurator ctrl crc accelerator ic1[3:0] ahb-ahb bridge adtg[8:0] rts4 cts4 external bus if mad[24:0] mdata[15:0] mcsx[7:0], moex,mwex, mnale, mncle mnwex, mnrex, mdqm[1:0] rto1[5:0]


▲Up To Search▲   

 
Price & Availability of MB9BF104NBGL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X