Part Number Hot Search : 
MPC56 25256XE 936818 5H123 2SA1960 KSC3502E SP2526 ADE5566
Product Description
Full Text Search
 

To Download KSA003-80G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. sip adapters inch/(mm) sip adapters molded and peel-a-way ? insulators hsa replaces rsa and sa, rna replaces na and hna. how to order ksa body type terminal typesee options on next page number of pinsksa: 2-100 pos. hsa: 20, 30 or 32 pos. rna: 3-20, 30 or 32 pos. terminal plating rohs compliant: g - gold m - matte tin t - tin/lead rohs compliant: ksa - peel-a-way rna - molded solid hsa* - molded snap 032 -79 m features: ? a vailable in three body types: peel-a-w ay ? removable t erminal carriers, molded solid strips, andmolded snap strips [breakable at .100/(2.54mm)]. ? board to board applications. ? peel-a-w ay ? removable t erminal carrier can be easily removed toallow inspection of solder joints on both sides of pc board, or left in place for added stability . ? custom designs available. specifications: terminals: brass - copper alloy(c36000) astm-b-16 plating: g - gold over nickelm - matte t in over nickel t - t in/lead over nickel gold per astm-b-488matte t in per astm545-97 t in/lead per mil-p-81728 nickel per qq-n-290 dimensional information .100 typ. (2.54) .100 (2.54) a a dimension = number of pins x .100/(2.54) .095 .100 typ. (2.54) a a dimension = [number of pins x .100/(2.54)] + .200/(5.08) .100 (2.54) molded body types peel-a-way ? body types table of models description: peel-a-w ay ? s trip s (ksa) material: polyimide filmindex: -269c to 400c (-452f to 752f) .005 typ. (.13) description: molded snap s trip s (hsa) mat?l: glass filled thermoplastic (pps) index: -60c to 220c (-76f to 428f) description: molded solid s trip s (rna) mat?l: high t emp. liquid cryst al polymer (lcp) index: -40c to 260c (-40f to 500f) .095 (2.41) .095 (2.41) *pss insulators (hsa) are not suit able for high temperature, lead-free (rohs) solder profiles.
available online: ? rohs qualification t est report ? cad drawings 5 energy w ay , w est w arwick, ri 02893 usa t el: 800.424.9850 | 401.823.5200 fax: 401.823.8723info@advanced.com | www .advanced.com cat alog 16a products shown covered by patents issued and/or pending. specifications subject to change without notice. sip adapters inch/(mm) sip adapters molded and peel-a-way ? insulators .125 (3.18) .125 (3.18) .100 (2.54) .335 (8.51) .018 dia. (.46) .018 dia. (.46) type -43 .072 dia. (1.83) .125 (3.18) .125 (3.18) .085 (2.16) .018 dia. (.46) typ. 2 .018 dia. (.46) .166 (4.22) .103 (2.62) .052 (1.32) .156 (3.96) .018 dia. (.46) .025 dia. (.64) .166 (4.22) .103 (2.62) .052 (1.32) .156 (3.96) .018 dia. (.46) standard terminals type -79 type -81 type -574 .072 dia. (1.83) .125 (3.18) .125 (3.18) .030 (.76) .018 dia. (.46) typ. 2 .125 (3.18) .125 (3.18) .100 (2.54) .210 (5.33) .018 dia. (.46) .018 dia. (.46) .072 dia. (1.83) .125 (3.18) .125 (3.18) .070 (1.78) .018 dia. (.46) typ. 2 .052 dia. (1.32) .018 dia. (.46) .144 (3.66) .031 (.79) type -08 type -09 type -68 additional standard and custom terminals available.see t erminals section or consult factor y. peel-a-w ay ? only peel-a-w ay ? only molded only molded only molded only molded only peel-a-w ay ? only peel-a-w ay ? only .125 (3.18) .125 (3.18) .100 (2.54) .585 (14.86) .018 dia. (.46) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .500 (12.70) .018 dia. (.46) .018 dia. (.46) .125 (3.18) .125 (3.18) .100 (2.54) .835 (21.21) .018 dia. (.46) .018 dia. (.46) type -185 type -42 type -71 molded only molded only molded only type -80 express deliveryt erminals shown with the new express symbol are available in most insulatorbody types with fast lead time. some quantity and plating restrictions apply . sear ch our distributor inventor y online at www .advanced.com, or check with customer ser vice for availability .


▲Up To Search▲   

 
Price & Availability of KSA003-80G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X