Part Number Hot Search : 
17101 F06T4 NTE3026 16X5R CM509K R3000 CO55C 30452
Product Description
Full Text Search
 

To Download IPT1-125-01-S-D-RA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do not scale from this print .250 6.35 ref 2 max sway (either direction) "a" "a" ipt1-50-d .200 5.08 ref ((no of pos x .1000 [2.540]) + .0200[.508]) .010[.25] .025 sq 0.64 ref 4.900 124.46 .060 1.52 .100 2.54 2 max sway (either direction) 01 02 see note 8 c l ipt1-1xx-xx-xx-d-ra-xxx no of pos per row -02 thru -50 row specification (see note 12) -d: double (use ipt1-xx-d) plating specification lead style -01 option (see note 12) -pol: position #1 removed (use ipt1-xx-d-p) -fl: friction lock [pos -05 thru -25] (use ipt1-xx-d-fl-x & t-1s64-xx-x) (for -fl-pol option combination use ipti-xx-d-fl-p & t-1s64-xx-x) -ra: right angle tail option -s: selective gold, 30 au / 50 ni min on contact, matte tin tail -h: heavy gold, 30 au / 50 ni min on contact, 3 au / 50 ni min on tail -l: light selective gold, 10 au / 50 ni min on contact, matte tin tail -sm: selective heavy gold, 30 au / 50 ni min on contact, matte tin tail .155 3.94 ref 90 .09 2.3 .100 2.54 .06 1.5 section "a"-"a" t-1s6-07-x-2 t-1s6-15-x-2 c1 c2 19 20 01 02 ipt1-110-01-x-d-ra-pol shown -pol: polarized option ipt1-xx-d-p -fl: friction lock option ipt1-110-01-x-d-ra-fl shown ipt1-xx-d-fl-x t-1s64-04-x t-1s64-03-x .180 .005 4.57 0.13 in-process 1 t-1s6-07-x-2 90 .380 .005 9.65 0.13 in-process 2 t-1s6-07-x-2 t-1s6-15-x-2 c1 packaging view tube: pt-1-24-02-75 plug: tp-07 c (see notes 10 & 11) sheet of unless otherwise specified, dimensions are in inches. tolerances are: decimals angles .xx: .01[.3] 2 .xxx: .005[.13] .xxxx: .0020[.051] material: .100 double row shrouded terminal assembly by: ipt1-1xx-xx-xx-d-ra-xxx dwg. no. description: proprietary note this document contains information confidential and proprietary to samtec, inc. and shall not be reproduced or transferred to other documents or disclosed to others or used for any purpose other than that which it was obtained without the expressed written consent of samtec, inc. do not scale drawing dean p 11-05-2002 1 1 sheet scale: 2:1 insulator: lcp, ul 94 vo, color: black contact: phos bronze, 510, 3/4 hard f:\dwg\misc\mktg\ipt1-1xx-xx-xx-d-ra-xxx-mkt.slddrw notes: 1. represents a critical dimension. 2. maximum allowable cut flash: .010[.25]. 3. minimum terminalt push out force: 2 lbs. 4. maximum variation between pin rows: .005[.13]. 5. "end walls" after cutting should be .015+/-.003[.38+/-.08]. 6. note deleted. 7. all dimensions to be about centerline within +/-.005[.13]. 8. presence of voids is optional and pattern to which they occur is variable. 9. -t plating option available for existing customers only. 10. note deleted. 11. samtec logo indicates the first row to be filled for -ra application. 12. standard bodies can be cut to position. for options -pol & -fl, bodies must be molded to position. 520 park east blvd, new albany, in 47150 phone: 812-944-6733 fax: 812-948-5047 e-mail info@samtec.com code 55322 revision r


▲Up To Search▲   

 
Price & Availability of IPT1-125-01-S-D-RA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X