Part Number Hot Search : 
EC9219 TR13F 2N3350 7IMN13 O2155A 2SA473 90010 MAX5020
Product Description
Full Text Search
 

To Download EUAA32-49152M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pb rohs euaa32-4.9152m eu a a 32 -4.9152m series rohs compliant (pb-free) resistance welded hc-49/u crystal frequency tolerance/stability 50ppm at 25c, 100ppm over 0c to +70c mode of operation at-cut fundamental nominal frequency 4.9152mhz load capacitance 32pf parallel resonant electrical specifications nominal frequency 4.9152mhz frequency tolerance/stability 50ppm at 25c, 100ppm over 0c to +70c aging at 25c 5ppm/year maximum load capacitance 32pf parallel resonant shunt capacitance (c0) 7pf maximum equivalent series resistance 80 ohms maximum mode of operation at-cut fundamental drive level 2mwatts maximum storage temperature range -40c to +125c insulation resistance 500 megaohms minimum at 100vdc environmental & mechanical specifications fine leak test mil-std-883, method 1014, condition a gross leak test mil-std-883, method 1014, condition c lead integrity mil-std-883, method 2004 lead termination sn 2m - 6m mechanical shock mil-std-202, method 213, condition c resistance to soldering heat mil-std-202, method 210 resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 temperature cycling mil-std-883, method 1010 vibration mil-std-883, method 2007, condition a mechanical dimensions (all dimensions in millimeters) line marking 1 ecliptek 2 e4.9152m e=configuration designator 3 xx xx=ecliptek manufacturing code www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 1 of 3 12.70 min 13.58 max 4.88 0.20 dia 0.457 0.051(x2) 4.70 max 11.18 max
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods euaa32-4.9152m high temperature solder bath (wave solder) ts max to tl (ramp-up rate) 3c/second maximum preheat - temperature minimum (ts min) 150c - temperature typical (ts typ) 175c - temperature maximum (ts max) 200c - time (ts min) 60 - 180 seconds ramp-up rate (tl to tp) 3c/second maximum time maintained above: - temperature (tl) 217c - time (tl) 60 - 150 seconds peak temperature (tp) 260c maximum for 10 seconds maximum target peak temperature (tp target) 250c +0/-5c time within 5c of actual peak (tp) 20 - 40 seconds ramp-down rate 6c/second maximum time 25c to peak temperature (t) 8 minutes maximum moisture sensitivity level level 1 www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 2 of 3
t min s t max s critical zone t to t l p ramp-up ramp-down t l t p t 25 c to peak t preheat s t l t p temperature (t) time (t) recommended solder reflow methods euaa32-4.9152m low temperature solder bath (wave solder) ts max to tl (ramp-up rate) 5c/second maximum preheat - temperature minimum (ts min) n/a - temperature typical (ts typ) 150c - temperature maximum (ts max) n/a - time (ts min) 30 - 60 seconds ramp-up rate (tl to tp) 5c/second maximum time maintained above: - temperature (tl) 150c - time (tl) 200 seconds maximum peak temperature (tp) 245c maximum target peak temperature (tp target) 245c maximum 1 time / 235c maximum 2 times time within 5c of actual peak (tp) 5 seconds maximum 1 time / 15 seconds maximum 2 times ramp-down rate 5c/second maximum time 25c to peak temperature (t) n/a moisture sensitivity level level 1 low temperature manual soldering 185c maximum for 10 seconds maximum, 2 times maximum. high temperature manual soldering 260c maximum for 5 seconds maximum, 2 times maximum. www.ecliptek.com | specification subject to change without notice | rev f 8/12/2010 | page 3 of 3


▲Up To Search▲   

 
Price & Availability of EUAA32-49152M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X