Part Number Hot Search : 
MGD633 39162 TLHP4405 1778667 TPCP8303 P6SMB 60M35X5 FDS66
Product Description
Full Text Search
 

To Download EMK13H2H-50000M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  manufacturer category series package voltage class rev . date ecliptek corp. oscillator emk13 plastic 3.3v os5m 11/07 emk13 series oscillator emk13 electrical specifications 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. ? utilizes a mems silicon resonator ? rohs compliant (pb-free) ? 5mm x 7mm surface mount package ? lvhcmos output ? 3.3v supply voltage ? stability to 50ppm ? 30,000 g shock resistance ? available on tape & reel ? tri-state and power down options 1.000mhz to 125mhz -40c to 85c -55c to 125c 3.3v dc 10% 20ma maximum 25ma maximum 50ppm or 100ppm maximum 90% of v dd minimum 10% of v dd maximum 2nseconds maximum 50 5(%) 15pf hcmos load maximum tri-state or power down enables output disables output: high impedance state for tri-state, logic low for power down 50a maximum 500psec maximum, 200psec typical 250psec maximum, 100psec typical 1ppm maximum 50msec maximum nominal frequency operating temperature range storage temperature range supply voltage (v dd ) input current frequency tolerance / stability output voltage logic high (v oh ) output voltage logic low (v ol ) rise time / fall time duty cycle load drive capability output control function output control input voltage standby current peak to peak jitter (tpk) aging start up time < 25.000mhz > 25.000mhz inclusive of all conditions: calibration tolerance at 25c , frequency stability over the operating temperature range, supply voltage change, output load change, 1st year aging at 25c, 260c reflow, shock, and vibration i oh = -8ma i ol = +8ma 20% to 80% of waveform at 50% of waveform v ih of 70% of v dd minimum or no connection v il of 30% of v dd maximum 1.000mhz to 12.287999mhz 12.288mhz to 125.000mhz first year at 25c h 0.85 l 7.0 w 5.0
manufacturer category series package voltage class rev . date ecliptek corp. oscillator emk13 plastic 3.3v os5m 11/07 mechanical dimensions all dimensions in millimeters environmental/mechanical specifications tape and reel dimensions all dimensions in millimeters suggested solder pad layout all dimensions in millimeters 800-ecliptek www.ecliptek.com for latest revision specifications subject to change without notice. emk13 h 2 h - 50.000m tr part numbering guide available options blank=bulk tr=tape and reel (standard) frequency frequency tolerance & stability/ operating temperature range g=100ppm maximum over -40c to +85c h=50ppm maximum over -40c to +85c duty cycle 2=50% 5% logic control h=tri-state (high impedance) j=power down (logic low) a b c d e f 16.0 0.3 7.5 0.2 6.75 0.2 4.0 0.2 2.0 0.2 f g h j k l 8.0 0.2 a0* 1.5 0.1 b0* 0.30 0.05 k0* tape m n o p q 1.5 min 50 min 20.2 min 13.0 0.2 40 min r s t u v qty/reel 2.5 min 10 min 22.4 max 180 max 16.4 +2/-0 1,000 reel *compliant to eia 481c tolerances= +0.1 2.00 (x4) 2.20 (x4) 1.81 2.88 plastic marking specifications pad 1: tri-state or power down pad 2: case ground pad 3: output pad 4: supply voltage line 1: xxxx ecliptek manufacturing lot code characteristic specification esd susceptibility mil-std-883, method 3015, class 2, hbm: 2000v flammability ul94-v0 mechanical shock mil-std-883, method 2002, condition g, 30,000g moisture resistance mil-std-883, method 1004 moisture sensitivity level j-std-020, msl 1 resistance to soldering heat mil-std-202, method 210, condition k resistance to solvents mil-std-202, method 215 solderability mil-std-883, method 2003 (four i/o pads on bottom of package only) temperature cycling mil-std-883, method 1010, condition b thermal shock mil-std-883, method 1011, condition b vibration mil-std-883, method 2007, condition a, 20g 5.00 0.15 7.00 0.15 0.85 0.15 0.08 max 0.20 0.10 2.60 0.15 1.40 0.10 (x4) 1.20 0.10 (x4) 2.1 2 1 3 4 1.70 r0.70 0.10 5.08 0.10 a note: solder connection to the bottom four i/o pads of the package only. note a: center paddle is no connect. c0.25 0.10


▲Up To Search▲   

 
Price & Availability of EMK13H2H-50000M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X