Part Number Hot Search : 
PFB6000 1351100 74AC158M RF236 1351100 08100 STTH4R02 HA1315
Product Description
Full Text Search
 

To Download DSM10G0609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsm10g no.2794-1/3 features ? facilitates automatic mounting and miniaturization in end products. ? peak reverse voltage : v rm =600v. ? average output current : i o =1.0a. specifications absolute maximum ratings at ta=25 c parameter symbol conditions ratings unit peak reverse voltage v rm 600 v average output current i o 50hz sine wave, mounted on an alumina board 1.0 a load resistor, mounted on a pcb 0.75 a surge forward current i fsm 50hz sine wave, non-repetitive, 1 cycle peak value 25 a junction temperature tj 150 c storage temperature tstg --55 to +150 c electrical characteristics at ta=25 c ratings parameter symbol conditions min typ max unit forward voltage v f i f =1a 1.1 v reverse current i r v r =v rm 10 m a q j-l junction-lead 23 c/w thermal resistance q j-a junction-ambient mounted on an alumina board 108 c/w mounted on a pcb 157 c/w tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan any and all sanyo semiconductor products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo semiconductor representative nearest you before usingany sanyo semiconductor products described or contained herein in such applications. sanyo semiconductor assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor products described or contained herein. sanyo semiconductors data sheet ordering number : en2794c dsm10g diffused junction silicon diode 1.0a power rectifier 92706rc ms im tc-00000191 / 73106 ms im / 41000 gi im / 62098 ha (kt) 5109 ta, ts http://semicon.sanyo.com/en/network
dsm10g no.2794-2/3 package dimensions unit : mm (typ) 1188 surge foward current, i fsm -- a number of cycles at 50hz, n i fsm -- n 0 20 40 60 80 100 120 140 160 0 0.2 0.4 0.6 1.0 0.8 1.4 1.2 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0 5 10 20 15 25 35 30 ambient temperature, ta -- c i o -- ta average output current, i o -- a 0.1 1.0 10 5 7 2 3 5 7 2 3 forward voltage, v f -- v i f -- v f forward current, i f -- a id01204 id01205 id01206 1.0 10 25 37 100 25 37 resistive, inductive load capacitive load mounted on an almina board mounted on a pcb ta=150 c 25 c 50hz 0.1 cathode mark 5.0 1.2 1.2 2.0 0.9 0.2 1.5 2.5
dsm10g no.2794-3/3 ps specifications of any and all sanyo semiconductor products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo semiconductor co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor products (including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo semiconductor co., ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed for volume production. sanyo semiconductor believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of september, 2006. specifications and information herein are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of DSM10G0609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X