Part Number Hot Search : 
TB0253A SF1530 2N5194 5AC20C1 S29BDS 50150 3JX5R11 ZX85B43G
Product Description
Full Text Search
 

To Download CES-150-01-S-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  slw?110?01?t?d ces?115?01?t?s ces?125?01?t?d slw?120?01?t?s www.samtec.com dual leaf folded contact chamfered closed entry closed bottom contact (0,25) .010 a tlw only (6,09) .240 mated height slw ?01 = (3,25) .128 ?a? dim. no. pins per row 1 slw row option plating option 01 no. pins per row lead style ces 1 low profile strips ? s = single row ? d = double row plat ing op tion ra option mates with: tlw, tsw, mtlw, mtsw, ew, zw slw, ces series row option ? d = double row ? s = single row (3,05) .120 (1,02) .040 ? ra = right angle version style ? 02 only single row only (2,54) .100 (0,51) .020 (5,08) .200 (0,64) .025 (2,54) .100 x no. of positions (2,54) .100 01 01 02 02 (0,71) .028 sq (3,05) .120 typ (5,59) .220 (2,54) .100 note: some lengths, styles and options are non-standard, non-returnable. mates with: tlw, tsw, mtlw, mtsw, ew, zw, dw ? s = 30" (0,76m) gold contact, matte tin tail ?g = 30" (0,76m) gold contact, gold ? ash on balance ?t = matte tin (2,54) .100 x no. of positions (4,95) .195 (2,54) .100 (2,54) .100 01 01 02 02 (2,54) .100 (4,57) .180 (0,64) .025 (0,41) .016 (2,54) .100 (2,92) .115 typ ? s = 30" (0,76m) gold contact, matte tin tail ?g = 20" (0,51m) gold contact, gold ? ash on balance ?t = matte tin 01 thru 50 01 thru 50 for complete speci? cations see www.samtec.com?ces insulator material: black g.f. polyester contact material: phosphor bronze plating : au or sn over 50" (1,27m) ni current rating: 1a operating temp range: -55c to +125c with gold -55c to +105c with tin contact resistance: 10 m max insertion depth: (2,62mm) .103" to (4,06mm) .160" insertion force: (single contact only) (2,22n) 8 oz avg. (0,64mm) .025" sq pin withdrawal force: (single contact only) (1,11n) 4 oz avg. (0,64mm) .025" sq pin rohs compliant: ye s lead-free solderable: wave only note: some lengths, styles and options are non-standard, non-returnable. f-209 ?02 = (5,66) .223 ?a? dim. for complete speci? cations see www.samtec.com?slw insulator material: black g.f. polyester contact material: phosphor bronze plating: au or sn over 50"(1,27m) ni current rating: 3a operating temp range: -55c to +125c with gold -55c to +105c with tin contact resistance: 10 m max insertion depth: (2,16mm) .085" to (2,92mm) .115" insertion force: (single contact only) (3,34n) 12oz avg. (0,64mm) .025" sq pin withdrawal force: (single contact only) (1,67n) 6 oz avg. (0,64mm) .025" sq pin rohs compliant: ye s lead-free solderable: wave only specifications file no. e111594 specifications


▲Up To Search▲   

 
Price & Availability of CES-150-01-S-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X