Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download BAS70LT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 july, 2004 ? rev. 4 1 publication order number: bas70lt1/d bas70lt1 schottky barrier diodes these schottky barrier diodes are designed for high speed switching applications, circuit protection, and voltage clamping. extremely low forward voltage reduces conduction loss. miniature surface mount package is excellent for hand held and portable applications where space is limited. features ? pb?free package is available ? extremely fast switching speed ? low forward voltage maximum ratings (t j = 150 c unless otherwise noted) rating symbol value unit reverse voltage v r 70 v forward power dissipation @ t a = 25 c derate above 25 c p f 225 1.8 mw mw/ c operating junction and storage temperature range t j, t stg ? 55 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. sot?23 case 318 style 8 http://onsemi.com be specific device code m = date code marking diagram 1 2 3 device package shipping 2 ordering information bas70lt1 sot?23 3000 / tape & reel BAS70LT1G sot?23 (pb?free) 3000 / tape & reel 2for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. be m 3 cathode 1 anode 70 volts schottky barrier diodes
bas70lt1 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit reverse breakdown voltage ? (i r = 10  a) v (br)r 70 ? v total capacitance ? (v r = 0 v, f = 1.0 mhz) c t ? 2.0 pf reverse leakage (v r = 50 v) (v r = 70 v) i r ? ? 0.1 10  adc forward voltage ? (i f = 1.0 madc) v f ? 410 mvdc forward voltage ? (i f = 10 madc) v f ? 750 mvdc forward voltage ? (i f = 15 madc) v f ? 1.0 vdc 100 0 0.1 v f , forward voltage (volts) 0.2 0.3 0.4 0.5 10 1.0 0.1 85 c 10 0 v r , reverse voltage (volts) 1.0 0.1 0.01 0.001 5.0 10 15 20 50 1.4 0 v r , reverse voltage (volts) 1.2 0.4 0.2 0 c t , capacitance (pf) 5.0 10 15 50 i f , forward current (ma) figure 1. typical forward voltage figure 2. reverse current versus reverse voltage figure 3. typical capacitance -40 c 25 c t a = 150 c 25 c i r , reverse current ( m a) 1.0 -55 c 125 c 150 c 100 25 20 0.6 0.8 1.0 0.6 0.7 125 c 85 c 30 35 40 45 25 30 35 40 45 0.8 0.9
bas70lt1 http://onsemi.com 3 package dimensions sot?23 (to?236) case 318?08 issue ah  mm inches  scale 10:1 0.8 0.031 0.9 0.035 0.95 0.037 0.95 0.037 2.0 0.079 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* d j k l a c b s h g v 3 1 2 dim a min max min max millimeters 0.1102 0.1197 2.80 3.04 inches b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. 318?03 and ?07 obsolete, new standard 318?08. style 8: pin 1. anode 2. no connection 3. cathode
bas70lt1 http://onsemi.com 4 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 bas70lt1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of BAS70LT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X