Part Number Hot Search : 
5502I B1101UC4 474M000 8F320 LBS16021 LT10241 NTE187 00926
Product Description
Full Text Search
 

To Download ADCS-1120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent cmos monochrome image sensors ADCS-1120 (cif) and adcs-2120 (vga) product brief description the ADCS-1120 and adcs-2120 cmos image sensors capture high quality images while consuming very low power. these parts integrate a highly sensitive active pixel photodiode array with timing control and onboard a/d conver- sion. available in either vga (640x480) or cif (352x288) resolution image arrays, the devices are ideally suited for low light environment. the adcs-2120 and ADCS-1120, when coupled with agilents hdcp family of image-processors, provide a complete imaging system to enable rapid end- product development. designed for low-cost consumer electronic applications, the adcs-2120 and ADCS-1120 sensors deliver unparalleled performance for mainstream imaging applications. features ? high quality, low cost cmos image sensors vga resolution (640h x 480v) C adcs-2120 cif resolution (352h x 288v) C ADCS-1120 ? high frame rates for digital video vga: 15 frames/second cif: 30 frames/second ? high sensitivity, low noise design C ideal for capturing high-quality images in a wide variety of lighting conditions ? integrated analog-to-digital converters vga (adcs-2120): 10 bit, programmable cif (ADCS-1120): 8 bit, fixed ? parallel and serial output ? synchronous serial or uart interface ? automated, dark response compensation ? still image capability typical applications ? biometrics ? surveillance ? machine vision ? bar code scanners all images on this product sheet were produced by agilent technologies sensors and processors.
www.semiconductor.agilent.com data subject to change. copyright ? 2001 agilent technologies, inc. october 24, 2001 5988-4649en typical electrical specifications part number adcs-2120 (vga) ADCS-1120 (cif) pixel size 7.4 x 7.4 m 7.4 x 7.4 m maximum clock rate 25 mhz (vga) 32 mhz (cif) effective sensor dynamic range 65 db (vga) 61 db (cif) effective noise floor 43 e- 43 e- dark signal [1] 270 e-/s 270 e-/s sensitivity [2,3] 1.6 v/(lux-s) 1.6 v/(lux-s) peak quantum efficiency [1,2,3] 38% 38% saturation voltage 1.22v 1.22v full well capacity 70,115 e- 70,115 e- conversion gain [2] 17 mv/e- 17 mv/e- programmable gain range 1 C 40 (8 bit resolution) 1 C 40 (8 bit resolution) fill factor 42% 42% exposure control 0.5 sec minimum, 0.5 sec minimum, 0.5 sec increments 0.5 sec increments supply voltage 3.3v, -5%/+10% 3.3v, -5%/+10% absolute max. power supply voltage 3.6v 3.6v absolute max. dc input voltage (any pin) 3.6v 3.6v power consumption (typical) 150 mw operating, 150 mw operating, 150 w standby 150 w standby power consumption (max) 200 mw operating, 200 mw operating, 3.3 mw standby 3.3 mw standby optical format 1/3 1/4 operating temperature -5 to +65 c -5 to +65 c storage temperature -40 to +125 c -40 to +125 c notes: 1. specified over complete pixel area 2. measured at unity gain 3. measured at 555 nm clock timing controller analog to digital converter programmable amplifier sync/irq 8/10 bit digital output image array vga 640 x 480 cif 352 x 288 i 2 c/uart


▲Up To Search▲   

 
Price & Availability of ADCS-1120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X