Part Number Hot Search : 
05K035AS 10A01 1N4976A SPX431N N4007 93C46 FBP10 MC68HC0
Product Description
Full Text Search
 

To Download ABLS-13560MHZ-10-R20-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||| abls applications: features: 11.5 x 4.7 x 4.2 m m pb rohs compliant standard specifications: ? suitable for rohs reflow ? available for tight stability & extended temperature range ? computers, modems, microprocessors ? automotive and industrial ? wireless applications options & part identification: (left blank if standard) 30332 espe r anza, ran c ho santa m a r g a r ita, calif o r n i a 92688 te l 949- 546- 8000 | f ax 949-546-8001 | ww w . abr acon.c o m revised: 08.20.10 visit www.abracon.com for terms & conditions of sale drive level dependency (dld) from 1w to 500w ( minimum 7 points tested) table 1: standard esr esr ( ) max 3.579 - 4.999 (fund.) 180 5.000 - 5.999 (fund.) 120 6.000 - 7.999 (fund.) 100 8.000 - 8.999 (fund.) 80 9.000 - 9.999 (fund.) 60 10.000 - 15.999 (fund.) 50 16.000 - 50.000 (fund.) 40 24.01 - 31.999 (3rd o/t) 100 32.000 - 75.00 (3rd o/t) 80 frequency (mhz) frequency t olerance at +25c frequency stability over the o p erating temp. (ref to +25c) p arameters 3.579545 mhz to 75 mhz 50 ppm max. (see options) frequency abracon p/n abls series operation mode operating t emperature storage t emperature - 55c to + 125c 0c to + 70c (see options) 50 ppm max. (see options) equivalent series resistance shunt capacitance c 0 load capacitance c l drive level aging at 25c (first y ear) insulation resistance spurious responses see t able 1 18pf (see options) 1 mw max., 100w typical 500 m min at 100vdc 15v 7pf max. 5ppm max. -3db max. h c / 49us ( at49) s md low pr o file cr y s tal at cut (fundamental or 3rd ot) or bt cut (see options) 3.579545mhz - 24.0mhz (fundamental: standard) 24.01mhz - 75.00mhz (3rd- overtone: standard) 24.01mhz - 50.00mhz (fund. at or bt: see options) ? a b ls - m h z - - r - - - - - f r equency i n m h z e . g . 3 . 579545m h z 14. 31818m h z 26. 000m h z p ackag i n g b l a n k : bul k t : t a p e & r e e l ( 1 k ) t 2 : t a pe & r eel (25 0 ) m o d e f: fu n d . a t fo r > 2 4 m h z fb : fu n d . b t fo r > 2 4 m h z e s r i f o t h e r t h a n s t d s p e c i f y a v a l ue i n ? l o a d c a p a c i t a n c e p l e a s e s p e c i f y c l ( 8 t o 33pf ) i n p f o r s f o r s e r i e s p l e a s e c ontac t a b r a c o n for other v a lues o p e r a t i ng t e m p . a : - 10 c ~ + 6 0 c b : - 20 c ~ + 70 c c : - 30 c ~ + 7 0 c n : - 30 c ~ + 8 5 c d : - 40 c ~ + 8 5 c j ( * * * ) : - 4 0 c t o + 1 05 c k ( ***) : - 4 0 c t o +125 c l ( * **) : - 5 5 c t o + 1 2 5 c f r e q . tol eran c e h5: 5 ppm 1 : 10 p p m 7 : 15 p p m 2 : 20 p p m 3 : 25 p p m 4 : 30 p p m f r e q . s t a b ili t y u : 1 0 p p m ( * ) g : 15 p p m ( * * ) x : 20 ppm w : 2 5 p p m y : 3 0 ppm h : 3 5 ppm q : 100 ppm ( *** * ) r : 150 ppm abracon is cer tified abracon is iso9001:2008 cer tified * -10 to +60 c only. ** option a, e, b, and 0 to +70 c only. *** frequency stability 50ppm, 100ppm, or 150ppm only. contact abracon for tighter frequency stability. **** for fundamental bt, frequency stability 100ppm max. at -10 c to +60 c only.
||||||||||||||| abls 11. 5 x 4 . 7 x 4 . 2 m m pb rohs compliant abracon is iso 9001 / qs 9000 cer tified outline drawing: tape & reel: 30332 e s p e ranza, ranc ho sant a marg arit a , califo r n i a 92688 tel 949-546-8000 | f ax 949-546-8001 | ww w . abrac on.c o m revised: 08.20.10 visit www.abracon.com for terms & conditions of sale dimensions: inches (mm) dimensions: mm h c / 49us ( at49) s md low pr o file cr y s tal reflow profile: need a test socket for the abls series? to view compatible precision test & burn-in sockets for these parts, click here. p/n: axs-1147-02-02 abracon is cer tified abracon is iso9001:2008 cer tified attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commer - cial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ABLS-13560MHZ-10-R20-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X