Part Number Hot Search : 
15B502 XC6202 XC6202 AM104 C3939 15B502 AM104 15B502
Product Description
Full Text Search
 

To Download 67687-3550 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/31/2010 please check www.molex.com for latest part information part number: 0676873550 status: active description: 2.54mm (.100") pitch sim card connector, surface mount, 6 circuit, 3.50mm (.138") housing height, lead free documents: 3d model product specification ps-67687-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family memory card sockets series 67687 button type n/a comments housing height: 3.50mm (.138") component type header/socket (host) product name sim type n/a physical card detection switch n/a circuits (loaded) 6 circuits (maximum) 6 color - resin black durability (mating cycles max) 10,000 ejector button side no ejector button present entry angle n/a keying to mating part none material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pcb locator no pcb mounting side normal pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm pitch - term. interface (in) 0.100 in pitch - term. interface (mm) 2.54 mm plating min: mating (in) 30 plating min: mating (m) 0.76 plating min: termination (in) 2 plating min: termination (m) 0.05 ports 1 temperature range - operating -40c to +85c termination interface: style surface mount electrical current - maximum per contact 0.5a shielded no voltage - maximum 50v dc material info reference - drawing numbers product specification ps-67687-001 sales drawing sd-67687-511 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67687 series mates with standard sim card
this document was generated on 03/31/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 67687-3550

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X