Part Number Hot Search : 
1H101 PTUP15A1 M3062 UFN521 C0603X 203D6 2A501 CZRB3062
Product Description
Full Text Search
 

To Download 51065-1300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  b-24 mx07 b 2.00 to 2.50mm (.079 to .098") pitch pcb and wire connectors www.molex.com/customer.html?seriesnumber=5106 5 2.00mm (.079") pitch wire-to-board crimp terminal 50212 features and benefts locking tang provides terminal retention to housing reference information packaging: reel or bag use with: 35507, 51065, 51089, 51090 and 87369 housings designed in: millimeters electrical voltage: 125v current: awg 24 26 28 30 2.0a 1.5a 1.0a 0.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. physical contact: phosphor bronze plating: tin wire range: 24 to 30 awg insulation range: 1.40mm dia. max. strip length: 1.3 to 1.8mm operating temperature: -40 to +105?c order no. terminal lead-free 50212-800 0 reel yes 50212-810 0 bag www.molex.com/customer.html?seriesnumber=5021 2 2.00mm (.079") pitch micro-latch ? wire-to-board housing 51065 features and benefts sizes 2 to 15 circuits housing lance provides extra terminal retention friction lock provides secure mating reference information packaging: bag ul file no.: e29179 csa file no.: lr19980 mates with: 53253 and 53254 use with: 50212 designed in: millimeters electrical voltage: 125v current: awg 24 26 28 30 2.0a 1.5a 1.0a 0.5a contact resistance: 20 milliohms max. dielectric withstanding voltage: 500v ac/1 min. insulation resistance: 1000 megohms min. physical housing: pbtp, ul 94v-0 operating temperature: -40 to +85?c circuits order no. 2 51065-020 0 3 51065-030 0 4 51065-040 0 5 51065-050 0 6 51065-060 0 circuits order no. 7 51065-070 0 8 51065-080 0 9 51065-090 0 10 51065-100 0 11 51065-110 0 circuits order no. 12 51065-120 0 13 51065-130 0 14 51065-140 0 15 51065-150 0


▲Up To Search▲   

 
Price & Availability of 51065-1300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X