Part Number Hot Search : 
305RMB DTC115 7D0N65P N03LS STD3NB30 3A2065 KIA78L05 DD502
Product Description
Full Text Search
 

To Download 2SC3461 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification www.jm nic.com silicon npn power transistors 2SC3461 description ? with to-3pn package ? high breakdown voltage and high reliability. ? fast switching speed ? wide aso(safe operating area) applications ? 800v/8a switching regulator applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1100 v v ceo collector-emitter voltage open base 800 v v ebo emitter-base voltage open collector 7 v i c collector current 8 a i cm collector current-peak 25 a i b base current 4 a p c collector power dissipation t c =25 ?? 140 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3pn) and symbol
product specification www.jmnic.com 2 silicon npn power transistors 2SC3461 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =5ma ;r be = ?t 800 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 1100 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =4a ;i b =0.8a 2.0 v v besat base-emitter saturation voltage i c =4a; i b =0.8a 1.5 v i cbo collector cut-off current v cb =800v; i e =0 10 | a i ebo emitter cut-off current v eb =5v; i c =0 10 | a h fe-1 dc current gain i c =0.6a ; v ce =5v 10 40 h fe-2 dc current gain i c =3a ; v ce =5v 8 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 155 pf f t transition frequency i c =0.6a ; v ce =10v 15 mhz switching times t on turn-on time 0.5 | s t stg storage time 3.0 | s t f fall time i c =6a;r l =66.7 |? i b1 =1.2a; i b2 =-2.4a v cc =400v 0.3 | s ? h fe-1 classifications k l m 10-20 15-30 20-40
product specification www.jmnic.com 3 silicon npn power transistors 2SC3461 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.1mm)
product specification www.jmnic.com 4 silicon npn power transistors 2SC3461 ?? inchange semiconductor


▲Up To Search▲   

 
Price & Availability of 2SC3461

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X