Part Number Hot Search : 
ZMM9V1 0000T F16C05 TN5126 18LF2 NTE5061A UF4001 2SD2385
Product Description
Full Text Search
 

To Download 2573 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   connectors (inlets/outlets) 2573 www.schurter.com/pg0 7 connectors iec appliance inlet c8, screw-on mounting, front side, solder or quick-connect terminal c8 70 c description - panel mount: screw-on mounting, from front side - appliance inlet, pin temperature 70 c, protection class ii approvals - vde license number: 40002274 - ul license number: e96454 - csa license number: 27324 references general product informatio n weblinks approval s , roh s , china-roh s , mating connector s , distributor-stock- chec k , accessorie s technical data ratings iec 2.5 a / 250 vac; 50 hz ratings ul/csa 2.5 a / 250 vac; 60 hz dielectric strength > 3 kvac between l-n > 1.5 kvac between l/n-pe (1 min/50 hz) allowable operation temp. -25 c to 70 c degree of protection from front side ip 20 acc. to iec 60529 protection class suitable for appliances with protection class 2 acc. to iec 61140 material: housing ul 94v-0 appliance inlet c8 acc. to iec/en 60320-1, ul 498, csa c22.2 no. 42 (for cold conditions) pin-temperature 70 c, 2.5 a, protection class 2 dimensions 34.3 mm 20.4 11.6 15 11.4 28 20.2 5.5 7.5 34.3 17 28 r <4 ? 3.2 +0.2 - 0 +0.2 - 0 lenght of the terminal please find at the order code configuration table
2 connectors (inlets/outlets) 2573 www.schurter.com/pg0 7 connectors config. code product configurato r 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | the characters are placeholders for the correspondingly keys of selections from the key tables. 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = type type configuration key protection class 2 b 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal l configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal n configuration key short solder terminal (l=4,8mm) 2 long solder terminal (l=8,5mm) 3 pcb-terminal (short) 5 pcb-terminal (long) 6 blade terminal (2,8x0,8mm) 7 blade terminal (4,8x0,8mm) 8 symbols similar as in table a 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = terminals terminal ground configuration key without terminal 0 symbols similar as in table a 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = color color configuration key jet black; ral9005 a silver grey; ral7001 b pure white; ral9010 d standard color: black 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = style style configuration key flange with through holes 2 flange with through holes (special type) 7 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = dimension x dimension "x" configuration key 00 the dimension "x" is dispalyed in ( 1 / 10 mm). this information is also valid for the order code 2573 | - | h | - | a | b | c | 0- | d | - | e | g | f | = orientation of terminals orientation of terminals configuration key horizontal a vertical b variants config. code description order number 2573-x-2200-a-200a 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0012 2573-x-2200-a-200b 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: short solder terminal (l=4,8mm), n: short solder terminal (l=4,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0013 2573-x-3300-a-200b 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: long solder terminal (l=8,5mm), n: long solder terminal (l=8,5mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0014 2573-x-5500-a-700a 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: pcb-terminal (short), n: pcb-terminal (short), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes (special type), mass x: 00 6160.0015 2573-x-7700-a-200a 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: blade terminal (2,8x0,8mm), n: blade terminal (2,8x0,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0016 2573-x-7700-a-200b 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: blade terminal (2,8x0,8mm), n: blade terminal (2,8x0,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0017 2573-x-8800-a-200b 2573, iec appliance inlet c8, 70c, schutzklasse 2, l: blade terminal (4,8x0,8mm), n: blade terminal (4,8x0,8mm), erde: without terminal, farbe jet black; ral9005, bauform: flange with through holes, mass x: 00 6160.0018 the listet variants should be available from stock other versions on request www.schurter.com/contac t
3 connectors (inlets/outlets) 2573 www.schurter.com/pg0 7 connectors packaging unit 100 pcs accessorie s description assorted cover s rear cover the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments.


▲Up To Search▲   

 
Price & Availability of 2573

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X