Part Number Hot Search : 
F6501 19N60E FAIRCHIL SA120CA SC441 TMP47C HVD191 BU2522DF
Product Description
Full Text Search
 

To Download 15-28-6247 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f-66 mx01 power connectors f fe a tures and specific a tions 4.20mm (.165") pitch mini-fit, bmi header 42440 vertical dual row features and bene?s positive housing locks to mate with mini-fit, j r . receptacles fully isolated terminals to protect contacts from damage mini-fit, bmi connectors have the capability of being selectively loaded with longer pins for grounding reference information product speci?ation: ps-5556-0002 packaging: tray and bag ul file no.: e29179 csa file no.: lr19980 tuv license no.: r75142 mates with: 42385, 42474 and 5557 dual row receptacles use with: standard mini-fit terminals designed in: millimeters electrical voltage: 600v current: (used with 16 awg) contact resistance: 10m ? max. dielectric withstanding voltage: 1500v insulation resistance: 1000 m ? min. mechanical insertion force to pcb: 5.0kg max. mating force: 0.7kg (1.54 lb) max. unmating force: 0.35kg (0.7 lb) min. normal force: 200g min. durability: 30 cycles physical housing: 6/6 nylon, ul 94v-2 or 94v-0 contact: brass or phosphor bronze plating: tin, select gold or overall gold operating temperature: -40 to +105?c circuits 2? 4? 7?0 12?4 amperes-bmi 9 8 7 6 catalog drawing (for reference only) ordering information and dimensions ?us standard product, available through molex franchised distributors with drain holes circuits order no. dimension tin plated gold plated 94v-2 94v-0 94v-2 94v-0 a b c 4 ?5-24-6046 ?5-24-6047 ?5-28-6046 ?5-28-6047 17.40 (.685) 4.20 (.170) 13.60 (.535) 6 ?5-24-6066 ?5-28-6066 21.60 (.850) 8.40 (.330) 17.80 (.701) 10 ?5-24-6106 ?5-24-6107 ?5-28-6106 ?5-28-6107 30.00 (1.181) 16.80 (.660) 26.20 (1.031) 14 ?5-24-6146 ?5-24-6147 ?5-28-6146 ?5-28-6147 38.40 (1.512) 25.20 (.990) 34.60 (1.362) 18 ?5-24-6186 ?5-24-6187 ?5-28-6186 ?5-28-6187 46.80 (1.843) 33.60 (1.320) 43.00 (1.693) 24 ?5-24-6246 ?5-24-6247 ?5-28-6246 ?5-28-6247 59.40 (2.339) 46.20 (1.820) 55.60 (2.189) without drain holes circuits order no. dimension tin plated gold plated 94v-2 94v-0 94v-2 94v-0 a b c 4 15-24-6041 ?15-24-6042 ?15-28-6041 ?15-28-6042 17.40 (.685) 4.20 (.170) 13.60 (.535) 6 21.60 (.850) 8.40 (.330) 17.80 (.701) 10 ?15-24-6101 ?15-24-6102 ?15-28-6101 ?15-28-6102 30.00 (1.181) 16.80 (.660) 26.20 (1.031) 14 ?15-24-6141 ?15-24-6142 ?15-28-6141 ?15-28-6142 38.40 (1.512) 25.20 (.990) 34.60 (1.362) 16 ?15-24-6161 ?15-28-6161 42.60 (1.677) 29.40 (1.160) 38.80 (1.528) 18 ?15-24-6181 ?15-24-6182 ?15-28-6181 ?15-28-6182 46.80 (1.843) 33.60 (1.320) 43.00 (1.693) 24 ?15-24-6241 ?15-24-6242 ?15-28-6241 ?15-28-6242 59.40 (2.339) 46.20 (1.820) 55.60 (2.189)








▲Up To Search▲   

 
Price & Availability of 15-28-6247

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X