Part Number Hot Search : 
LM270 SDZ16VCG DMB400B DMB400B WP7113 D64F26 CSR0603 F3002
Product Description
Full Text Search
 

To Download UTT25P06L-TN3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd utt25p06 preliminary power mosfet www.unisonic.com.tw 1 of 3 copyright ? 2011 unisonic technologies co., ltd qw-r502-595.a ? 60 v, ? 27.5 a p-channel power mosfet ? description the utc utt25p06 is a p-channel power mosfet using utc?s advanced technology to provide the customers with high switching speed and a minimum on-state resist ance, and it can also withstand high energy in the avalanche. this utc utt25p06 is suitable for power supplies, converters, pwm motor controls and bridge circuits, etc. ? features * v ds = -60v * i d = -27.5a * r ds(on) =0.065 ? @ v gs =-10v, i d =-12.5a; * r ds(on) =0.070 ? @ v gs =-10v, i d =-25a * high switching speed ? symbol ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing UTT25P06L-TN3-R utt25p06g-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source
utt25p06 preliminary power mosfet unisonic technologies co., ltd 2 of 3 www.unisonic.com.tw qw-r502-595.a ? absolute maximum ratings (t j =25c, unless otherwise noted) parameter symbol ratings unit drain-source voltage v dss -60 v continuous v gs 15 v gate-source voltage non ? repetitive (t p 10ms) v gsm 20 v continuous @ t a =25c i d 27.5 a drain current pulsed (t p 10 s) i dm 80 a power dissipation @t a =25c p d 120 w avalanche energy (v dd =25v, v gs =10v, i l(pk) =20a, l=3mh, r g =25 ? ) e as 600 mj junction temperature t j +175 c storage temperature t stg -55~+175 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. when surface mounted to an fr4 boar d using 1" pad size (cu area 1.127 in 2 ). 3. when surface mounted to an fr4 board using t he minimum recommended pad size (cu area 0.412 in 2 ). ? thermal characteristics parameter symbol ratings unit 46.8 (note 2) junction to ambient ja 63.2 (note 3) c/w junction to case jc 1.25 c/w
utt25p06 preliminary power mosfet unisonic technologies co., ltd 3 of 3 www.unisonic.com.tw qw-r502-595.a ? electrical characteristics (t c =25c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics i d =-250a, v gs =0v -60 v drain-source breakdown voltage (note 1) bv dss positive temperature coefficient 64 mv/c v gs =0v, v ds = ? 60v, t j =25c -10 drain-source leakage current i dss v gs =0v, v ds = ? 60v, t j =150c -100 a forward v gs =+15v, v ds =0v +100 na gate- source leakage current reverse i gss v gs =-15v, v ds =0v -100 na on characteristics (note 1) v ds =v gs , i d =-250a -2.0 -2.8 -4.0 v gate threshold voltage v gs(th) negative threshold temperature coefficient 6.2 mv/c v gs =-10v, i d =-12.5a 0.065 0.075 static drain-source on-state resistance r ds(on) v gs =-10v, i d =-25a 0.070 0.082 ? dynamic parameters input capacitance c iss 1200 1680 pf output capacitance c oss 345 480 pf reverse transfer capacitance c rss v gs =0v, v ds =-25v, f=1.0mhz 90 180 pf switching parameters (note 1, 2) total gate charge q g 33 50 nc gate to source charge q gs 6.5 nc gate to drain charge q gd v gs =-10v, v ds =-48v, i d =-25a 15 nc turn-on delay time t d(on) 14 24 ns rise time t r 72 118 ns turn-off delay time t d(off) 43 68 ns fall-time t f v dd =-30v, i d =-25a, v gs =-10v, r g =9.1 ? 190 320 ns source- drain diode ratings and characteristics (note 3) i s =-25a, v gs =0v -1.8 -2.5 drain-source diode forward voltage v sd i s =-25 a, v gs =0v, t j =150c -1.4 v body diode reverse recovery time t rr i s =-25a, v gs =0v, dl s /dt=100a/s 70 ns body diode reverse recovery charge q rr 0.2 c notes: 1. indicates pulse test: pulse width 300s, duty cycle 2%. 2. switching characteristics are indepen dent of operating junction temperatures. utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior wr itten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UTT25P06L-TN3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X